Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N1488 Datasheet(PDF) 1 Page - Microsemi Corporation

Part No. 2N1488
Description  NPN SILICON HIGH POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo 

   
 1 page
background image
TECHNICAL DATA
NPN SILICON HIGH POWER TRANSISTOR
Qualified per MIL-PRF-19500/208
Devices
Qualified Level
2N1487
2N1488
2N1489
2N1490
MAXIMUM RATINGS
Ratings
Symbol
2N1487
2N1498
2N1488
2N1490
Unit
Collector-Emitter Voltage
VCEO
40
55
Vdc
Collector-Base Voltage
VCBO
60
100
Vdc
Collector-Emitter Voltage
VCEX
60
100
Vdc
Emitter-Base Voltage
VEBO
10
Vdc
Base Current
IB
3.0
Adc
Collector Current
IC
6.0
Adc
Total Power Dissipation
@ TC = 25
0C (1)
PT
75
W
Operating & Storage Junction Temperature Range
TJ, Tstg
-65 to +200
0C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max.
Unit
Thermal Resistance, Junction-to-Case
RθJC
2.33
0C/W
1) Derate linearly @ 0.429 W/
0C for TC > 250C
TO-33*
(TO-204AA)
*See Appendix A for
Package Outline
ELECTRICAL CHARACTERISTICS (TC = 25
0C unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
IC = 100 mAdc
2N1487, 2N1489
2N1488, 2N1490
V(BR)CEO
40
55
Vdc
Collector-Emitter Breakdown Voltage
IC = 200 µAdc
2N1487, 2N1489
2N1488, 2N1490
V(BR)CBO
60
100
Vdc
Collector-Emitter Breakdown Voltage
IC = 0.5 mAdc, VEB = 1.5 Vdc
2N1487, 2N1489
2N1488, 2N1490
V(BR)CEX
60
100
Vdc
Collector-Base Cutoff Current
VCB = 30 Vdc
ICBO
25
µAdc
Emitter-Base Cutoff Current
VEB = 10 Vdc
IEBO
25
µAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CD13002NPN SILICON PLANAR EPITAXIAL HIGH VOLTAGE FAST SWITCHING POWER TRANSISTOR 1 2 3 4 List of Unclassifed Manufacturers
NTE267Silicon NPN Transistor High Gain Darlington Power Amp Switch 1 2 NTE Electronics
FZT692BNPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR 1 2 Zetex Semiconductors
BUL50AADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR 1 2 Seme LAB
BUL57AADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR 1 2 Seme LAB
BUL72BADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR 1 2 Seme LAB
2N7370NPN DARLINGTON HIGH POWER SILICON TRANSISTOR 1 2 Microsemi Corporation
NTE75Silicon NPN Transistor High Power Amplifier Switch Stud Mount 1 2 NTE Electronics
2N5886HIGH CURRENT SILICON NPN POWER TRANSISTOR 1 2 3 4 STMicroelectronics
BUX80HIGH VOLTAGE NPN SILICON POWER TRANSISTOR 1 2 3 4 STMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl