Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS801U Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS801U
Description  ANALOG-TO-DIGITAL CONVERTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS801U Datasheet(HTML) 3 Page - Texas Instruments

  ADS801U Datasheet HTML 1Page - Texas Instruments ADS801U Datasheet HTML 2Page - Texas Instruments ADS801U Datasheet HTML 3Page - Texas Instruments ADS801U Datasheet HTML 4Page - Texas Instruments ADS801U Datasheet HTML 5Page - Texas Instruments ADS801U Datasheet HTML 6Page - Texas Instruments ADS801U Datasheet HTML 7Page - Texas Instruments ADS801U Datasheet HTML 8Page - Texas Instruments ADS801U Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ADS801
3
SBAS036B
www.ti.com
ELECTRICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = +5V, Sampling Rate = 25MHz, and with a 50% duty cycle clock having a 2ns rise-and-fall time, unless otherwise noted.
NOTES: (1) dBFS refers to dB below Full-Scale. (2) Percentage accuracies are referred to the internal A/D converter Full-Scale Range of 4Vp-p. (3) IMD is referred
to the larger of the two input signals. If referred to the peak envelope signal (
≈0dB), the intermodulation products will be 7dB lower. (4) No “rollover” of bits.
ADS800U
PARAMETER
CONDITIONS
TEMP
MIN
TYP
MAX
UNITS
DYNAMIC CHARACTERISTICS (Cont.)
2-Tone Intermodulation Distortion (IMD)(3)
f = 4.4MHz and 4.5MHz (–7dBFS each tone)
+25
°C
–64
dBc
Full
–63
dBc
Signal-to-Noise Ratio (SNR)
f = 500kHz (–1dBFS input)
+25
°C64
66
dB
Full
61
64
dB
f = 10MHz (–1dBFS input)
+25
°C62
65
dB
Full
58
64
dB
Signal-to-(Noise + Distortion) (SINAD)
f = 500kHz (–1dBFS input)
+25
°C63
66
dB
Full
60
63
dB
f = 10MHz (–1dBFS input)
+25
°C56
59
dB
Full
54
58
dB
Differential Gain Error
NTSC or PAL
+25
°C
0.5
%
Differential Phase Error
NTSC or PAL
+25
°C
0.1
degrees
Aperture Delay Time
+25
°C2
ns
Aperture Jitter
+25
°C
7
ps rms
Over-Voltage Recovery Time(4)
1.5x Full-Scale Input
+25
°C2
ns
OUTPUTS
Logic Family
TTL/HCT Compatible CMOS
Logic Coding
Logic Selectable
Falling Edge
Logic Levels
Logic LOW,
Full
0
0.4
V
CL = 15pF max
Logic HIGH,
Full
+2.5
+VS
V
CL = 15pF max
3-State Enable Time
20
40
ns
3-State Disable Time
Full
2
10
ns
POWER-SUPPLY REQUIREMENTS
Supply Voltage: +VS
Operating
Full
+4.75
+5.0
+5.25
V
Supply Current: +IS
Operating
+25
°C54
65
mA
Operating
Full
54
68
mA
Power Consumption
Operating
+25
°C
270
325
mW
Operating
Full
270
340
mW
Thermal Resistance,
θ
JA
SO-28
75
°C/W


Similar Part No. - ADS801U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS801U BURR-BROWN-ADS801U Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS801U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com