Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECWF4114HLB Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # ECWF4114HLB
Description  Metallized Polypropylene Film Capacitor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWF4114HLB Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button ECWF4114HLB Datasheet HTML 2Page - Panasonic Semiconductor ECWF4114HLB Datasheet HTML 3Page - Panasonic Semiconductor ECWF4114HLB Datasheet HTML 4Page - Panasonic Semiconductor ECWF4114HLB Datasheet HTML 5Page - Panasonic Semiconductor ECWF4114HLB Datasheet HTML 6Page - Panasonic Semiconductor ECWF4114HLB Datasheet HTML 7Page - Panasonic Semiconductor ECWF4114HLB Datasheet HTML 8Page - Panasonic Semiconductor ECWF4114HLB Datasheet HTML 9Page - Panasonic Semiconductor ECWF4114HLB Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Applicable Specifications
Frequency(kHz)
ECWF(L) Type 450VDC series
* Please consult Panasonic if your condition exceeds the above
*The current(0-P) value is calculated using nominal capacitance.
*When you use this product, peak voltage must not exceed DC rated voltage.
Current Derating by Temperature
Pulse Handling Capability (dv/dt)
(Max 10000cycles)
(Metallized Polypropylene Film)
Capacitor surface temperature (°C)
0
1
2
3
4
5
6
7
8
9
10
60
70
80
90
100
110
Self-temperature rise by Temperature
Capacitor surface temperature (°C)
Capacitance
Value(uF)
code
dV/dt
(V/us)
Current(0-P)
(A)
Capacitance
Value(uF)
code
dV/dt
(V/us)
Current(0-P)
(A)
0.022
223
412
9.1
0.27
274
154
41.6
0.027
273
412
11.1
0.33
334
154
50.8
0.033
333
412
13.6
0.39
394
154
60.1
0.039
393
283
11.0
0.47
474
154
72.4
0.047
473
283
13.3
0.56
564
136
76.2
0.056
563
283
15.8
0.68
684
136
92.5
0.068
683
283
19.2
0.82
824
113
92.7
0.082
823
283
23.2
1.00
105
113
113.0
0.10
104
200
20.0
1.20
125
85
102.0
0.12
124
200
24.0
1.50
155
85
127.5
0.15
154
200
30.0
1.80
185
85
153.0
0.18
184
200
36.0
2.20
225
85
187.0
0.22
224
200
44.0
2.40
245
85
204.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
10
100
1000
0
10
20
30
40
50
60
70
80
90
100
60
70
80
90
100
110
Permissible Current
2.2µF
1.5µF
1.0µF
0.68µF
0.47µF
0.33µF
0.22µF
0.15µF
0.10µF
0.068µF
0.047µF
0.033µF
0.022µF
Caution : When capacitance is 1.1uF or more, use at 85°C or less in temperature.


Similar Part No. - ECWF4114HLB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWF4114HLC PANASONIC-ECWF4114HLC Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
More results

Similar Description - ECWF4114HLB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1837410011 VISHAY-MKP1837410011 Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
logo
Panasonic Semiconductor
ECWF4223MLL PANASONIC-ECWF4223MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
C4BSPBX4200ZBMJ KEMET-C4BSPBX4200ZBMJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
R46KI333000P2M KEMET-R46KI333000P2M Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
R474W422050A1K KEMET-R474W422050A1K Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
C4BSNBX4150ZBJJ KEMET-C4BSNBX4150ZBJJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com