Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMB5914BT3 Datasheet(PDF) 6 Page - ON Semiconductor

Part # 1SMB5914BT3
Description  3 Watt Plastic Surface Mount Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1SMB5914BT3 Datasheet(HTML) 6 Page - ON Semiconductor

  1SMB5914BT3 Datasheet HTML 1Page - ON Semiconductor 1SMB5914BT3 Datasheet HTML 2Page - ON Semiconductor 1SMB5914BT3 Datasheet HTML 3Page - ON Semiconductor 1SMB5914BT3 Datasheet HTML 4Page - ON Semiconductor 1SMB5914BT3 Datasheet HTML 5Page - ON Semiconductor 1SMB5914BT3 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
1SMB5913BT3 Series
http://onsemi.com
6
OUTLINE DIMENSIONS
SMB
DO−214AA
CASE 403A−03
ISSUE D
A
S
D
B
J
P
K
C
H
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. D DIMENSION SHALL BE MEASURED WITHIN
DIMENSION P.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.160
0.180
4.06
4.57
B
0.130
0.150
3.30
3.81
C
0.075
0.095
1.90
2.41
D
0.077
0.083
1.96
2.11
H 0.0020 0.0060
0.051
0.152
J
0.006
0.012
0.15
0.30
K
0.030
0.050
0.76
1.27
P
0.020 REF
0.51 REF
S
0.205
0.220
5.21
5.59
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
mm
inches
SCALE 8:1
2.743
0.108
2.159
0.085
2.261
0.089
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Japan: ON Semiconductor, Japan Customer Focus Center
2−9−1 Kamimeguro, Meguro−ku, Tokyo, Japan 153−0051
Phone: 81−3−5773−3850
1SMB5913BT3/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 61312, Phoenix, Arizona 85082−1312 USA
Phone: 480−829−7710 or 800−344−3860 Toll Free USA/Canada
Fax: 480−829−7709 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: http://onsemi.com
Order Literature: http://www.onsemi.com/litorder
For additional information, please contact your
local Sales Representative.


Similar Part No. - 1SMB5914BT3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1SMB5914BT3 MOTOROLA-1SMB5914BT3 Datasheet
60Kb / 4P
   PLASTIC SURFACE MOUNT ZENER DIODES 3 WATTS 3.3.200 VOLTS
logo
ON Semiconductor
1SMB5914BT3 ONSEMI-1SMB5914BT3 Datasheet
72Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
July, 2006 ??Rev. 6
1SMB5914BT3G ONSEMI-1SMB5914BT3G Datasheet
72Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
July, 2006 ??Rev. 6
1SMB5914BT3G ONSEMI-1SMB5914BT3G Datasheet
168Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
January, 2012 ??Rev. 8
1SMB5914BT3G ONSEMI-1SMB5914BT3G Datasheet
80Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2016 ??Rev. 9
More results

Similar Description - 1SMB5914BT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1SMB5956BT3G ONSEMI-1SMB5956BT3G Datasheet
168Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
January, 2012 ??Rev. 8
1SMB59XXBT3G ONSEMI-1SMB59XXBT3G Datasheet
154Kb / 7P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2016 ??Rev. 9
1SMB5913BT3 ONSEMI-1SMB5913BT3_16 Datasheet
80Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2016 ??Rev. 9
1SMB5913BT3 ONSEMI-1SMB5913BT3_06 Datasheet
72Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
July, 2006 ??Rev. 6
SZ1SMB5936T3G ONSEMI-SZ1SMB5936T3G Datasheet
168Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
January, 2012 ??Rev. 8
1SMA5913BT3 ONSEMI-1SMA5913BT3_07 Datasheet
68Kb / 5P
   1.5 Watt Plastic Surface Mount Zener Voltage Regulators
March, 2007 ??Rev. 6
1SMA5929 ONSEMI-1SMA5929 Datasheet
82Kb / 6P
   1.5 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2004 ??Rev. 4
1SMA5913BT3 ONSEMI-1SMA5913BT3 Datasheet
77Kb / 5P
   1.5 Watt Plastic Surface Mount Zener Voltage Regulators
August, 2016 ??Rev. 10
logo
Cystech Electonics Corp...
ZMM55CXXSM CYSTEKEC-ZMM55CXXSM Datasheet
132Kb / 3P
   Surface Mount Zener Voltage Regulators
logo
SHIKUES Electronics
1SMB5913BG SKTECHNOLGY-1SMB5913BG Datasheet
364Kb / 4P
   Surface Mount Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com