Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP301LSN27T1 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP301LSN27T1
Description  Voltage Detector Series
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP301LSN27T1 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP301LSN27T1 Datasheet HTML 3Page - ON Semiconductor NCP301LSN27T1 Datasheet HTML 4Page - ON Semiconductor NCP301LSN27T1 Datasheet HTML 5Page - ON Semiconductor NCP301LSN27T1 Datasheet HTML 6Page - ON Semiconductor NCP301LSN27T1 Datasheet HTML 7Page - ON Semiconductor NCP301LSN27T1 Datasheet HTML 8Page - ON Semiconductor NCP301LSN27T1 Datasheet HTML 9Page - ON Semiconductor NCP301LSN27T1 Datasheet HTML 10Page - ON Semiconductor NCP301LSN27T1 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
NCP300, NCP301
http://onsemi.com
7
Input Voltage, Pin 2
Reset Output Voltage, Pin 1
Figure 2. Propagation Delay Measurement Conditions
0.7
0 V
5 V
0 V
0.5 V
2.5 V
NCP300L
Complementary
NCP301L
Open Drain
tpLH
tpHL
0.1 V
Reset Output Voltage, Pin 1
0 V
VDET+ + 2
VDET+ + 2
VDET+ + 2
2
NCP300 and NCP301 series are measured with a 10 pF capacitive load. NCP301 has an additional 470 k pull−up resistor con-
nected from the reset output to +5.0 V. The reset output voltage waveforms are shown for the active low ‘L’ devices. The upper
detector threshold, VDET+ is the sum of the lower detector threshold, VDET− plus the input hysteresis, VHYS.


Similar Part No. - NCP301LSN27T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP301LSN27T1 ONSEMI-NCP301LSN27T1 Datasheet
164Kb / 25P
   Voltage Detector Series
February, 2007 ??Rev. 22
NCP301LSN27T1 ONSEMI-NCP301LSN27T1 Datasheet
222Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP301LSN27T1G ONSEMI-NCP301LSN27T1G Datasheet
164Kb / 25P
   Voltage Detector Series
February, 2007 ??Rev. 22
NCP301LSN27T1G ONSEMI-NCP301LSN27T1G Datasheet
170Kb / 25P
   Voltage Detector Series
May, 2016 ??Rev. 29
NCP301LSN27T1G ONSEMI-NCP301LSN27T1G Datasheet
171Kb / 25P
   Voltage Detector Series
October, 2017 ??Rev. 30
More results

Similar Description - NCP301LSN27T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP304A ONSEMI-NCP304A Datasheet
110Kb / 6P
   Voltage Detector Series
September, 2008 ??Rev. 1
NCP302 ONSEMI-NCP302_14 Datasheet
177Kb / 26P
   Voltage Detector Series
May, 2014 ??Rev. 26
NCP304 ONSEMI-NCP304_15 Datasheet
155Kb / 21P
   Voltage Detector Series
May, 2015 ??Rev. 25
NCP304 ONSEMI-NCP304 Datasheet
163Kb / 24P
   Voltage Detector Series
March, 2005 ??Rev. 16
NCP304 ONSEMI-NCP304_06 Datasheet
169Kb / 23P
   Voltage Detector Series
May, 2006 ??Rev. 18
NCP300 ONSEMI-NCP300_17 Datasheet
171Kb / 25P
   Voltage Detector Series
October, 2017 ??Rev. 30
NCP300 ONSEMI-NCP300_16 Datasheet
170Kb / 25P
   Voltage Detector Series
May, 2016 ??Rev. 29
NCV301HSN27T1G ONSEMI-NCV301HSN27T1G Datasheet
222Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP301LSN24T1G ONSEMI-NCP301LSN24T1G Datasheet
253Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP300 ONSEMI-NCP300_07 Datasheet
164Kb / 25P
   Voltage Detector Series
February, 2007 ??Rev. 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com