Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AC11286DR Datasheet(PDF) 2 Page - Texas Instruments

Part # 74AC11286DR
Description  9-BIT PARITY GENERATOR/CHECKER WITH BUS DRIVER PARITY I/O PORTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11286DR Datasheet(HTML) 2 Page - Texas Instruments

  74AC11286DR Datasheet HTML 1Page - Texas Instruments 74AC11286DR Datasheet HTML 2Page - Texas Instruments 74AC11286DR Datasheet HTML 3Page - Texas Instruments 74AC11286DR Datasheet HTML 4Page - Texas Instruments 74AC11286DR Datasheet HTML 5Page - Texas Instruments 74AC11286DR Datasheet HTML 6Page - Texas Instruments 74AC11286DR Datasheet HTML 7Page - Texas Instruments 74AC11286DR Datasheet HTML 8Page - Texas Instruments 74AC11286DR Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
74AC11286
9-BIT PARITY GENERATOR/CHECKER
WITH BUS DRIVER PARITY I/O PORTS
SCAS068A – AUGUST 1988 – REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
2–2
logic symbol
2k
2, 1
N2
1
EN 1
XMIT
I
H
G
F
E
D
C
B
A
6
7
8
9
10
12
13
14
1
2
PARITY ERROR
PARITY I/O
5
3
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
logic diagram (positive logic)
XMIT
I/O
PARITY
I
H
G
F
E
D
C
B
A
6
3
7
8
9
10
12
13
14
1
2
ERROR
PARITY
5
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
– 0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 1)
– 0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC)
± 20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC)
± 50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
± 50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
± 100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: The input and output voltage ratings may be exceeded if the input and output current ratings are observed.


Similar Part No. - 74AC11286DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11286DR TI-74AC11286DR Datasheet
94Kb / 7P
[Old version datasheet]   9-BIT PARITY GENERATOR/CHECKER WITH BUS DRIVER PARITY I/O PORTS
More results

Similar Description - 74AC11286DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11286 TI-74AC11286 Datasheet
94Kb / 7P
[Old version datasheet]   9-BIT PARITY GENERATOR/CHECKER WITH BUS DRIVER PARITY I/O PORTS
74ACT11286 TI-74ACT11286 Datasheet
99Kb / 6P
[Old version datasheet]   9-BIT PARITY GENERATOR/CHECKER WITH BUS DRIVER PARITY I/O PORTS
logo
Fairchild Semiconductor
DM74AS286 FAIRCHILD-DM74AS286 Datasheet
64Kb / 7P
   9-Bit Parity Generator/Checker with Bus-Driver Parity I/O Port
74F280SCX FAIRCHILD-74F280SCX Datasheet
77Kb / 6P
   9-Bit Parity Generator/Checker
logo
National Semiconductor ...
54AC280 NSC-54AC280 Datasheet
183Kb / 6P
   9-Bit Parity Generator/Checker
logo
Fairchild Semiconductor
74AC280 FAIRCHILD-74AC280 Datasheet
65Kb / 6P
   9-Bit Parity Generator/Checker
DM74S280 FAIRCHILD-DM74S280 Datasheet
62Kb / 5P
   9-Bit Parity Generator/Checker
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
   9-bit Parity Generator/Checker
logo
Texas Instruments
74AC11280 TI1-74AC11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATOR/CHECKER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com