Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AC11244DB Datasheet(PDF) 4 Page - Texas Instruments

Part # 74AC11244DB
Description  OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11244DB Datasheet(HTML) 4 Page - Texas Instruments

  74AC11244DB Datasheet HTML 1Page - Texas Instruments 74AC11244DB Datasheet HTML 2Page - Texas Instruments 74AC11244DB Datasheet HTML 3Page - Texas Instruments 74AC11244DB Datasheet HTML 4Page - Texas Instruments 74AC11244DB Datasheet HTML 5Page - Texas Instruments 74AC11244DB Datasheet HTML 6Page - Texas Instruments 74AC11244DB Datasheet HTML 7Page - Texas Instruments 74AC11244DB Datasheet HTML 8Page - Texas Instruments 74AC11244DB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
74AC11244
OCTAL BUFFER/DRIVER
WITH 3-STATE OUTPUTS
SCAS171B – MARCH 1987 – REVISED SEPTEMBER 1998
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
A
Y
1.5
7.1
9.3
1.5
10.2
ns
tPHL
A
Y
1.5
6.3
8.6
1.5
9.5
ns
tPZH
OE
Y
1.5
8
10.7
1.5
11.8
ns
tPZL
OE
Y
1.5
7.9
10.6
1.5
11.9
ns
tPHZ
OE
Y
1.5
5.9
7.9
1.5
8.3
ns
tPLZ
OE
Y
1.5
7.2
9.4
1.5
9.9
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
A
Y
1.5
4.9
6.7
1.5
7.3
ns
tPHL
A
Y
1.5
4.5
6.4
1.5
6.9
ns
tPZH
OE
Y
1.5
5.4
7.7
1.5
8.5
ns
tPZL
OE
Y
1.5
5.4
7.6
1.5
8.5
ns
tPHZ
OE
Y
1.5
5.2
7
1.5
7.3
ns
tPLZ
OE
Y
1.5
5.8
7.8
1.5
8.2
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
C d
Power dissipation capacitance per buffer/driver
Outputs enabled
CL =50 pF
f=1MHz
27
pF
Cpd
Power dissipation capacitance per buffer/driver
Outputs disabled
CL = 50 pF,
f = 1 MHz
9
pF


Similar Part No. - 74AC11244DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11244DB TI-74AC11244DB Datasheet
91Kb / 6P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 1998
74AC11244DBLE TI-74AC11244DBLE Datasheet
91Kb / 6P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 1998
74AC11244DBR TI-74AC11244DBR Datasheet
91Kb / 6P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 1998
More results

Similar Description - 74AC11244DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11244 TI-74AC11244 Datasheet
91Kb / 6P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 1998
SN74AS230A TI-SN74AS230A Datasheet
80Kb / 5P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT244 TI1-SN64BCT244_16 Datasheet
1,002Kb / 12P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT541A TI1-SN64BCT541A_16 Datasheet
495Kb / 10P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC540A-Q1 TI1-SN74LVC540A-Q1_16 Datasheet
1Mb / 15P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC240A TI-SN74LVC240A_08 Datasheet
416Kb / 14P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHC244-EP TI1-SN74AHC244-EP Datasheet
448Kb / 10P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT244-Q1 TI1-SN74AHCT244-Q1 Datasheet
596Kb / 13P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT541-EP TI1-SN74AHCT541-EP Datasheet
715Kb / 13P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVC244-EP TI1-SN74ALVC244-EP Datasheet
488Kb / 11P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com