Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP1839100224631R Datasheet(PDF) 7 Page - Vishay Siliconix

Part # MKP1839100224631R
Description  AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1839100224631R Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button MKP1839100224631R Datasheet HTML 3Page - Vishay Siliconix MKP1839100224631R Datasheet HTML 4Page - Vishay Siliconix MKP1839100224631R Datasheet HTML 5Page - Vishay Siliconix MKP1839100224631R Datasheet HTML 6Page - Vishay Siliconix MKP1839100224631R Datasheet HTML 7Page - Vishay Siliconix MKP1839100224631R Datasheet HTML 8Page - Vishay Siliconix MKP1839100224631R Datasheet HTML 9Page - Vishay Siliconix MKP1839100224631R Datasheet HTML 10Page - Vishay Siliconix MKP1839100224631R Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MKP1839
www.vishay.com
Vishay Roederstein
Revision: 10-Dec-13
7
Document Number: 26022
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
HEAT CONDUCTIVITY (G) AS A FUNCTION OF ORIGINAL PITCH AND CAPACITOR BODY
THICKNESS IN mW/°C
DIAMETER
(mm)
HEAT CONDUCTIVITY (mW/°C)
L = 11 mm
L = 14 mm
L = 19 mm
L = 26.5 mm
L = 31.5 mm
L = 41.5 mm
5.0
2
345
68
5.5
3
346
79
6.0
3
457
8
10
6.5
3
457
9
11
7.0
4
568
9
12
7.5
4
5
7
9
10
13
8.0
4
5
7
10
11
15
8.5
5
6
8
10
12
16
9.0
5
6
8
11
13
17
9.5
6
7
9
12
14
18
10.0
6
7
1013
1519
10.5
7
8
1014
1620
11.0
7
8
1114
1721
11.5
8
9
1215
1823
12.0
8
10
12
16
19
24
12.5
9
10
13
17
20
25
13.0
9
11
14
18
21
26
13.5
1011
14
1922
28
14.0
1012
15
2023
29
14.5
1113
16
2124
30
15.0
1113
16
2125
31
15.5
1214
17
2226
33
16.0
1214
18
2327
34
16.5
1315
19
2428
35
17.0
1416
20
2529
37
17.5
1417
20
2630
38
18.0
1517
21
2731
39
18.5
1518
22
2832
41
19.0
1619
23
2934
42
19.5
1719
24
3035
43
20.0
1720
25
3136
45
20.5
1821
25
3237
46
21.0
1922
26
3338
48
21.5
2022
27
3539
49
22.0
2023
28
3641
50
22.5
2124
29
3742
52
23.0
2225
30
3843
53
23.5
2326
31
3944
55
24.0
2327
32
4046
56
24.5
2427
33
4147
58
25.0
2528
34
4248
59
25.5
2629
35
4449
61
26.0
2730
36
4551
62
26.5
2731
37
4652
64
27.0
2832
38
4753
66
27.5
2933
39
4855
67
28.0
3034
40
5056
69
28.5
3135
41
5157
70


Similar Part No. - MKP1839100224631R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1839 VISHAY-MKP1839 Datasheet
47Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1839 VISHAY-MKP1839 Datasheet
126Kb / 11P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 22-Oct-08
MKP1839-422-403-G VISHAY-MKP1839-422-403-G Datasheet
47Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1839-422-403-R VISHAY-MKP1839-422-403-R Datasheet
47Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1839-522-403 VISHAY-MKP1839-522-403 Datasheet
47Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
More results

Similar Description - MKP1839100224631R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1839 VISHAY-MKP1839_08 Datasheet
126Kb / 11P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 22-Oct-08
MKP1839HQ VISHAY-MKP1839HQ Datasheet
126Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 21-Apr-10
MKP1839HQ VISHAY-MKP1839HQ_12 Datasheet
133Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 21-Dec-15
MKP378 VISHAY-MKP378 Datasheet
115Kb / 9P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP/MKP Radial Potted Type
Revision: 21-Nov-05
MKP385 VISHAY-MKP385_08 Datasheet
136Kb / 15P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 13-Oct-08
MKP379 VISHAY-MKP379 Datasheet
142Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 10-Sep-03
MKP380 VISHAY-MKP380 Datasheet
244Kb / 8P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
1840310-4 VISHAY-1840310-4 Datasheet
86Kb / 4P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 30-Nov-10
MKP1840310104M VISHAY-MKP1840310104M Datasheet
133Kb / 13P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 01-Jul-10
MKP385 VISHAY-MKP385_15 Datasheet
181Kb / 18P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 03-Jun-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com