Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0734066181 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0734066181
Description  50 Ohms, SMP Plug, PCB Edge Mount, 50 Ohms, Limited Detent
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0734066181 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0734066181 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 03/02/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0734066181
Status:
Active
Overview:
SMPM and SMP RF Connectors
Description:
50 Ohms, SMP Plug, PCB Edge Mount, 50 Ohms, Limited Detent
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-89675-332 (PDF)
General
Product Family
RF/Coax Connectors
Series
73406
Overview
SMPM and SMP RF Connectors
Product Name
SMP
Style
PCB
UPC
887191046020
Wire/Cable Type
N/A
Physical
Cable Attachment
N/A
Gender
Plug
Keying to Mating Part
None
Orientation
Straight
PCB Mounting
Edge Mount
Packaging Type
Embossed Tape on Reel
Panel Mount
No
Panel Mount Method
N/A
Electrical
Impedance
50#
Material Info
Reference - Drawing Numbers
Product Specification
PS-89675-332
Sales Drawing
SD-73406-618
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
73406 Series
This document was generated on 03/02/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0734066181

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0734066181 MOLEX-0734066181_V01 Datasheet
50Kb / 1P
   50 Ohms, SMP Plug, PCB Edge Mount, 50 Ohms, Limited Detent
More results

Similar Description - 0734066181

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0734066181 MOLEX-0734066181_V01 Datasheet
50Kb / 1P
   50 Ohms, SMP Plug, PCB Edge Mount, 50 Ohms, Limited Detent
0734153311 MOLEX11-0734153311 Datasheet
76Kb / 1P
   50 Ohms, SMP Vertical PCB Plug, Limited Detent
0734153310 MOLEX11-0734153310 Datasheet
76Kb / 1P
   50 Ohms, SMP Vertical PCB Plug, Limited Detent
0734154280 MOLEX11-0734154280 Datasheet
30Kb / 1P
   50 Ohms, SMP Plug, SMT, Limited Detent
0734066061 MOLEX-0734066061 Datasheet
37Kb / 1P
   50 Ohms, SMP Plug, Right-Angle, PCB Mount, Limited Detent
SD-73415-359 MOLEX-SD-73415-359 Datasheet
239Kb / 3P
   SMP PLUG, PCB EDGEMOUNT 50 OHMS LIMITED DETENT SMP-P/PCB
2022/08/29
0734155720 MOLEX11-0734155720 Datasheet
56Kb / 1P
   50 Ohms, SMP Plug, PCB Edge Mount Full Detent
0853050232 MOLEX11-0853050232 Datasheet
73Kb / 1P
   50 Ohms, SMP Surface Mount Plug, Limited Detent, Tape and Reel
0734156990 MOLEX11-0734156990 Datasheet
33Kb / 1P
   50 Ohms, SMP Male Full Limited Detent Vertical PCB thru SMP-P/PCB
0734156180 MOLEX11-0734156180 Datasheet
23Kb / 1P
   50 Ohms, SMP Surface Mount Plug, Limited Detent, One Piece Per Bag
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com