Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1286PA Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS1286PA
Description  12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1286PA Datasheet(HTML) 4 Page - Texas Instruments

  ADS1286PA Datasheet HTML 1Page - Texas Instruments ADS1286PA Datasheet HTML 2Page - Texas Instruments ADS1286PA Datasheet HTML 3Page - Texas Instruments ADS1286PA Datasheet HTML 4Page - Texas Instruments ADS1286PA Datasheet HTML 5Page - Texas Instruments ADS1286PA Datasheet HTML 6Page - Texas Instruments ADS1286PA Datasheet HTML 7Page - Texas Instruments ADS1286PA Datasheet HTML 8Page - Texas Instruments ADS1286PA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
®
ADS1286
TYPICAL PERFORMANCE CURVES
At TA = +25, VCC = +5V, VREF = +5V, fSAMPLE = 12.5kHz, fCLK = 16 • fSAMPLE, unless otherwise specified.
REFERENCE CURRENT vs TEMPERATURE
4.0
3.5
3.0
2.5
2.0
1.5
1.0
–55
–40
–25
0
25
70
85
Temperature (°C)
CHANGE IN OFFSET vs REFERENCE VOLTAGE
5
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
12345
Reference Voltage (V)
CHANGE IN OFFSET vs TEMPERATURE
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–55
–40
–25
0
25
70
85
Temperature (°C)
CHANGE IN INTEGRAL LINEARITY AND DIFFERENTIAL
LINEARITY vs REFERENCE VOLTAGE
0.10
0.05
0.00
–0.05
–0.10
–0.15
–0.20
12345
Reference Voltage (V)
Change in Differential
Linearity (LSB)
Change in Integral
Linearity (LSB)
CHANGE IN GAIN vs REFERENCE VOLTAGE
4
3.5
3
2.5
2
1.5
1
0.5
0
12345
Reference Voltage (V)
REFERENCE CURRENT vs SAMPLE RATE
2.5
2.0
1.5
1.0
0.5
0
02468
10
12
Sample Rate (kHz)


Similar Part No. - ADS1286PA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1286PA BURR-BROWN-ADS1286PA Datasheet
141Kb / 14P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286PA BURR-BROWN-ADS1286PA Datasheet
479Kb / 18P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1286PA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286 Datasheet
165Kb / 11P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1286 TI1-ADS1286_14 Datasheet
491Kb / 18P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286_06 Datasheet
141Kb / 14P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286 BURR-BROWN-ADS1286_12 Datasheet
479Kb / 18P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7816U TI1-ADS7816U Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7816 BURR-BROWN-ADS7816 Datasheet
226Kb / 13P
   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7816P TI1-ADS7816P Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7816EB TI-ADS7816EB Datasheet
963Kb / 24P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7817 BURR-BROWN-ADS7817 Datasheet
172Kb / 15P
   12-Bit Differential Input Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DAC121C085CIMM TI1-DAC121C085CIMM Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com