Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1110A6IDBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1110A6IDBVT
Description  16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1110A6IDBVT Datasheet(HTML) 1 Page - Texas Instruments

  ADS1110A6IDBVT Datasheet HTML 1Page - Texas Instruments ADS1110A6IDBVT Datasheet HTML 2Page - Texas Instruments ADS1110A6IDBVT Datasheet HTML 3Page - Texas Instruments ADS1110A6IDBVT Datasheet HTML 4Page - Texas Instruments ADS1110A6IDBVT Datasheet HTML 5Page - Texas Instruments ADS1110A6IDBVT Datasheet HTML 6Page - Texas Instruments ADS1110A6IDBVT Datasheet HTML 7Page - Texas Instruments ADS1110A6IDBVT Datasheet HTML 8Page - Texas Instruments ADS1110A6IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
SBAS276A − MARCH 2003 − REVISED NOVEMBER 2003
16-Bit ANALOG-TO-DIGITAL CONVERTER
with Onboard Reference
ADS1110
FEATURES
D COMPLETE DATA ACQUISITION SYSTEM IN
A TINY SOT23-6 PACKAGE
D ONBOARD REFERENCE:
Accuracy: 2.048V
±0.05%
Drift: 5ppm/
°C
D ONBOARD PGA
D ONBOARD OSCILLATOR
D 16-BITS NO MISSING CODES
D INL: 0.01% of FSR max
D CONTINUOUS SELF-CALIBRATION
D SINGLE-CYCLE CONVERSION
D PROGRAMMABLE DATA RATE: 15SPS TO
240SPS
D I2CINTERFACE—EIGHT AVAILABLE
ADDRESSES
D POWER SUPPLY: 2.7V to 5.5V
D LOW CURRENT CONSUMPTION: 240µA
APPLICATIONS
D PORTABLE INSTRUMENTATION
D INDUSTRIAL PROCESS CONTROL
D SMART TRANSMITTERS
D CONSUMER GOODS
D FACTORY AUTOMATION
D TEMPERATURE MEASUREMENT
DESCRIPTION
The ADS1110 is a precision, continuously self−calibrating
Analog-to-Digital (A/D) converter with differential inputs and
up to 16 bits of resolution in a small SOT23-6 package. The
onboard 2.048V reference provides an input range of
±2.048V differentially. The ADS1110 uses an I2C-compatible
serial interface and operates from a single power supply
ranging from 2.7V to 5.5V.
The ADS1110 can perform conversions at rates of 15, 30, 60,
or 240 samples per second. The onboard programmable
gain amplifier (PGA), which offers gains of up to 8, allows
smaller signals to be measured with high resolution. In
single-conversion mode, the ADS1110 automatically powers
down
after
a
conversion,
greatly
reducing
current
consumption during idle periods.
The ADS1110 is designed for applications requiring
high-resolution measurement, where space and power
consumption are major considerations. Typical applications
include portable instrumentation, industrial process control,
and smart transmitters.
www.ti.com
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.


Similar Part No. - ADS1110A6IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1110A6IDBVT TI-ADS1110A6IDBVT Datasheet
520Kb / 17P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110A6IDBVT TI1-ADS1110A6IDBVT Datasheet
742Kb / 22P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
NOVEMBER 2003
ADS1110A6IDBVT TI1-ADS1110A6IDBVT Datasheet
1Mb / 24P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110A6IDBVTG4 TI1-ADS1110A6IDBVTG4 Datasheet
1Mb / 24P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110A6IDBVTG4 TI1-ADS1110A6IDBVTG4 Datasheet
742Kb / 22P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
NOVEMBER 2003
More results

Similar Description - ADS1110A6IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1110 TI1-ADS1110_13 Datasheet
1Mb / 23P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110 TI1-ADS1110_14 Datasheet
1Mb / 24P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110 TI1-ADS1110_10 Datasheet
742Kb / 22P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
NOVEMBER 2003
ADS1110 TI-ADS1110 Datasheet
520Kb / 17P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1112 TI1-ADS1112_14 Datasheet
1Mb / 26P
[Old version datasheet]   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Burr-Brown (TI)
ADS1112 BURR-BROWN-ADS1112 Datasheet
682Kb / 18P
   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
   16 Bit Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com