Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1252UG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1252UG4
Description  24-Bit, 40kHz ANALOG-TO-DIGITAL CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1252UG4 Datasheet(HTML) 2 Page - Texas Instruments

  ADS1252UG4 Datasheet HTML 1Page - Texas Instruments ADS1252UG4 Datasheet HTML 2Page - Texas Instruments ADS1252UG4 Datasheet HTML 3Page - Texas Instruments ADS1252UG4 Datasheet HTML 4Page - Texas Instruments ADS1252UG4 Datasheet HTML 5Page - Texas Instruments ADS1252UG4 Datasheet HTML 6Page - Texas Instruments ADS1252UG4 Datasheet HTML 7Page - Texas Instruments ADS1252UG4 Datasheet HTML 8Page - Texas Instruments ADS1252UG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
ADS1252
2
SBAS127D
www.ti.com
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
ADS1252
SO-8
D
–40
°C to +85°C
ADS1252U
ADS1252U
Rails, 100
""
"
"
"
ADS1252U/2K5
Tape and Reel, 2500
Analog Input: Current ...............................................
±100mA, Momentary
±10mA, Continuous
Voltage .................................... GND – 0.3V to VDD + 0.3V
VDD to GND ............................................................................ –0.3V to 6V
VREF Voltage to GND ............................................... –0.3V to VDD + 0.3V
Digital Input Voltage to GND ................................... –0.3V to VDD + 0.3V
Digital Output Voltage to GND ................................. –0.3V to VDD + 0.3V
Lead Temperature (soldering, 10s) .............................................. +300
°C
Power Dissipation (any package) ................................................. 500mW
NOTE: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
PIN CONFIGURATION
Top View
SO
PIN DESCRIPTIONS
PIN
NAME
PIN DESCRIPTION
1+VIN
Analog Input: Positive Input of the Differen-
tial Analog Input
2
–VIN
Analog Input: Negative Input of the Differ-
ential Analog Input
3+VDD
Input: Power-Supply Voltage, +5V
4
CLK
Digital Input: Device System Clock. The
system clock is in the form of a CMOS-
compatible clock. This is a Schmitt-Trigger
input.
5
DOUT/DRDY
Digital Output: Serial Data Output/Data
Ready. A logic LOW on this output indi-
cates that a new output word is available
from the ADS1252 data output register.
The serial data is clocked out of the serial
data output shift register using SCLK.
6
SCLK
Digital Input: Serial Clock. The serial clock
is in the form of a CMOS-compatible clock.
The serial clock operates independently
from the system clock, therefore, it is pos-
sible to run SCLK at a higher frequency
than CLK. The normal state of SCLK is
LOW. Holding SCLK HIGH will either ini-
tiate a modulator reset for synchronizing
multiple converters or enter power-down
mode. This is a Schmitt-Trigger input.
7
GND
Input: Ground
8VREF
Analog Input: Reference Voltage Input
+V
IN
ADS1252U
GND
–V
IN
V
REF
+V
DD
SCLK
DOUT/DRDY
CLK
1
2
3
4
8
7
6
5
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PACKAGE/ORDERING INFORMATION(1)
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com.


Similar Part No. - ADS1252UG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1252UG4 TI1-ADS1252UG4 Datasheet
351Kb / 22P
[Old version datasheet]   24-Bit, 40kHz ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1252UG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1252 BURR-BROWN-ADS1252 Datasheet
131Kb / 14P
   24-Bit, 40kHz ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1252 TI1-ADS1252_14 Datasheet
351Kb / 22P
[Old version datasheet]   24-Bit, 40kHz ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com