Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS774KUE4 Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS774KUE4
Description  Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS774KUE4 Datasheet(HTML) 2 Page - Texas Instruments

  ADS774KUE4 Datasheet HTML 1Page - Texas Instruments ADS774KUE4 Datasheet HTML 2Page - Texas Instruments ADS774KUE4 Datasheet HTML 3Page - Texas Instruments ADS774KUE4 Datasheet HTML 4Page - Texas Instruments ADS774KUE4 Datasheet HTML 5Page - Texas Instruments ADS774KUE4 Datasheet HTML 6Page - Texas Instruments ADS774KUE4 Datasheet HTML 7Page - Texas Instruments ADS774KUE4 Datasheet HTML 8Page - Texas Instruments ADS774KUE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
®
ADS774
2
SPECIFICATIONS
ELECTRICAL
At TA = TMIN to TMAX , VDD = +5V, VEE = –15V to +5V, sampling frequency of 117kHz, fIN = 10kHz; unless otherwise specified.
ADS774JE, JP, JU
ADS774KE, KP, KU
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
RESOLUTION
12
T
Bits
INPUTS
ANALOG
Voltage Ranges: Unipolar
0 to +10, 0 to +20
V
Bipolar
±5, ±10
V
Impedance:
0 to +10V,
±5V
8.5
12
TT
k
±10V, 0V to +20V
35
50
TT
k
DIGITAL (CE, CS, R/C, AO, 12/8)
Voltages: Logic 1
+2.0
+5.5
TT
V
Logic 0
–0.5
+0.8
TT
V
Current
–5
0.1
+5
TTT
µA
Capacitance
5
T
pF
TRANSFER CHARACTERISTICS
DC ACCURACY
At +25
°C
Linearity Error
±1
±1/2
LSB
Unipolar Offset Error (adjustable to zero)
±2
T
LSB
Bipolar Offset Error (adjustable to zero)
±10
±4
LSB
Full-Scale Calibration Error (1)
±0.25
T
% of FS (2)
(adjustable to zero)
No Missing Codes Resolution
12
12
Bits
TMIN to TMAX (3)
Linearity Error
±1
±1/2
LSB
Full-Scale Calibration Error
±0.47
±0.37
% of FS
Unipolar Offset
±4
±3
LSB
Bipolar Offset
±12
±5
LSB
No Missing Codes Resolution
12
12
Bits
AC ACCURACY (4)
Spurious Free Dynamic Range
73
78
76
T
dB
Total Harmonic Distortion
–77
–72
T
–75
dB
Signal-to-Noise Ratio
69
72
71
T
dB
Signal-to-(Noise + Distortion) Ratio
68
71
70
T
dB
Intermodulation Distortion
–75
T
(FIN1 = 20kHz, FIN2 = 23kHz)
TEMPERATURE COEFFICIENTS (5)
Unipolar Offset
±1
T
ppm/
°C
Bipolar Offset
±2
T
ppm/
°C
Full-Scale Calibration
±12
T
ppm/
°C
POWER SUPPLY SENSITIVITY
Change in Full-Scale Calibration(6)
+4.75V < VDD < +5.25V
Max Change
±1/2
T
LSB
CONVERSION TIME (Including Acquisition Time)
tAQ + tC at 25°C:
8-Bit Cycle
5.5
5.9
TT
µs
12-Bit Cycle
7.5
8
TT
µs
12-Bit Cycle, TMIN to TMAX:
8
8.5
TT
µs
SAMPLING DYNAMICS
Sampling Rate at 25
°C
125
T
kHz
TMIN to TMAX
117
T
kHz
Aperture Delay, tAP
With VEE = +5V
20
T
ns
With VEE = 0V to –15V
1.6
T
µs
Aperture Uncertainty (Jitter)
With VEE = +5V
300
T
ps, r ms
With VEE = 0V to –15V
10
T
ns, r ms
Settling time to 0.01% for
1.4
T
µs
Full-Scale Input Change


Similar Part No. - ADS774KUE4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS774KU BURR-BROWN-ADS774KU Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results

Similar Description - ADS774KUE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS774H TI1-ADS774H Datasheet
609Kb / 23P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS574 TI1-ADS574_14 Datasheet
323Kb / 17P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS774H TI1-ADS774H_13 Datasheet
1Mb / 27P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS574 BURR-BROWN-ADS574 Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS774 BURR-BROWN-ADS774 Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADC574A BURR-BROWN-ADC574A Datasheet
103Kb / 10P
   Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
ADC674 BURR-BROWN-ADC674 Datasheet
56Kb / 6P
   Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
DAC7545 BURR-BROWN-DAC7545 Datasheet
383Kb / 12P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545JP TI1-DAC7545JP Datasheet
383Kb / 12P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC7545 TI1-DAC7545_16 Datasheet
612Kb / 13P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com