Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS774HIDWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS774HIDWR
Description  Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS774HIDWR Datasheet(HTML) 1 Page - Texas Instruments

  ADS774HIDWR Datasheet HTML 1Page - Texas Instruments ADS774HIDWR Datasheet HTML 2Page - Texas Instruments ADS774HIDWR Datasheet HTML 3Page - Texas Instruments ADS774HIDWR Datasheet HTML 4Page - Texas Instruments ADS774HIDWR Datasheet HTML 5Page - Texas Instruments ADS774HIDWR Datasheet HTML 6Page - Texas Instruments ADS774HIDWR Datasheet HTML 7Page - Texas Instruments ADS774HIDWR Datasheet HTML 8Page - Texas Instruments ADS774HIDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
ADS774x
ADS774x
1
FEATURES
DESCRIPTION
APPLICATIONS
Comparator
2.5VReference
Input
CDAC
10VRange
20VRange
Bipolar
Offset
2.5VReference
Output
Control
Inputs
2.5V
Reference
Clock
Successive
Approximation
Register
ControlLogic
Status
Parallel
Data
Output
ADS774H
www.ti.com ................................................................................................................................................................................................ SBAS443 – AUGUST 2009
Microprocessor-Compatible Sampling
CMOS ANALOG-TO-DIGITAL CONVERTER
2
• Drop-In Replacement for the ADS774
The ADS774H is a 12-bit, successive-approximation
analog-to-digital
converter
(ADC)
that
uses
an
• Complete Sampling ADC with Reference,
innovative capacitor array (CDAC) implemented in
Clock, and Microprocessor Interface
low-power CMOS technology. This device is a drop-in
• Fast Acquisition and Conversion: 8.5µs Max
replacement for the ADS774, with internal sampling,
Over Temperature
much lower power consumption, and the ability to
• Eliminates External Sample/Hold in Most
operate from a single +5V supply.
Applications
The ADS774H is complete with an internal clock,
• Ensured AC and DC Performance
microprocessor interface, three-state outputs, and
internal scaling resistors for input ranges of 0V to
• Single +5V Supply Operation
+10V, 0V to +20V, ±5V, or ±10V. The maximum
• Low Power: 120mW Max
throughput time is 8.5
µs over the full operating
• Package Options: SO, 0.6in and 0.3in DIPs(1)
temperature range, including both acquisition and
conversion.
Complete user control over the internal sampling
• Medical Instrumentation
function facilitates elimination of external sample/hold
• Data Acquisition Systems
amplifiers in most existing designs.
• Robotics
The ADS774H requires +5V, with –15V optional. No
• Industrial Control
+15V supply is required. Packages include a 28-pin
• Test Equipment
SO, and 0.3in-wide or 0.6in-wide 28-pin DIPs(1).
• Digital Signal Processing
• DSP Servo Control
(1)
DIP-28 package is product preview.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2009, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS774HIDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS774HIDWR TI1-ADS774HIDWR Datasheet
609Kb / 23P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS774HIDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS774H TI1-ADS774H Datasheet
609Kb / 23P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS574 TI1-ADS574_14 Datasheet
323Kb / 17P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS774 TI1-ADS774 Datasheet
750Kb / 21P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS574 BURR-BROWN-ADS574 Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS774 BURR-BROWN-ADS774 Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADC574A BURR-BROWN-ADC574A Datasheet
103Kb / 10P
   Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
ADC674 BURR-BROWN-ADC674 Datasheet
56Kb / 6P
   Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
DAC7545 BURR-BROWN-DAC7545 Datasheet
383Kb / 12P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545JP TI1-DAC7545JP Datasheet
383Kb / 12P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC7545 TI1-DAC7545_16 Datasheet
612Kb / 13P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com