Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS774KP Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS774KP
Description  Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS774KP Datasheet(HTML) 5 Page - Texas Instruments

  ADS774KP Datasheet HTML 1Page - Texas Instruments ADS774KP Datasheet HTML 2Page - Texas Instruments ADS774KP Datasheet HTML 3Page - Texas Instruments ADS774KP Datasheet HTML 4Page - Texas Instruments ADS774KP Datasheet HTML 5Page - Texas Instruments ADS774KP Datasheet HTML 6Page - Texas Instruments ADS774KP Datasheet HTML 7Page - Texas Instruments ADS774KP Datasheet HTML 8Page - Texas Instruments ADS774KP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
ADS774
5
®
FREQUENCY SPECTRUM (±1V, 20kHz Input)
Input Frequency (kHz)
0
–60
–120
010
–100
–80
–40
–20
20
30
40
50
55
S/(N + D) = 53.1dB
THD = –74.2dB
SNR = 53.1dB
POWER SUPPLY REJECTION
vs SUPPLY RIPPLE FREQUENCY
Supply Ripple Frequency (Hz)
80
40
10
10
100
1k
10M
60
20
10k
100k
1M
SIGNAL/(NOISE + DISTORTION) vs
INPUT FREQUENCY AND AMBIENT TEMPERATURE
Input Frequency (kHz)
75
70
65
0.1
1
10
100
–55°C
+25°C
+125°C
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VDD = VEE = +5V; Bipolar ±10V Input Range; sampling frequency of 110kHz; unless otherwise specified. All plots use 4096 point FFTs.
FREQUENCY SPECTRUM (±10V, 2kHz Input)
0
–60
–120
–100
–80
–40
–20
Input Frequency (kHz)
010
20
30
40
50
55
S/(N + D) = 72.6dB
THD = –93.5dB
SNR = 72.6dB
FREQUENCY SPECTRUM (±10V, 20kHz Input)
Input Frequency (kHz)
0
–60
–120
010
–100
–80
–40
–20
20
30
40
50
55
S/(N + D) = 70.6dB
THD = –77.5dB
SNR = 71.5dB
SPURIOUS FREE DYNAMIC RANGE, SNR AND THD
vs INPUT FREQUENCY
Input Frequency (kHz)
100
80
60
0.1
1
10
100
90
70
Spurious Free Dynamic Range
Total Harmonic Distortion (THD)
Signal-to-Noise Ratio (SNR)


Similar Part No. - ADS774KP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS774KP BURR-BROWN-ADS774KP Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results

Similar Description - ADS774KP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS774H TI1-ADS774H Datasheet
609Kb / 23P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS574 TI1-ADS574_14 Datasheet
323Kb / 17P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS774H TI1-ADS774H_13 Datasheet
1Mb / 27P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS574 BURR-BROWN-ADS574 Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS774 BURR-BROWN-ADS774 Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADC574A BURR-BROWN-ADC574A Datasheet
103Kb / 10P
   Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
ADC674 BURR-BROWN-ADC674 Datasheet
56Kb / 6P
   Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
DAC7545 BURR-BROWN-DAC7545 Datasheet
383Kb / 12P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545JP TI1-DAC7545JP Datasheet
383Kb / 12P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC7545 TI1-DAC7545_16 Datasheet
612Kb / 13P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com