Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS58C28IRGCT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58C28IRGCT
Description  Dual Channel IF Receiver with SNRBoost 3G
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS58C28IRGCT Datasheet(HTML) 5 Page - Texas Instruments

  ADS58C28IRGCT Datasheet HTML 1Page - Texas Instruments ADS58C28IRGCT Datasheet HTML 2Page - Texas Instruments ADS58C28IRGCT Datasheet HTML 3Page - Texas Instruments ADS58C28IRGCT Datasheet HTML 4Page - Texas Instruments ADS58C28IRGCT Datasheet HTML 5Page - Texas Instruments ADS58C28IRGCT Datasheet HTML 6Page - Texas Instruments ADS58C28IRGCT Datasheet HTML 7Page - Texas Instruments ADS58C28IRGCT Datasheet HTML 8Page - Texas Instruments ADS58C28IRGCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
ADS58C28
www.ti.com
SBAS509B – JUNE 2010 – REVISED OCTOBER 2010
ELECTRICAL CHARACTERISTICS
Typical values are at +25°C, AVDD = 1.8V, DRVDD = 1.8V, sampling frequency = 200MSPS, 50% clock duty cycle, –1dBFS
differential analog input, and LVDS and CMOS interfaces, unless otherwise noted.
Minimum and maximum values are across the full temperature range: TMIN = –40°C to TMAX = +85°C, AVDD = 1.8V, and
DRVDD = 1.8V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RESOLUTION
Resolution
11
Bits
ANALOG INPUTS
Differential input voltage range
2
VPP
Differential input resistance
0.75
k
Ω
(at 200MHz, see Figure 55)
Differential input capacitance
3.7
pF
(at 200MHz, see Figure 56)
Analog input bandwidth
550
MHz
Analog input common-mode current
1.5
µA/MSPS
(per input pin of each channel)
VCM common-mode voltage output
0.95
V
VCM output current capability
4
mA
POWER SUPPLY
IAVDD
Analog supply current
141
163
mA
IDRVDD
350mV LVDS swing with 100
Ω
Output buffer supply current LVDS interface
120
130
mA
external termination after reset
Analog power
254
mW
Digital power LVDS interface
216
mW
Global power-down
15
mW
DC ACCURACY
DNL
Differential nonlinearity
fIN = 170MHz
–0.6
0.6
LSB
INL
Integral nonlinearity
fIN = 170MHz
–1.5
0.3
1.5
LSB
Specified across devices and
Offset error
–15
15
mV
channels within a device
There are two sources of gain error: internal reference inaccuracy and channel gain error
Gain error as a result of internal reference
Specified across devices and
–2
2
%FS
inaccuracy alone
channels within a device
Specified across devices and
Gain error of channel alone(1)
±0.1
±1
%FS
channels within a device
Channel gain error temperature coefficient
0.002
Δ%/°C
(1)
Specified by design and characterization; not tested in production.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS58C28


Similar Part No. - ADS58C28IRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS58C28IRGCT TI1-ADS58C28IRGCT Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost3G
More results

Similar Description - ADS58C28IRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS58C48 TI1-ADS58C48_14 Datasheet
2Mb / 71P
[Old version datasheet]   Quad Channel IF Receiver with SNRBoost 3G
ADS58C48 TI-ADS58C48 Datasheet
2Mb / 70P
[Old version datasheet]   Quad Channel IF Receiver with SNRBoost 3G
ADS58C28 TI1-ADS58C28 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost3G
ADS58C28 TI-ADS58C28 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost3G
ADS58C28 TI1-ADS58C28_14 Datasheet
2Mb / 68P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost3G
ADS58C28IRGCR TI1-ADS58C28IRGCR Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost3G
logo
Analog Devices
AD6642 AD-AD6642_17 Datasheet
1Mb / 33P
   Dual IF Receiver
AD6643 AD-AD6643_17 Datasheet
1Mb / 41P
   Dual IF Receiver
AD6642 AD-AD6642 Datasheet
1Mb / 32P
   Dual IF Receiver
REV. 0
AD6659 AD-AD6659 Datasheet
1Mb / 40P
   Dual IF Receiver
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com