Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS54J20 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS54J20
Description  Dual-Channel, 12-Bit, 1.0-GSPS, Analog-to-Digital Converter
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS54J20 Datasheet(HTML) 4 Page - Texas Instruments

  ADS54J20 Datasheet HTML 1Page - Texas Instruments ADS54J20 Datasheet HTML 2Page - Texas Instruments ADS54J20 Datasheet HTML 3Page - Texas Instruments ADS54J20 Datasheet HTML 4Page - Texas Instruments ADS54J20 Datasheet HTML 5Page - Texas Instruments ADS54J20 Datasheet HTML 6Page - Texas Instruments ADS54J20 Datasheet HTML 7Page - Texas Instruments ADS54J20 Datasheet HTML 8Page - Texas Instruments ADS54J20 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 81 page
background image
4
ADS54J20
SBAS766A – MAY 2016 – REVISED MAY 2016
www.ti.com
Product Folder Links: ADS54J20
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
CLOCK, SYSREF
CLKINM
28
I
Negative differential clock input for the ADC
CLKINP
27
I
Positive differential clock input for the ADC
SYSREFM
34
I
Negative external SYSREF input
SYSREFP
33
I
Positive external SYSREF input
CONTROL, SERIAL
PDN
50
I/O
Power-down. Can be configured via an SPI register setting.
Can be configured as a fast overrange output for channel A via the SPI.
RESET
48
I
Hardware reset; active high. This pin has an internal 20-k
Ω pulldown resistor.
SCLK
6
I
Serial interface clock input
SDIN
5
I
Serial interface data input
SDOUT
11
O
Serial interface data output.
Can be configured as a fast overrange output for channel B via the SPI.
SEN
7
I
Serial interface enable
DATA INTERFACE
DA0M
62
O
JESD204B serial data negative output for channel A
DA1M
59
O
DA2M
56
O
DA3M
54
O
DA0P
61
O
JESD204B serial data positive output for channel A
DA1P
58
O
DA2P
55
O
DA3P
53
O
DB0M
65
O
JESD204B serial data negative output for channel B
DB1M
68
O
DB2M
71
O
DB3M
1
O
DB0P
66
O
JESD204B serial data positive output for channel B
DB1P
69
O
DB2P
72
O
DB3P
2
O
SYNC
63
I
Synchronization input for the JESD204B port
INPUT, COMMON MODE
INAM
41
I
Differential analog negative input for channel A
INAP
42
I
Differential analog positive input for channel A
INBM
14
I
Differential analog negative input for channel B
INBP
13
I
Differential analog positive input for channel B
VCM
22
O
Common-mode voltage, 2.1 V.
Note that analog inputs are internally biased to this pin through 600
Ω (effective), no external
connection from the VCM pin to the INxP or INxM pin is required.
POWER SUPPLY
AGND
18, 23, 26, 29, 32, 36, 37
I
Analog ground
AVDD
9, 12, 15, 17, 25, 30, 35, 38,
40, 43, 44, 46
I
Analog 1.9-V power supply
AVDD3V
10, 16, 24, 31, 39, 45
I
Analog 3.0-V power supply for the analog buffer
DGND
3, 52, 60, 67
I
Digital ground
DVDD
8, 47
I
Digital 1.9-V power supply
IOVDD
4, 51, 57, 64, 70
I
Digital 1.15-V power supply for the JESD204B transmitter
NC, RES
NC
19, 20, 21
Unused pin, do not connect
RES
49
I
Reserved pin. Connect to DGND.


Similar Part No. - ADS54J20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS54J40 TI1-ADS54J40 Datasheet
4Mb / 74P
[Old version datasheet]   Dual-Channel, 14-Bit, 1.0-GSPS Analog-to-Digital Converter
ADS54J40IRMP TI1-ADS54J40IRMP Datasheet
4Mb / 74P
[Old version datasheet]   Dual-Channel, 14-Bit, 1.0-GSPS Analog-to-Digital Converter
ADS54J40IRMPT TI1-ADS54J40IRMPT Datasheet
4Mb / 74P
[Old version datasheet]   Dual-Channel, 14-Bit, 1.0-GSPS Analog-to-Digital Converter
ADS54J42 TI1-ADS54J42 Datasheet
4Mb / 81P
[Old version datasheet]   Dual-Channel, 14-Bit, 625-MSPS, Analog-to-Digital Converter
ADS54J42IRMP TI1-ADS54J42IRMP Datasheet
4Mb / 81P
[Old version datasheet]   Dual-Channel, 14-Bit, 625-MSPS, Analog-to-Digital Converter
More results

Similar Description - ADS54J20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS54J40 TI1-ADS54J40 Datasheet
4Mb / 74P
[Old version datasheet]   Dual-Channel, 14-Bit, 1.0-GSPS Analog-to-Digital Converter
ADS54J60 TI1-ADS54J60 Datasheet
4Mb / 76P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.0-GSPS Analog-to-Digital Converter
ADS5400-SP TI1-ADS5400-SP Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI1-ADS5400 Datasheet
2Mb / 55P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400-SP TI1-ADS5400-SP_15 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI-ADS5400_1 Datasheet
1Mb / 48P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
5962-0924001VXC TI1-5962-0924001VXC Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI-ADS5400 Datasheet
1Mb / 48P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI-ADS5400_2 Datasheet
1Mb / 50P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
DAC5681 TI-DAC5681_15 Datasheet
1Mb / 48P
[Old version datasheet]   16-BIT, 1.0 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com