Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC08831 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADC08831
Description  8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08831 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADC08831 Datasheet HTML 3Page - Texas Instruments ADC08831 Datasheet HTML 4Page - Texas Instruments ADC08831 Datasheet HTML 5Page - Texas Instruments ADC08831 Datasheet HTML 6Page - Texas Instruments ADC08831 Datasheet HTML 7Page - Texas Instruments ADC08831 Datasheet HTML 8Page - Texas Instruments ADC08831 Datasheet HTML 9Page - Texas Instruments ADC08831 Datasheet HTML 10Page - Texas Instruments ADC08831 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
ADC08831, ADC08832
www.ti.com
SNAS015C – SEPTEMBER 1999 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
The following specifications apply for TA = 25°C, VCC = VREF = 5V, unless otherwise specified.
Output Current
vs
Temperature
Spectral Response with 10KHz Sine Wave Input
Figure 9.
Figure 10.
Spectral Response with 55 KHz Sine Wave Input
Spectral Response with 90 KHz Sine Wave Input
Figure 11.
Figure 12.
Total Unadjuster Error Plot
Figure 13.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADC08831 ADC08832


Similar Part No. - ADC08831

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08831 NSC-ADC08831 Datasheet
486Kb / 23P
   8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
ADC08831IM NSC-ADC08831IM Datasheet
486Kb / 23P
   8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
ADC08831IMM NSC-ADC08831IMM Datasheet
486Kb / 23P
   8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
ADC08831IN NSC-ADC08831IN Datasheet
486Kb / 23P
   8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
ADC08831IWM NSC-ADC08831IWM Datasheet
486Kb / 23P
   8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
More results

Similar Description - ADC08831

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08831 NSC-ADC08831 Datasheet
486Kb / 23P
   8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
ADCV08832 NSC-ADCV08832 Datasheet
259Kb / 14P
   Low Voltage, 8-Bit Serial I/O CMOS A/D Converter with Sample/Hold Function
ADC08131 NSC-ADC08131 Datasheet
488Kb / 21P
   8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
ADC08032 NSC-ADC08032 Datasheet
552Kb / 24P
   8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
logo
Texas Instruments
ADC0831-N TI-ADC0831-N Datasheet
2Mb / 40P
[Old version datasheet]   8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC0831 NSC-ADC0831 Datasheet
755Kb / 33P
   8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Micro Linear Corporatio...
ML2281 MICRO-LINEAR-ML2281 Datasheet
410Kb / 26P
   Serial I/O 8-Bit A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC1034 NSC-ADC1034 Datasheet
349Kb / 18P
   ADC1031/ADC1034/ADC1038 10-Bit Serial I/O A/D Converters with Analog Multiplexer and Track/Hold Function
ADC08031 NSC-ADC08031 Datasheet
509Kb / 24P
   8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options,
Voltage Reference, and Track/Hold Function
ADC10831 NSC-ADC10831 Datasheet
453Kb / 30P
   10-Bit Plus Sign Serial I/O A/D Converters with MUX, Sample/Hold and Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com