Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC08D502CIYB-NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # ADC08D502CIYB-NOPB
Description  High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08D502CIYB-NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADC08D502CIYB-NOPB Datasheet HTML 7Page - Texas Instruments ADC08D502CIYB-NOPB Datasheet HTML 8Page - Texas Instruments ADC08D502CIYB-NOPB Datasheet HTML 9Page - Texas Instruments ADC08D502CIYB-NOPB Datasheet HTML 10Page - Texas Instruments ADC08D502CIYB-NOPB Datasheet HTML 11Page - Texas Instruments ADC08D502CIYB-NOPB Datasheet HTML 12Page - Texas Instruments ADC08D502CIYB-NOPB Datasheet HTML 13Page - Texas Instruments ADC08D502CIYB-NOPB Datasheet HTML 14Page - Texas Instruments ADC08D502CIYB-NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
ADC08D502
www.ti.com
SNOSC85A – AUGUST 2012 – REVISED APRIL 2013
Converter Electrical Characteristics (continued)
The following specifications apply after calibration for VA = VDR = +1.9VDC, OutV = 1.9V, VIN FSR (a.c. coupled) = differential
870mVP-P, CL = 10 pF, Differential, a.c. coupled Sinewave Input Clock, fCLK = 500 MHz at 0.5VP-P with 50% duty cycle, VBG =
Floating, Non-Extended Control Mode, SDR Mode, REXT = 3300Ω ±0.1%, Analog Signal Source Impedance = 100Ω
Differential. Boldface limits apply for TA = TMIN to TMAX. All other limits TA = 25°C, unless otherwise noted.
(1) (2)
Typical
Limits
Units
Symbol
Parameter
Conditions
(3)
(3)
(Limits)
ANALOG OUTPUT CHARACTERISTICS
0.95
V (min)
VCMO
Common Mode Output Voltage
1.26
1.45
V (max)
VA = 1.8V
0.60
V
VCMO input threshold to set DC
VCMO_LVL
Coupling mode
VA = 2.0V
0.66
V
Common Mode Output Voltage
TC VCMO
TA = −40°C to +85°C
118
ppm/°C
Temperature Coefficient
CLOAD
Maximum VCMO load Capacitance
80
pF
VCMO
1.20
V (min)
VBG
Bandgap Reference Output Voltage
IBG = ±100 µA
1.26
1.33
V (max)
Bandgap Reference Voltage
TC VBG
TA = −40°C to +85°C, IBG = ±100 µA
28
ppm/°C
Temperature Coefficient
Maximum Bandgap Reference Load
CLOAD VBG
80
pF
Capacitance
TEMPERATURE DIODE CHARACTERISTICS
192 µA vs. 12 µA,
71.23
mV
TJ = 25°C
ΔVBE
Temperature Diode Voltage
192 µA vs. 12 µA,
85.54
mV
TJ = 85°C
CHANNEL-TO-CHANNEL CHARACTERISTICS
Offset Error Match
1
LSB
Positive Full-Scale Error Match
Zero offset selected in Control Register
1
LSB
Negative Full-Scale Error Match
Zero offset selected in Control Register
1
LSB
Phase Matching (I, Q)
FIN = 1.0 GHz
< 1
Degree
Crosstalk from I (Aggressor) to Q
Aggressor = 867 MHz F.S.
X-TALK
−71
dB
(Victim) Channel
Victim = 100 MHz F.S.
Crosstalk from Q (Aggressor) to I
Aggressor = 867 MHz F.S.
X-TALK
-71
dB
(Victim) Channel
Victim = 100 MHz F.S.
CLOCK INPUT CHARACTERISTICS
0.4
VP-P (min)
Sine Wave Clock
0.6
2.0
VP-P (max)
VID
Differential Clock Input Level
0.4
VP-P (min)
Square Wave Clock
0.6
2.0
VP-P (max)
II
Input Current
VIN = 0 or VIN = VA
±1
µA
Differential
0.02
pF
CIN
Input Capacitance (7) (8)
Each input to ground
1.5
pF
DIGITAL CONTROL PIN CHARACTERISTICS
VIH
Logic High Input Voltage
(9)
0.85 x VA
V (min)
VIL
Logic Low Input Voltage
(9)
0.15 x VA
V (max)
CIN
Input Capacitance (8) (10)
Each input to ground
1.2
pF
(7)
The analog and clock input capacitances are die capacitances only. Additional package capacitances of 0.65 pF differential and 0.95 pF
each pin to ground are isolated from the die capacitances by lead and bond wire inductances.
(8)
This parameter is specified by design and is not tested in production.
(9)
This parameter is specified by design and/or characterization and is not tested in production.
(10) The digital control pin capacitances are die capacitances only. Additional package capacitance of 1.6 pF each pin to ground are isolated
from the die capacitances by lead and bond wire inductances.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADC08D502


Similar Part No. - ADC08D502CIYB-NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC08D502CIYB TI1-ADC08D502CIYB Datasheet
877Kb / 43P
[Old version datasheet]   ADC08D502 High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
More results

Similar Description - ADC08D502CIYB-NOPB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADC08D500 AD-ADC08D500 Datasheet
877Kb / 33P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
National Semiconductor ...
ADC08D500 NSC-ADC08D500_08 Datasheet
992Kb / 38P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
Texas Instruments
ADC08D500 TI1-ADC08D500 Datasheet
924Kb / 48P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
National Semiconductor ...
ADC08D500 NSC-ADC08D500_09 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
ADC08500 NSC-ADC08500_09 Datasheet
997Kb / 34P
   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
ADC08500 NSC-ADC08500 Datasheet
939Kb / 34P
   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
logo
Texas Instruments
ADC08500 TI1-ADC08500 Datasheet
858Kb / 46P
[Old version datasheet]   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
ADC08D502 TI1-ADC08D502 Datasheet
877Kb / 43P
[Old version datasheet]   ADC08D502 High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
ADC08500 TI1-ADC08500_14 Datasheet
856Kb / 46P
[Old version datasheet]   ADC08500 High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
ADC08DL500 TI1-ADC08DL500_15 Datasheet
742Kb / 57P
[Old version datasheet]   Low Power, 8-Bit, Dual 500 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com