Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC08D1000QML Datasheet(PDF) 10 Page - Texas Instruments

Part # ADC08D1000QML
Description  High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08D1000QML Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADC08D1000QML Datasheet HTML 6Page - Texas Instruments ADC08D1000QML Datasheet HTML 7Page - Texas Instruments ADC08D1000QML Datasheet HTML 8Page - Texas Instruments ADC08D1000QML Datasheet HTML 9Page - Texas Instruments ADC08D1000QML Datasheet HTML 10Page - Texas Instruments ADC08D1000QML Datasheet HTML 11Page - Texas Instruments ADC08D1000QML Datasheet HTML 12Page - Texas Instruments ADC08D1000QML Datasheet HTML 13Page - Texas Instruments ADC08D1000QML Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
ADC08D1000QML, ADC08D1000QML-SP
ADC08D1000WG-QV
SNAS352G – JANUARY 2007 – REVISED MARCH 2013
www.ti.com
ADC08D1000 Converter Electrical Characteristics DC Parameters (continued)
The following specifications apply after calibration for VA = VDR = +1.9VDC, OutV = 1.9V, VIN FSR (a.c. coupled) = differential
870mVP-P, CL = 10 pF, Differential, a.c. coupled Sinewave Input Clock, fCLK = 1 GHz at 0.5VP-P with 50% duty cycle, VBG =
Floating, Non-Extended Control Mode, SDR Mode, REXT = 3300Ω ±0.1%, Analog Signal Source Impedance = 100Ω
Differential. Boldface limits apply for TA = TMIN to TMAX
(1)(2)
Sub-
Parameter
Test Conditions
Notes
Typ(3)
Min
Max
Units
groups
Measured differentially,
See(5)
710
400
920
mVP-P
1, 2, 3
OutV = VA, VBG = Floating
LVDS Differential Output
VOD
Voltage
Measured differentially,
See(5)
510
280
720
mVP-P
1, 2, 3
OutV = GND, VBG = Floating
POWER SUPPLY CHARACTERISTICS
PD = PDQ = Low
660
765
mA
1, 2, 3
IA
Analog Supply Current
PD = Low, PDQ = High
430
508
mA
1, 2, 3
PD = PDQ = High
1.8
mA
PD = PDQ = Low
200
275
mA
1, 2, 3
Output Driver Supply
IDR
PD = Low, PDQ = High
112
157
mA
1, 2, 3
Current
PD = PDQ = High
0.012
mA
PD = PDQ = Low
1.6
1.97
W
1, 2, 3
PD
Power Consumption
PD = Low, PDQ = High
1.0
1.27
W
1, 2, 3
PD = PDQ = High
3.5
mW
(5)
Tying VBG to the supply rail will increase the output offset voltage (VOS) by 330mv (typical), as shown in the VOS specification above.
Tying VBG to the supply rail will also affect the differential LVDS output voltage (VOD), causing it to increase by 40mV (typical).
10
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: ADC08D1000QML ADC08D1000QML-SP ADC08D1000WG-QV


Similar Part No. - ADC08D1000QML

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08D1000QML NSC-ADC08D1000QML Datasheet
1Mb / 44P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
More results

Similar Description - ADC08D1000QML

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08D1000QML NSC-ADC08D1000QML Datasheet
1Mb / 44P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000_09 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000_08 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000 Datasheet
822Kb / 31P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC08D1000 TI1-ADC08D1000 Datasheet
1Mb / 51P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
logo
National Semiconductor ...
ADC08D1010 NSC-ADC08D1010 Datasheet
1Mb / 38P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000_05 Datasheet
1Mb / 37P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC081000 NSC-ADC081000_09 Datasheet
595Kb / 30P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC081000 NSC-ADC081000 Datasheet
718Kb / 29P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC081000 TI1-ADC081000_15 Datasheet
986Kb / 41P
[Old version datasheet]   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com