Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0733000021 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0733000021
Description  SMPM Plug, Edge Mount, 50 Ohm, Full Detent, Tape On Reel
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0733000021 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0733000021 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 07/07/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0733000021
Status:
Active
Overview:
SMPM and SMP RF Connectors
Description:
SMPM Plug, Edge Mount, 50 Ohm, Full Detent, Tape On Reel
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
RF/Coax Connectors
Series
73300
Overview
SMPM and SMP RF Connectors
Product Name
SMPM
Style
PCB
UPC
887191190501
Wire/Cable Type
N/A
Physical
Gender
Plug
Keying to Mating Part
N/A
Net Weight
0.282/g
Orientation
Straight
PCB Mounting
Edge Mount
Packaging Type
Embossed Tape on Reel
Panel Mount
No
Panel Mount Method
N/A
Electrical
Impedance
50#
Solder Process Data
Duration at Max. Process Temperature (seconds)
010
Lead-freeProcess Capability
SMC&WAVE
Max. Cycles at Max. Process Temperature
002
Process Temperature max. C
260
Material Info
Old Part Number
733000020
Reference - Drawing Numbers
Sales Drawing
SD-73300-002
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant with
Exemption 6(c)
REACH SVHC
Contained Per -
ED/21/2016 (20 June
2016)
2,4-Di-tert-butyl-6-(5-
chlorobenzotriazol-2-
yl)p
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
50 Image
ELV
Not Relevant
Search Parts in this Series
73300 Series
This document was generated on 07/07/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0733000021

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0733000021 MOLEX-0733000021_V01 Datasheet
57Kb / 1P
   SMPM Plug, Edge Mount, 50 Ohm, Full Detent, Tape on Reel (500 Pieces)
More results

Similar Description - 0733000021

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0733000022 MOLEX-0733000022 Datasheet
57Kb / 1P
   SMPM Plug, Edge Mount, 50 Ohm, Full Detent, Tape on Reel (1000 Pieces)
0733000021 MOLEX-0733000021_V01 Datasheet
57Kb / 1P
   SMPM Plug, Edge Mount, 50 Ohm, Full Detent, Tape on Reel (500 Pieces)
0733000020 MOLEX11-0733000020 Datasheet
67Kb / 1P
   SMPM Plug, Edge Mount, 50 Ohm, Full Detent, Tray
0733000081 MOLEX11-0733000081 Datasheet
52Kb / 1P
   50 Ohms, SMPM Plug, PCB Mount, Vertical, Full Detent, Tape and Reel
0733000020 MOLEX-0733000020_V01 Datasheet
57Kb / 1P
   SMPM Plug, Edge Mount, 50 Ohm, Full Detent, 80 Pieces Per Tray
0733000081 MOLEX-0733000081_V01 Datasheet
45Kb / 1P
   50 Ohms, SMPM Plug, PCB Mount, Vertical, Full Detent, Beryllium Copper Contact, Tape and Reel
0733000031 MOLEX-0733000031 Datasheet
37Kb / 1P
   SMPM Plug, Edge Mount, 50 Ohm, Smooth Bore, Tape and Reel
0733000110 MOLEX11-0733000110 Datasheet
56Kb / 1P
   SMPM Plug, PCB Mount, Right-Angle, Surface Mount, 50 Ohm, Full Detent
SD-73300-008 MOLEX-SD-73300-008 Datasheet
511Kb / 7P
   SMPM PLUG, PCB VERTICAL 50 OHM FULL DETENT EWR-11427, SMPM-PCB
2021/04/21
SD-73300-002 MOLEX-SD-73300-002 Datasheet
731Kb / 5P
   SMPM PLUG EDGE MOUNT 50 OHMS, FULL DETENT SMPM-P/PCB, EWR-11427
2007/09/20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com