Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7809UG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS7809UG4
Description  ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7809UG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS7809UG4 Datasheet HTML 3Page - Texas Instruments ADS7809UG4 Datasheet HTML 4Page - Texas Instruments ADS7809UG4 Datasheet HTML 5Page - Texas Instruments ADS7809UG4 Datasheet HTML 6Page - Texas Instruments ADS7809UG4 Datasheet HTML 7Page - Texas Instruments ADS7809UG4 Datasheet HTML 8Page - Texas Instruments ADS7809UG4 Datasheet HTML 9Page - Texas Instruments ADS7809UG4 Datasheet HTML 10Page - Texas Instruments ADS7809UG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADS7809
7
SBAS017C
www.ti.com
ANALOG INPUT
SPECIFIC FUNCTION
CS
R/C
BUSY
EXT/INT DATACLK PWRD
SB/BTC
OPERATION
Initiate Conversion and
1 > 0
0
1
0
Output
0
x
Initiates conversion “n”. Data from conversion “n – 1”
Output Data Using
clocked out on DATA synchronized to 16 clock
Internal Clock
pulses output on DATACLK.
0
1 > 0
1
0
Output
0
x
Initiates conversion “n”. Data from conversion “n – 1”
clocked out on DATA synchronized to 16 clock
pulses output on DATACLK.
1 > 0
0
1
1
Input
0
x
Initiates conversion “n”.
0
1 > 0
1
1
Input
0
x
Initiates conversion “n”.
1 > 0
1
1
1
Input
x
x
Outputs a pulse on SYNC followed by data from
conversion “n” clocked out synchronized to external
DATACLK.
1 > 0
1
0
1
Input
0
x
Outputs a pulse on SYNC followed by data from
conversion “n – 1” clocked out synchronized to
external DATACLK.(1) Conversion “n” in process.
0
0 > 1
0
1
Input
0
x
Outputs a pulse on SYNC followed by data from
conversion “n – 1” clocked out synchronized to
external DATACLK .(1) Conversion “n” in process.
Incorrect Conversions
0
0
0 > 1
x
x
0
x
CS or R/C must be HIGH or a new conversion will
be initiated without time for acquisition.
Power-Down
x
x
x
x
x
0
x
Analog circuitry powered. Conversion can proceed.
x
x
x
x
x
1
x
Analog circuitry disabled. Data from previous
conversion maintained in output registers.
Selecting Output Format
x
x
x
x
x
x
0
Serial data is output in Binary Two’s Complement format.
x
x
x
x
x
x
1
Serial data is output in Straight Binary format.
NOTE: (1) See Figure 3b for constraints on previous data valid during conversion.
Initiate Conversion and
Output Data Using External
Clock
TABLE III. Control Truth Table.
BINARY TWO’S COMPLEMENT
STRAIGHT BINARY
(SB/BTC LOW)
(SB/BTC HIGH)
DIGITAL OUTPUT
TABLE IV. Output Codes and Ideal Input Voltages.
HEX
HEX
DESCRIPTION
BINARY CODE
CODE
BINARY CODE
CODE
Full-Scale Range
±10
±5
±3.33V
0V to 10V
0V to 5V
0V to 4V
Least Significant Bit (LSB)
305
µV
153
µV
102
µV
153
µV76µV61µV
+Full Scale (FS – 1LSB)
9.999695V
4.999847V 3.333231V
9.999847V 4.999924V 3.999939V
0111 1111 1111 1111
7FFF
1111 1111 1111 1111
FFFF
Midscale
0V
0V
0V
5V
2.5V
2V
0000 0000 0000 0000
0000
1000 0000 0000 0000
8000
One LSB Below Midscale
–305
µV
–153
µV
–102
µV
4.999847V 2.499924V 1.999939V
1111 1111 1111 1111
FFFF
0111 1111 1111 1111
7FFF
–Full Scale
–10V
–5V
–3.333333V
0V
0V
0V
1000 0000 0000 0000
8000
0000 0000 0000 0000
0000


Similar Part No. - ADS7809UG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7809UG4 TI1-ADS7809UG4 Datasheet
867Kb / 19P
[Old version datasheet]   16-Bit 10關s Serial CMOS Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7809UG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com