Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7810U Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS7810U
Description  ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7810U Datasheet(HTML) 1 Page - Texas Instruments

  ADS7810U Datasheet HTML 1Page - Texas Instruments ADS7810U Datasheet HTML 2Page - Texas Instruments ADS7810U Datasheet HTML 3Page - Texas Instruments ADS7810U Datasheet HTML 4Page - Texas Instruments ADS7810U Datasheet HTML 5Page - Texas Instruments ADS7810U Datasheet HTML 6Page - Texas Instruments ADS7810U Datasheet HTML 7Page - Texas Instruments ADS7810U Datasheet HTML 8Page - Texas Instruments ADS7810U Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
CDAC
±10V Input
2.5V Ref Out/In
Comparator
Buffer
625W
2450W
Successive Approximation Register and Control Logic
Clock
Cap
4.8kW
8.6kW
18kW
BUSY
3-State
Parallel
Data
Bus
Output
Latches
and
3-State
Drivers
Internal
Ref
ADS7810
www.ti.com
SBAS014A – MARCH 1992 – REVISED SEPTEMBER 2010
12-Bit, 800kHz Sampling CMOS
ANALOG-TO-DIGITAL CONVERTER
Check for Samples: ADS7810
1
FEATURES
DESCRIPTION
2
1.25ms Throughput Time
Standard ±10V Input Range
The
ADS7810
is
a
complete
12-bit
sampling
analog-to-digital converter (A/D) using state-of-the-art
69dB Min SINAD With 250kHz Input
CMOS structures. It contains a complete 12-bit
±3 LSB Max INL and ±3 LSB Max DNL
capacitor-based
SAR
A/D
with
inherent
S/H,
Internal Reference
reference, clock, interface for microprocessor use,
and 3-state output drivers.
Complete With S/H, REF, CLOCK, ETC.
Parallel Data w/Latches
The ADS7810 is specified at an 800kHz sampling
rate, and ensured over the full temperature range.
28-PIN SOIC Package
Laser-trimmed
scaling
resistors
provide
the
industry-standard
±10V
input
range,
while
an
innovative design allows operation from ±5V supplies.
The 28-pin ADS7810 is available in a plastic SOIC
fully specified for operation over the industrial –40°C
to +70°C range.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1992–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS7810U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7810U BURR-BROWN-ADS7810U Datasheet
208Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7810UB BURR-BROWN-ADS7810UB Datasheet
208Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7810UBE4 BURR-BROWN-ADS7810UBE4 Datasheet
208Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results

Similar Description - ADS7810U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com