Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7800KUE4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7800KUE4
Description  ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7800KUE4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS7800KUE4 Datasheet HTML 7Page - Texas Instruments ADS7800KUE4 Datasheet HTML 8Page - Texas Instruments ADS7800KUE4 Datasheet HTML 9Page - Texas Instruments ADS7800KUE4 Datasheet HTML 10Page - Texas Instruments ADS7800KUE4 Datasheet HTML 11Page - Texas Instruments ADS7800KUE4 Datasheet HTML 12Page - Texas Instruments ADS7800KUE4 Datasheet HTML 13Page - Texas Instruments ADS7800KUE4 Datasheet HTML 14Page - Texas Instruments ADS7800KUE4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADS7800
11
SBAS001A
www.ti.com
INPUT VOLTAGE RANGE AND LSB VALUES
Input Voltage Range Defined As:
±10V
±5V
Analog Input Connected to Pin
1
2
Pin Connected to GND
21
One Least Significant Bit (LSB)
FSR/212
20V/212
10V/212
4.88mV
2.44mV
OUTPUT TRANSITION VALUES
FFEH to FFFH
+Full Scale
+10V–3/2LSB
+5V–3/2LSB
+9.9927V
+4.9963V
7FFH to 800H
Mid Scale
0V–1/2LSB
0V–1/2LSB
(Bipolar Zero)
–2.44mV
–1.22mV
000H to 001H
–Full Scale
–10V+1/2LSB
–5V+1/2LSB
–9.9976V
–4.9988V
TABLE IV. Input Voltages, Transition Values, and LSB Values.
Next, although the data outputs are forced into a Hi-Z state
during conversion, fast bus transients can still be capaci-
tively coupled into the ADS7800. If the data bus experiences
fast transients during conversion, these transients can be
attenuated by adding a logic buffer to the data outputs. The
BUSY output can be used to enable the buffer.
Naturally, transients on the analog input signal are to be
avoided, especially at times within
±20ns of R/C going
LOW, when they may be trapped as part of the charge on the
capacitor array. This requires careful layout of the circuit in
front of the ADS7800.
Finally, in multiplexed systems, the timing on when the
multiplexer is switched may affect the analog performance
of the system. In most applications, the multiplexer can be
switched as soon as R/C goes LOW (with appropriate
delays), but this may affect the conversion if the switched
signal shows glitches or significant ringing at the ADS7800
input. Whenever possible, it is safer to wait until the
conversion is completed before switching the multiplexer.
The extremely fast acquisition time and conversion time of
the ADS7800 make this practical in many applications.


Similar Part No. - ADS7800KUE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7800KUE4 TI1-ADS7800KUE4 Datasheet
898Kb / 20P
[Old version datasheet]   12-Bit 3關s Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7800KUE4 TI1-ADS7800KUE4 Datasheet
906Kb / 21P
[Old version datasheet]   12-Bit 3關s Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7800KUE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com