Electronic Components Datasheet Search |
|
ADS7805UBE4 Datasheet(PDF) 7 Page - Texas Instruments |
|
|
ADS7805UBE4 Datasheet(HTML) 7 Page - Texas Instruments |
7 / 20 page ADS7805 7 SBAS020D www.ti.com FIGURE 1. Basic Operation. CS R/C BUSY OPERATION 1 X X None. Databus is in Hi-Z state. ↓ 0 1 Initiates conversion “n”. Databus remains in Hi-Z state. 0 ↓ 1 Initiates conversion “n”. Databus enters Hi-Z state. 01 ↑ Conversion “n” completed. Valid data from conversion “n” on the databus. ↓ 1 1 Enables databus with valid data from conversion “n”. ↓ 1 0 Enables databus with valid data from conversion “n-1”(1). Conversion n in progress. 0 ↑ 0 Enables databus with valid data from conversion “n-1”(1). Conversion “n” in progress. 00 ↑ New conversion initiated without acquisition of a new signal. Data will be invalid. CS and/or R/C must be HIGH when BUSY goes HIGH. X X 0 New convert commands ignored. Conversion “n” in progress. NOTE: (1) See Figures 3 and 4 for constraints on data valid from conversion “n-1”. Table II. Control Line Functions for “Read” and “Convert”. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 ADS7805 200 Ω 33.2k Ω +5V 0.1 µF 10 µF + + 2.2 µF + + 2.2 µF Convert Pulse 40ns min 6 µs max B4 B5 B6 B7 B2 B1 B0 (LSB) R/C BUSY B3 B10 B9 B8 B11 B12 B13 B14 B15 (MSB) BASIC OPERATION Figure 1 shows a basic circuit to operate the ADS7805 with a full parallel data output. Taking R/C (pin 24) LOW for a minimum of 40ns (7 µs max) will initiate a conversion. BUSY (pin 26) will go LOW and stay LOW until the conversion is completed and the output registers are updated. Data will be output in Binary Two’s Complement with the MSB on pin 6. BUSY going HIGH can be used to latch the data. All convert commands will be ignored while BUSY is LOW. The ADS7805 will begin tracking the input signal at the end of the conversion. Allowing 10 µs between convert com- mands assures accurate acquisition of a new signal. The offset and gain are adjusted internally to allow external trimming with a single supply. The external resistors com- pensate for this adjustment and can be left out if the offset and gain will be corrected in software (refer to the “Calibra- tion” section). STARTING A CONVERSION The combination of CS (pin 25) and R/C (pin 24) LOW for a minimum of 40ns immediately puts the sample-and-hold of the ADS7805 in the hold state and starts conversion ‘n’. BUSY (pin 26) will go LOW and stay LOW until conversion ‘n’ is completed and the internal output register has been updated. All new convert commands during BUSY LOW will be ignored. CS and/or R/C must go HIGH before BUSY goes HIGH or a new conversion will be initiated without sufficient time to acquire a new signal. The ADS7805 will begin tracking the input signal at the end of the conversion. Allowing 10 µs between convert com- mands assures accurate acquisition of a new signal. Refer to Table II for a summary of CS, R/C, and BUSY states and Figures 3 through 5 for timing diagrams. CS and R/C are internally OR’d and level triggered. There is not a requirement which input goes LOW first when initiating a conversion. If, however, it is critical that CS or R/C initiates conversion ‘n’, be sure the less critical input is LOW at least 10ns prior to the initiating input. To reduce the number of control pins, CS can be tied LOW using R/C to control the read and convert modes. This will have no effect when using the internal data clock in the serial output mode. However, the parallel output will become active whenever R/C goes HIGH. Refer to the “Reading Data” section. |
Similar Part No. - ADS7805UBE4 |
|
Similar Description - ADS7805UBE4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |