Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7804UE4 Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS7804UE4
Description  ANALOG-to-DIGITAL CONVERTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7804UE4 Datasheet(HTML) 2 Page - Texas Instruments

  ADS7804UE4 Datasheet HTML 1Page - Texas Instruments ADS7804UE4 Datasheet HTML 2Page - Texas Instruments ADS7804UE4 Datasheet HTML 3Page - Texas Instruments ADS7804UE4 Datasheet HTML 4Page - Texas Instruments ADS7804UE4 Datasheet HTML 5Page - Texas Instruments ADS7804UE4 Datasheet HTML 6Page - Texas Instruments ADS7804UE4 Datasheet HTML 7Page - Texas Instruments ADS7804UE4 Datasheet HTML 8Page - Texas Instruments ADS7804UE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ADS7804
2
SBAS019A
www.ti.com
ABSOLUTE MAXIMUM RATINGS
Analog Inputs: VIN ............................................................................. ±25V
CAP ................................... +VANA +0.3V to AGND2 –0.3V
REF .......................................... Indefinite Short to AGND2
Momentary Short to VANA
Ground Voltage Differences: DGND, AGND1, AGND2 .................
±0.3V
VANA ....................................................................................................... 7V
VDIG to VANA ..................................................................................... +0.3V
VDIG ....................................................................................................... 7V
Digital Inputs ........................................................... –0.3V to +VDIG +0.3V
Maximum Junction Temperature ................................................... +165
°C
Internal Power Dissipation ............................................................. 825mW
Lead Temperature (soldering, 10s) ............................................... +300
°C
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper han-
dling and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
PACKAGE/ORDERING INFORMATION
MAXIMUM
MINIMUM
LINEARITY
SIGNAL-TO-
SPECIFIED
ERROR
(NOISE+DISTORTION)
PACKAGE-LEAD
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
(LSB)
RATIO (LSB)
(DESIGNATOR)(1)
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
ADS7804P
±0.9
70
DIP-28 (NT)
–40
°C to +85°C
ADS7804P
ADS7804P
Tube, 13
ADS7804PB
±0.45
72
DIP-28 (NT)
–40
°C to +85°C
ADS7804PB
ADS7804PB
Tube, 13
ADS7804U
±0.9
70
SO-28 (DW)
–40
°C to +85°C
ADS7804U
ADS7804U
Tube, 28
""
"
"
"
"
ADS7804U/1K
Tape and Reel, 1000
ADS7804UB
±0.45
72
SO-28 (DW)
–40
°C to +85°C
ADS7804UB
ADS7804UB
Tube, 28
""
"
"
"
"
ADS7804UB/1K
Tape and Reel, 1000
NOTE: (1) For the most current specifications and package information, refer to our web site at www.ti.com.
ELECTRICAL CHARACTERISTICS
At TA = –40°C to +85°C, fS = 100kHz, and VDIG = VANA = +5V, using internal reference, unless otherwise specified.
ADS7804P, U
ADS7804PB, UB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
RESOLUTION
12
Bits
ANALOG INPUT
Voltage Ranges
±10V
V
Impedance
23
k
Capacitance
35
pF
THROUGHPUT SPEED
Conversion Time
5.7
8
✻✻
µs
Complete Cycle
Acquire and Convert
10
µs
Throughput Rate
100
kHz
DC ACCURACY
Integral Linearity Error
±0.9
±0.45
LSB(1)
Differential Linearity Error
±0.9
±0.45
LSB
No Missing Codes
Ensured
Bits
Transition Noise(2)
0.1
LSB
Full Scale Error(3,4)
±0.5
±0.25
%
Full Scale Error Drift
±7
±5
ppm/
°C
Full Scale Error(3,4)
Ext. 2.5000V Ref
±0.5
±0.25
%
Full Scale Error Drift
Ext. 2.5000V Ref
±2
ppm/
°C
Bipolar Zero Error(3)
±10
±10
mV
Bipolar Zero Error Drift
±2
ppm/
°C
Power Supply Sensitivity
+4.75V < VD < +5.25V
±0.5
LSB
(VDIG = VANA = VD)
AC ACCURACY
Spurious-Free Dynamic Range
fIN = 45kHz
80
dB(5)
Total Harmonic Distortion
fIN = 45kHz
–80
dB
Signal-to-(Noise+Distortion)
fIN = 45kHz
70
72
dB
Signal-to-Noise
fIN = 45kHz
70
72
dB
Full-Power Bandwidth(6)
250
kHz
SAMPLING DYNAMICS
Aperture Delay
40
ns
Aperture Jitter
Sufficient to meet AC specs
Transient Response
FS Step
2
µs
Overvoltage Recovery(7)
150
ns


Similar Part No. - ADS7804UE4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7804U BURR-BROWN-ADS7804U Datasheet
182Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7804UB BURR-BROWN-ADS7804UB Datasheet
182Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results

Similar Description - ADS7804UE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com