Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7806 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7806
Description  Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7806 Datasheet(HTML) 1 Page - Texas Instruments

  ADS7806 Datasheet HTML 1Page - Texas Instruments ADS7806 Datasheet HTML 2Page - Texas Instruments ADS7806 Datasheet HTML 3Page - Texas Instruments ADS7806 Datasheet HTML 4Page - Texas Instruments ADS7806 Datasheet HTML 5Page - Texas Instruments ADS7806 Datasheet HTML 6Page - Texas Instruments ADS7806 Datasheet HTML 7Page - Texas Instruments ADS7806 Datasheet HTML 8Page - Texas Instruments ADS7806 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Low-Power 12-Bit Sampling CMOS
ANALOG-to-DIGITAL CONVERTER
DESCRIPTION
The ADS7806 is a low-power, 12-bit, sampling Analog-to-
Digital (A/D) converter using state of the art CMOS structures.
It contains a complete 12-bit, capacitor-based, Successive
Approximation Register (SAR) A/D converter with sample-
and-hold, clock, reference, and a microprocessor interface with
parallel and serial output drivers.
The ADS7806 can acquire and convert to full 12-bit accuracy
in 25
µs max, while consuming only 35mW max. Laser
trimmed scaling resistors provide standard industrial input
ranges of
±10V and 0V to +5V. In addition, a 0V to +4V range
allows development of complete single-supply systems.
The ADS7806 is available in a 0.3" DIP-28 and SO-28, both
fully specified for operation over the industrial –40
°C to
+85
°C temperature range.
FEATURES
q POWER DISSIPATION: 35mW max
q POWER-DOWN MODE: 50
µW
q ACQUISITION AND CONVERSION: 25
µs max
q
±1/2 LSB MAX INL AND DNL
q 72dB MIN SINAD WITH 1kHz INPUT
q INPUT RANGES:
±10V, 0V to +5V, and 0V TO +4V
q SINGLE +5V SUPPLY OPERATION
q PARALLEL AND SERIAL DATA OUTPUT
q PIN-COMPATIBLE WITH THE 16-BIT ADS7807
q USES INTERNAL OR EXTERNAL REFERENCE
q 0.3" DIP-28 AND SO-28
ADS7806
SBAS021B – NOVEMBER 1992 – REVISED SEPTEMBER 2003
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1992-2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
ADS7806
ADS7
806
CDAC
6k
40k
10k
BUSY
Parallel
and
Serial
Data
Out
Comparator
Buffer
20k
R1
IN
R2
IN
REF
Successive Approximation Register and Control Logic
Clock
Power
Down
BYTE
CS
R/C
40k
Internal
+2.5V Ref
Reference
Power-Down
Serial Data
Clock
Parallel Data
CAP
Serial Data
8
All trademarks are the property of their respective owners.


Similar Part No. - ADS7806

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7806 BURR-BROWN-ADS7806 Datasheet
209Kb / 18P
   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7806P BURR-BROWN-ADS7806P Datasheet
209Kb / 18P
   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7806PB BURR-BROWN-ADS7806PB Datasheet
209Kb / 18P
   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7806U BURR-BROWN-ADS7806U Datasheet
209Kb / 18P
   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7806UB BURR-BROWN-ADS7806UB Datasheet
209Kb / 18P
   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results

Similar Description - ADS7806

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7806 BURR-BROWN-ADS7806 Datasheet
209Kb / 18P
   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7819 BURR-BROWN-ADS7819 Datasheet
317Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7831 BURR-BROWN-ADS7831 Datasheet
313Kb / 10P
   12-Bit 600kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7804 BURR-BROWN-ADS7804 Datasheet
182Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7810 BURR-BROWN-ADS7810 Datasheet
208Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7820 BURR-BROWN-ADS7820 Datasheet
280Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7812 TI1-ADS7812 Datasheet
1,014Kb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7812 BURR-BROWN-ADS7812 Datasheet
381Kb / 17P
   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7812 TI1-ADS7812_15 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7807 BURR-BROWN-ADS7807_06 Datasheet
526Kb / 24P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com