Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZR78L12N8 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZR78L12N8
Description  2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZR78L12N8 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZR78L12N8 Datasheet HTML 1Page - Zetex Semiconductors ZR78L12N8 Datasheet HTML 2Page - Zetex Semiconductors ZR78L12N8 Datasheet HTML 3Page - Zetex Semiconductors ZR78L12N8 Datasheet HTML 4Page - Zetex Semiconductors ZR78L12N8 Datasheet HTML 5Page - Zetex Semiconductors ZR78L12N8 Datasheet HTML 6Page - Zetex Semiconductors ZR78L12N8 Datasheet HTML 7Page - Zetex Semiconductors ZR78L12N8 Datasheet HTML 8Page - Zetex Semiconductors ZR78L12N8 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ZR78L
SERIES
ZR78L028 TEST CONDITIONS (Unless otherwise stated):Tj=25°C, IO=100mA, Vin=6.85V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
V
O
Output Voltage
2.78
2.85
2.92
V
IO=1 to 200mA τ 2.736
2.964
V
Vin=4.85 to 20V
IO=1 to 100mA τ
2.736
2.964
V
∆V
O
Line Regulation
V
in=4.85 to 20V
10
40
mV
∆V
O
Load Regulation
I
O=1 to 200mA
IO=1 to 100mA
5
2
25
mV
mV
l
q
Quiescent Current
τ
350
600
µA
∆l
q
Quiescent Current Change IO=1 to 200mA
Vin=4.85 to 20V
100
100
µA
µA
V
n
Output Noise Voltage
f=10Hz to 10kHz
75
µV rms
∆V
in /∆VO
Ripple Rejection
Vin=5.85 to 18V
f=120Hz
48
62
dB
V
in
Input Voltage Required To
Maintain Regulation
4.85
4.55
V
∆V
O /∆T
Average Temperature
Coefficient of VO
IO=5.0mA τ
0.1
mV/°C
τ=Tj=-55 to 125°C
ELECTRICAL CHARACTERISTICS:
Notes:
1. The maximum operating input voltage and
output current of the device will be governed by
the maximum power dissipation of the selected
package. Maximum package power dissipation is
specified at 25 °C and must be linearly derated to
zero at Tamb=125°C.
2. The following data represents pulse test
conditions with junction temperatures as
indicated at the initiation of the test. Continuous
operation of the devices with the stated conditions
might exceed the power dissipation limits of the
chosen package.
3. Maximum power dissipation, for the SOT223
and SO8 packages, is calculated assuming that the
device is mounted on a PCB measuring 2 inches
square.
4. The shut down feature of the device operates if
its temperature exceeds its design limit as might
occur during external faults, short circuits etc. If the
regulator is supplied from an inductive source
then a large voltage transient, on the regulator
input, can result should the shut down circuit
operate. It is advised that a capacitor (1
µF or
greater) should be applied across the regulator
input to ensure that the maximum voltage rating
of the device is not exceeded under shutdown
conditions.
ABSOLUTE MAXIMUM RATING
Input voltage
20V
Output Current(Io) 200mA
Operating Temperature
-55 to 125°C
Storage Temperature
-65 to 150°C
Power Dissipation (Tamb=25°C)
SOT223
2W(Note 3)
TO92
600mW
S08
780mW(Note 3)


Similar Part No. - ZR78L12N8

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZR78L12 ZETEX-ZR78L12 Datasheet
418Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
logo
Diodes Incorporated
ZR78L12 DIODES-ZR78L12 Datasheet
207Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
More results

Similar Description - ZR78L12N8

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZR78L05GTA DIODES-ZR78L05GTA Datasheet
207Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
logo
Zetex Semiconductors
ZR78L ZETEX-ZR78L_06 Datasheet
418Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZSR ZETEX-ZSR_06 Datasheet
653Kb / 17P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZSR ZETEX-ZSR Datasheet
421Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZSR300CSTZ ZETEX-ZSR300CSTZ Datasheet
615Kb / 18P
   3.0 to 12 volt fixed positive local voltage regulator
logo
Diodes Incorporated
ZSR300GTA DIODES-ZSR300GTA Datasheet
615Kb / 18P
   3.0 to 12 volt fixed positive local voltage regulator
ZSR DIODES-ZSR Datasheet
615Kb / 18P
   ZSR SERIES 3.0 to 12 volt fixed positive local voltage regulator
logo
Zetex Semiconductors
ZSAT500 ZETEX-ZSAT500 Datasheet
85Kb / 6P
   5 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
ZSAT600 ZETEX-ZSAT600 Datasheet
85Kb / 6P
   6 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
logo
Diodes Incorporated
ZSAT600 DIODES-ZSAT600 Datasheet
86Kb / 6P
   6 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com