Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZR78L12N8 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZR78L12N8
Description  2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZR78L12N8 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZR78L12N8 Datasheet HTML 1Page - Zetex Semiconductors ZR78L12N8 Datasheet HTML 2Page - Zetex Semiconductors ZR78L12N8 Datasheet HTML 3Page - Zetex Semiconductors ZR78L12N8 Datasheet HTML 4Page - Zetex Semiconductors ZR78L12N8 Datasheet HTML 5Page - Zetex Semiconductors ZR78L12N8 Datasheet HTML 6Page - Zetex Semiconductors ZR78L12N8 Datasheet HTML 7Page - Zetex Semiconductors ZR78L12N8 Datasheet HTML 8Page - Zetex Semiconductors ZR78L12N8 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
2.85 TO 12 VOLT FIXED POSITIVE
LOCAL VOLTAGE REGULATOR
ISSUE 3 - DECEMBER 2001
DEVICE DESCRIPTION
The ZR78L Series three terminal fixed positive
voltage regulators feature internal circuit
current limit and thermal shutdown making
the devices difficult to destroy. The circuit
design allows creation of any custom voltage
in the range 2.85 to 12 volts. The devices are
available in a small outline surface mount
package, ideal for applications where space
saving is important, as well as through hole
TO92 style packaging. The devices are suited
to local voltage regulation applications, where
problems could be encountered with
distributed single source regulation, as well as
more general voltage regulation applications.
The ZR78L Series show performance
characteristics superior to other local voltage
regulators. The initial output voltage is
maintained to within 2.5% with a quiescent
current of typically 350
µA. Output voltage
change, with input voltage and load current, is
much lower than competitive devices. The
ZR78L devices are completely stable with no
external components. The device will shut
down under thermal overload conditions but
as the device cools, regulation will restart.
FEATURES
Small outline SOT223 package
SO8 package (3.3V and 5.0V)
TO92 package
2.85 to 12 Volt
Output current up to 200mA
Tight initial tolerance
Low quiescent current
-55 to 125°C temperature range
No external components
Internal thermal shutdown
Internal short circuit current limit
VOLTAGE RANGE
ZR78L028
2.85V
ZR78L03
3.0V
ZR78L033
3.3V
ZR78L04
4.0V
ZR78L048
4.85V
ZR78L05
5.0V
ZR78L052
5.2V
ZR78L057
5.7V
ZR78L06
6.0V
ZR78L07
7.0V
ZR78L08
8.0V
ZR78L085
8.5V
ZR78L09
9.0V
ZR78L10
10.0V
ZR78L12
12.0V
ZR78L
SERIES
4-200


Similar Part No. - ZR78L12N8

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZR78L12 ZETEX-ZR78L12 Datasheet
418Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
logo
Diodes Incorporated
ZR78L12 DIODES-ZR78L12 Datasheet
207Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
More results

Similar Description - ZR78L12N8

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZR78L05GTA DIODES-ZR78L05GTA Datasheet
207Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
logo
Zetex Semiconductors
ZR78L ZETEX-ZR78L_06 Datasheet
418Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZSR ZETEX-ZSR_06 Datasheet
653Kb / 17P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZSR ZETEX-ZSR Datasheet
421Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZSR300CSTZ ZETEX-ZSR300CSTZ Datasheet
615Kb / 18P
   3.0 to 12 volt fixed positive local voltage regulator
logo
Diodes Incorporated
ZSR300GTA DIODES-ZSR300GTA Datasheet
615Kb / 18P
   3.0 to 12 volt fixed positive local voltage regulator
ZSR DIODES-ZSR Datasheet
615Kb / 18P
   ZSR SERIES 3.0 to 12 volt fixed positive local voltage regulator
logo
Zetex Semiconductors
ZSAT500 ZETEX-ZSAT500 Datasheet
85Kb / 6P
   5 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
ZSAT600 ZETEX-ZSAT600 Datasheet
85Kb / 6P
   6 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
logo
Diodes Incorporated
ZSAT600 DIODES-ZSAT600 Datasheet
86Kb / 6P
   6 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com