Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP300HSN46T1 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP300HSN46T1
Description  Voltage Detector Series
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP300HSN46T1 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP300HSN46T1 Datasheet HTML 6Page - ON Semiconductor NCP300HSN46T1 Datasheet HTML 7Page - ON Semiconductor NCP300HSN46T1 Datasheet HTML 8Page - ON Semiconductor NCP300HSN46T1 Datasheet HTML 9Page - ON Semiconductor NCP300HSN46T1 Datasheet HTML 10Page - ON Semiconductor NCP300HSN46T1 Datasheet HTML 11Page - ON Semiconductor NCP300HSN46T1 Datasheet HTML 12Page - ON Semiconductor NCP300HSN46T1 Datasheet HTML 13Page - ON Semiconductor NCP300HSN46T1 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
NCP300, NCP301
http://onsemi.com
10
Table 3. ELECTRICAL CHARACTERISTIC TABLE FOR 0.9 − 4.9 V
Detector Threshold
Supply Current
Nch Sink Current
NCP301 Series
Detector Threshold
Detector Threshold
Hysteresis
Vin Low
Vin High
Vin Low
Vin High
VDET− (V)
VHYS (V)
Iin (mA)
(Note 13)
Iin (mA)
(Note 14)
IOUT (mA)
(Note 15)
IOUT (mA)
(Note 16)
Part Number
Min
Typ
Max
Min
Typ
Max
Typ
Typ
Typ
Typ
NCP301LSN09T1
0.882
0.9
0.918
0.027
0.045
0.063
0.3
0.5
0.05
0.5
NCP301LSN10T1
0.980
1.0
1.020
0.030
0.050
0.070
NCP301LSN11T1
1.078
1.1
1.122
0.033
0.055
0.077
1.0
NCP301LSN12T1
1.176
1.2
1.224
0.036
0.060
0.084
NCP301LSN13T1
1.274
1.3
1.326
0.039
0.065
0.091
NCP301LSN14T1
1.372
1.4
1.428
0.042
0.070
0.098
NCP301LSN15T1
1.470
1.5
1.530
0.045
0.075
0.105
NCP301LSN16T1
1.568
1.6
1.632
0.048
0.080
0.112
2.0
NCP301LSN17T1
1.666
1.7
1.734
0.051
0.085
0.119
NCP301LSN18T1
1.764
1.8
1.836
0.054
0.090
0.126
NCP301LSN19T1
1.862
1.9
1.938
0.057
0.095
0.133
NCP301LSN20T1
1.960
2.0
2.040
0.060
0.100
0.140
NCP301LSN21T1
2.058
2.1
2.142
0.063
0.105
0.147
NCP301LSN22T1
2.156
2.2
2.244
0.066
0.110
0.154
NCP301LSN23T1
2.254
2.3
2.346
0.069
0.115
0.161
NCP301LSN24T1
2.352
2.4
2.448
0.072
0.120
0.168
NCP301LSN25T1
2.450
2.5
2.550
0.075
0.125
0.175
NCP301LSN26T1
2.548
2.6
2.652
0.078
0.130
0.182
NCP301LSN27T1
2.646
2.7
2.754
0.081
0.135
0.189
NCP301LSN28T1
2.744
2.8
2.856
0.084
0.140
0.196
NCP301LSN29T1
2.842
2.9
2.958
0.087
0.145
0.203
NCP301LSN30T1
2.940
3.0
3.060
0.090
0.150
0.210
NCP301LSN31T1
3.038
3.1
3.162
0.093
0.155
0.217
NCP301LSN32T1
3.136
3.2
3.264
0.096
0.160
0.224
NCP301LSN33T1
3.234
3.3
3.366
0.099
0.165
0.231
NCP301LSN34T1
3.332
3.4
3.468
0.102
0.170
0.238
NCP301LSN35T1
3.430
3.5
3.570
0.105
0.175
0.245
NCP301LSN36T1
3.528
3.6
3.672
0.108
0.180
0.252
NCP301LSN37T1
3.626
3.7
3.774
0.111
0.185
0.259
NCP301LSN38T1
3.724
3.8
3.876
0.114
0.190
0.266
NCP301LSN39T1
3.822
3.9
3.978
0.117
0.195
0.273
NCP301LSN40T1
3.920
4.0
4.080
0.120
0.200
0.280
0.4
0.6
NCP301LSN41T1
4.018
4.1
4.182
0.123
0.205
0.287
NCP301LSN42T1
4.116
4.2
4.284
0.126
0.210
0.294
NCP301LSN43T1
4.214
4.3
4.386
0.129
0.215
0.301
NCP301LSN44T1
4.312
4.4
4.488
0.132
0.220
0.308
NCP301LSN45T1
4.410
4.5
4.590
0.135
0.225
0.315
NCP301LSN46T1
4.508
4.6
4.692
0.138
0.230
0.322
NCP301LSN47T1
4.606
4.7
4.794
0.141
0.235
0.329
NCP301LSN48T1
4.704
4.8
4.896
0.144
0.240
0.336
NCP301LSN49T1
4.802
4.9
4.998
0.147
0.245
0.343
13. Condition 1: 0.9 − 2.9 V, Vin = VDET− − 0.10 V; 3.0 − 3.9 V, Vin = VDET− − 0.13 V; 4.0 − 4.9 V, Vin = VDET− − 0.16 V
14. Condition 2: 0.9 − 4.9 V, Vin = VDET− + 2.0 V
15. Condition 3: 0.9 − 4.9 V, Vin = 0.7 V, VOUT = 0.05 V, Active Low ‘L’ Suffix Devices
16. Condition 4: 0.9 − 1.0 V, Vin = 0.85 V, VOUT = 0.5 V; 1.1 − 1.5 V, Vin = 1.0 V, VOUT = 0.5 V; 1.6 − 4.9 V, Vin = 1.5 V, VOUT = 0.5 V,
Condition 4: Active Low ‘L’ Suffix Devices


Similar Part No. - NCP300HSN46T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP300HSN45T1 ONSEMI-NCP300HSN45T1 Datasheet
164Kb / 25P
   Voltage Detector Series
February, 2007 ??Rev. 22
NCP300HSN45T1 ONSEMI-NCP300HSN45T1 Datasheet
222Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP300HSN45T1 ONSEMI-NCP300HSN45T1 Datasheet
253Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP300HSN45T1G ONSEMI-NCP300HSN45T1G Datasheet
164Kb / 25P
   Voltage Detector Series
February, 2007 ??Rev. 22
NCP300HSN45T1G ONSEMI-NCP300HSN45T1G Datasheet
253Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
More results

Similar Description - NCP300HSN46T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP304A ONSEMI-NCP304A Datasheet
110Kb / 6P
   Voltage Detector Series
September, 2008 ??Rev. 1
NCP302 ONSEMI-NCP302_14 Datasheet
177Kb / 26P
   Voltage Detector Series
May, 2014 ??Rev. 26
NCP304 ONSEMI-NCP304_15 Datasheet
155Kb / 21P
   Voltage Detector Series
May, 2015 ??Rev. 25
NCP304 ONSEMI-NCP304 Datasheet
163Kb / 24P
   Voltage Detector Series
March, 2005 ??Rev. 16
NCP304 ONSEMI-NCP304_06 Datasheet
169Kb / 23P
   Voltage Detector Series
May, 2006 ??Rev. 18
NCP300 ONSEMI-NCP300_17 Datasheet
171Kb / 25P
   Voltage Detector Series
October, 2017 ??Rev. 30
NCP300 ONSEMI-NCP300_16 Datasheet
170Kb / 25P
   Voltage Detector Series
May, 2016 ??Rev. 29
NCV301HSN27T1G ONSEMI-NCV301HSN27T1G Datasheet
222Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP301LSN24T1G ONSEMI-NCP301LSN24T1G Datasheet
253Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP300 ONSEMI-NCP300_07 Datasheet
164Kb / 25P
   Voltage Detector Series
February, 2007 ??Rev. 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com