Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS5424-SP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5424-SP
Description  CLASS V, 14-BIT, 105-MSPS ANALOG-TO-DIGITAL CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5424-SP Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS5424-SP Datasheet HTML 7Page - Texas Instruments ADS5424-SP Datasheet HTML 8Page - Texas Instruments ADS5424-SP Datasheet HTML 9Page - Texas Instruments ADS5424-SP Datasheet HTML 10Page - Texas Instruments ADS5424-SP Datasheet HTML 11Page - Texas Instruments ADS5424-SP Datasheet HTML 12Page - Texas Instruments ADS5424-SP Datasheet HTML 13Page - Texas Instruments ADS5424-SP Datasheet HTML 14Page - Texas Instruments ADS5424-SP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
THD + 10Log10
P
S
P
D
SINAD + 10Log10
P
S
P
N
) PD
SNR + 10Log10
P
S
P
N
11
ADS5424-SP
www.ti.com
SLWS194D – MAY 2008 – REVISED SEPTEMBER 2013
Product Folder Links: ADS5424-SP
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
7 DEFINITION OF SPECIFICATIONS
Analog Bandwidth
The analog input frequency at which the power of the
fundamental is reduced by 3 dB with respect to the
low-frequency value
Aperture Delay
The delay in time between the rising edge of the input
sampling clock and the actual time at which the
sampling occurs
Aperture Uncertainty (Jitter)
The sample-to-sample variation in aperture delay
Clock Pulse Width/Duty Cycle
The duty cycle of a clock signal is the ratio of the time
the clock signal remains at a logic high (clock pulse
width) to the period of the clock signal. Duty cycle is
typically expressed as a percentage. A perfect
differential sine wave clock results in a 50% duty
cycle.
Maximum Conversion Rate
The maximum sampling rate at which certified
operation is given. All parametric testing is performed
at this sampling rate unless otherwise noted.
Minimum Conversion Rate
The minimum sampling rate at which the ADC
functions
Differential Nonlinearity (DNL)
An ideal ADC exhibits code transitions at analog input
values spaced exactly 1 LSB apart. DNL is the
deviation of any single step from this ideal value,
measured in units of LSB.
Integral Nonlinearity (INL)
INL is the deviation of the ADC transfer function from
a best-fit line determined by a least-squares curve fit
of that transfer function, measured in units of LSB.
Gain Error
Gain error is the deviation of the ADC actual input
full-scale range from its ideal value. Gain error is
given as a percentage of the ideal input full-scale
range.
Offset Error
The offset error is the difference, given in number of
LSBs, between the ADC's actual value average idle
channel output code and the ideal average idle
channel output code. This quantity is often mapped
into mV.
Temperature Drift
The temperature drift coefficient (with respect to gain
error and offset error) specifies the change per
degree celsius of the parameter from TMIN or TMAX. It
is computed as the maximum variation of that
parameter over the whole temperature range divided
by TMAX – TMIN.
Signal-to-Noise Ratio (SNR)
SNR is the ratio of the power of the fundamental (PS)
to the noise floor power (PN), excluding the power at
dc and in the first five harmonics.
SNR is given either in units of dBc (dB to carrier)
when the absolute power of the fundamental is used
as the reference, or dBFS (dB to full scale) when the
power of the fundamental is extrapolated to the
converter’s full-scale range.
Signal-to-Noise and Distortion (SINAD)
SINAD is the ratio of the power of the fundamental
(PS) to the power of all the other spectral components
including noise (PN) and distortion (PD), but excluding
dc.
SINAD is given either in units of dBc (dB to carrier)
when the absolute power of the fundamental is used
as the reference, or dBFS (dB to Full Scale) when the
power of the fundamental is extrapolated to the
converter’s full-scale range.
Total Harmonic Distortion (THD)
THD is the ratio of the power of the fundamental (PS)
to the power of the first five harmonics (PD).
THD is typically given in units of dBc (dB to carrier).
Spurious-Free Dynamic Range (SFDR)
The ratio of the power of the fundamental to the
highest other spectral component (either spur or
harmonic). SFDR is typically given in units of dBc (dB
to carrier).
Two-Tone Intermodulation Distortion
IMD3 is the ratio of the power of the fundamental (at
frequencies f1, f2) to the power of the worst spectral
component at either frequency 2f1 – f2 or 2f2 – f1).
IMD3 is given either in units of dBc (dB to carrier)
when the absolute power of the fundamental is used
as the reference, or dBFS (dB to full scale) when it is
referred to the full-scale range


Similar Part No. - ADS5424-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5424-SP TI1-ADS5424-SP Datasheet
400Kb / 22P
[Old version datasheet]   CLASS V, 14-BIT, 105-MSPS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS5424-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5424-SP TI1-ADS5424-SP Datasheet
400Kb / 22P
[Old version datasheet]   CLASS V, 14-BIT, 105-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5424 TI-ADS5424 Datasheet
578Kb / 25P
[Old version datasheet]   14 BIT, 105 MSPS ANALOG TO DIGITAL CONVERTER
ADS5424 TI1-ADS5424_14 Datasheet
1Mb / 29P
[Old version datasheet]   14 Bit, 105 MSPS Analog-to-Digital Converter
ADS5474-SP TI1-ADS5474-SP_V01 Datasheet
1Mb / 29P
[Old version datasheet]   Class V, 14-BIT, 400-MSPS ANALOG-TO-DIGITAL CONVERTER
DAC5675A-SP TI1-DAC5675A-SP Datasheet
584Kb / 23P
[Old version datasheet]   CLASS V, 14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5474-SP TI-ADS5474-SP Datasheet
1,020Kb / 28P
[Old version datasheet]   Class V, 14-BIT, 400-MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9648 AD-AD9648 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9254R703F AD-AD9254R703F Datasheet
2Mb / 26P
   14-Bit, 105 MSPS, 1.8V Analog-Tp-Digital Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com