Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS5421 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5421
Description  14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5421 Datasheet(HTML) 4 Page - Texas Instruments

  ADS5421 Datasheet HTML 1Page - Texas Instruments ADS5421 Datasheet HTML 2Page - Texas Instruments ADS5421 Datasheet HTML 3Page - Texas Instruments ADS5421 Datasheet HTML 4Page - Texas Instruments ADS5421 Datasheet HTML 5Page - Texas Instruments ADS5421 Datasheet HTML 6Page - Texas Instruments ADS5421 Datasheet HTML 7Page - Texas Instruments ADS5421 Datasheet HTML 8Page - Texas Instruments ADS5421 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
ADS5421
4
SBAS237E
www.ti.com
1+VSA
Analog Supply Voltage
2+VSA
Analog Supply Voltage
3+VSD
Digital Supply Voltage
4+VSD
Digital Supply Voltage
5+VSD
Digital Supply Voltage
6+VSD
Digital Supply Voltage
7
GND
Ground
8
GND
Ground
9
I
CLK
Clock Input
10
I
CLK
Complementary Clock Input
11
GND
Ground
12
GND
Ground
13
GNDRV
Ground
14
GNDRV
Ground
15
DNC
Do Not Connect
16
DV
Data Valid Pulse: HI = Data Valid
17
O
B1
Data Bit 1 (D13) (MSB)
18
O
B2
Data Bit 2 (D12)
19
O
B3
Data Bit 3 (D11)
20
O
B4
Data Bit 4 (D10)
21
O
B5
Data Bit 5 (D9)
22
O
B6
Data Bit 6 (D8)
23
O
B7
Data Bit 7 (D7)
24
O
B8
Data Bit 8 (D6)
25
O
B9
Data Bit 9 (D5)
26
O
B10
Data Bit 10 (D4)
27
O
B11
Data Bit 11 (D3)
28
O
B12
Data Bit 12 (D2)
29
O
B13
Data Bit 13 (D1)
30
O
B14
Data Bit 14 (D0) (LSB)
31
NC
No Internal Connection
32
NC
No Internal Connection
33
VDRV
Output Driver Supply Voltage
34
VDRV
Output Driver Supply Voltage
35
VDRV
Output Driver Supply Voltage
36
GNDRV
Ground
37
GNDRV
Ground
38
GNDRV
Ground
39
OE
Output Enable: HI = High Impedance
40
I
PD
Power Down: HI = Power Down; LO = Normal
41
I
BTC
HI = Binary Two’s Complement
42
GND
Ground
43
GND
Ground
44
SEL2
Reference Select 2: See Table on Page 5
45
SEL1
Reference Select 1: See Table on Page 5
46
VREF
Internal Reference Voltage
47
GND
Ground
48
GND
Ground
49
GND
Ground
50
REFB
Bottom Reference Voltage Bypass
51
CM
Common-Mode Voltage (Midscale)
52
REFT
Top Reference Voltage Bypass
53
GND
Ground
54
GND
Ground
55
GND
Ground
56
GND
Ground
57
I
IN
Complementary Analog Input
58
GND
Ground
59
I
IN
Analog Input
60
GND
Ground
61
REFBY
Reference Bypass
62
GND
Ground
63
+VSA
Analog Supply Voltage
64
+VSA
Analog Supply Voltage
PIN
I/O
DESIGNATOR
DESCRIPTION
PIN
I/O
DESIGNATOR
DESCRIPTION
PIN DESCRIPTIONS
PIN CONFIGURATION
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
GND
GND
V
REF
SEL1
SEL2
GND
GND
BTC
PD
OE
GNDRV
GNDRV
GNDRV
VDRV
VDRV
VDRV
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
+V
SA
+V
SA
+V
SD
+V
SD
+V
SD
+V
SD
GND
GND
CLK
CLK
GND
GND
GNDRV
GNDRV
DNC
DV
64
63
62
61
60
59
58
57
56
55
54
17
18
19
20
21
22
23
24
25
26
27
53
52
51
50
49
28
29
30
31
32
ADS5421Y
Top View
TQFP


Similar Part No. - ADS5421

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS5421 BURR-BROWN-ADS5421 Datasheet
395Kb / 21P
   14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS5421K5 TI-ADS5421K5 Datasheet
396Kb / 19P
[Old version datasheet]   14-Bit, 62MSPS Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS5421R BURR-BROWN-ADS5421R Datasheet
395Kb / 21P
   14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS5421T BURR-BROWN-ADS5421T Datasheet
395Kb / 21P
   14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS5421Y BURR-BROWN-ADS5421Y Datasheet
395Kb / 21P
   14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS5421

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS5421 BURR-BROWN-ADS5421 Datasheet
395Kb / 21P
   14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS821 BURR-BROWN-ADS821 Datasheet
312Kb / 18P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 BURR-BROWN-ADS800 Datasheet
368Kb / 17P
   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS5422 TI-ADS5422 Datasheet
396Kb / 19P
[Old version datasheet]   14-Bit, 62MSPS Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS852 BURR-BROWN-ADS852 Datasheet
63Kb / 5P
   14-Bit, 65MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS5422 TI1-ADS5422_14 Datasheet
999Kb / 25P
[Old version datasheet]   14-Bit, 62MSPS Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Intronics Power, Inc.
DAS1152 INTRONICS-DAS1152 Datasheet
868Kb / 4P
   14-Bit & 15-Bit Sampling Analog To Digital Converter
logo
Burr-Brown (TI)
ADS822 BURR-BROWN-ADS822 Datasheet
199Kb / 12P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS822 TI1-ADS822 Datasheet
881Kb / 19P
[Old version datasheet]   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com