Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS5403IZAYR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5403IZAYR
Description  Single Channel 12-Bit 500Msps Analog to Digital Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5403IZAYR Datasheet(HTML) 5 Page - Texas Instruments

  ADS5403IZAYR Datasheet HTML 1Page - Texas Instruments ADS5403IZAYR Datasheet HTML 2Page - Texas Instruments ADS5403IZAYR Datasheet HTML 3Page - Texas Instruments ADS5403IZAYR Datasheet HTML 4Page - Texas Instruments ADS5403IZAYR Datasheet HTML 5Page - Texas Instruments ADS5403IZAYR Datasheet HTML 6Page - Texas Instruments ADS5403IZAYR Datasheet HTML 7Page - Texas Instruments ADS5403IZAYR Datasheet HTML 8Page - Texas Instruments ADS5403IZAYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
ADS5403
www.ti.com
SLAS944B – FEBRUARY 2013 – REVISED JANUARY 2014
PACKAGE/ORDERING INFORMATION
SPECIFIED
LEAD/
TRANSPORT
ECO
ORDERING
PACKAGE-
PACKAGE
PACKAGE
PRODUCT
TEMPERATURE
BALL
MEDIA,
LEAD
DESIGNATOR
MARKING
NUMBER
PLAN(2)
RANGE
FINISH
QUANTITY
GREEN
ADS5403IZAY
Tray
ADS5403
196-BGA
ZAY
–40C to 85C
ADS5403I
(RoHS & no
ADS5403IZAYR
Tape and Reel
Sb/Br)
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
Supply voltage range, AVDD33
–0.5
4
V
Supply voltage range, AVDDC
–0.5
2.3
V
Supply voltage range, AVDD18
–0.5
2.3
V
Supply voltage range, DVDD
–0.5
2.3
V
Supply voltage range, DVDDLVDS
–0.5
2.3
V
Supply voltage range, IOVDD
–0.5
4
V
INA/B_P, INA/B_N
–0.5
AVDD33 + 0.5
V
CLKINP, CLKINN
–0.5
AVDDC + 0.5
V
Voltage applied to input pins
SYNCP, SYNCN
–0.5
AVDD33 + 0.5
V
SRESET, SDENB, SCLK, SDIO, SDO, ENABLE
–0.5
IOVDD + 0.5
V
Operating free-air temperature range, TA
–40
85
°C
Operating junction temperature range, TJ
150
°C
Storage temperature range
–65
150
°C
ESD, Human Body Model
2
kV
THERMAL INFORMATION
ADS5403
THERMAL METRIC(1)
nFBGA
UNITS
196 PINS
θJA
Junction-to-ambient thermal resistance(2)
37.6
θJCtop
Junction-to-case (top) thermal resistance(3)
6.8
θJB
Junction-to-board thermal resistance(4)
16.8
°C/W
ψJT
Junction-to-top characterization parameter(5)
0.2
ψJB
Junction-to-board characterization parameter(6)
16.4
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(4)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(5)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA , using a procedure described in JESD51-2a (sections 6 and 7).
spacer
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADS5403


Similar Part No. - ADS5403IZAYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5403 TI-ADS5403 Datasheet
575Kb / 40P
[Old version datasheet]   Dual 12-Bit 800Msps Analog-to-Digital Converter
ADS5403 TI1-ADS5403 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 900Msps Analog-to-Digital Converter
ADS5403 TI-ADS5403 Datasheet
1Mb / 40P
[Old version datasheet]   Dual Channel 12-Bit 500Msps Analog-to-Digital Converter
ADS5403 TI-ADS5403 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS5403 TI-ADS5403 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
More results

Similar Description - ADS5403IZAYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5404 TI-ADS5404 Datasheet
1Mb / 40P
[Old version datasheet]   Dual Channel 12-Bit 500Msps Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
5962-8952802XA DATEL-5962-8952802XA Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8952802XC DATEL-5962-8952802XC Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850802XA DATEL-5962-8850802XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
logo
Rohm
BA9221 ROHM-BA9221 Datasheet
279Kb / 7P
   Digital-to-analog converter, 12 bit
logo
DATEL, Inc.
5962-8952801XA DATEL-5962-8952801XA Datasheet
148Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850801XC DATEL-5962-8850801XC Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
5962-8952801XC DATEL-5962-8952801XC Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850802XC DATEL-5962-8850802XC Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com