Electronic Components Datasheet Search |
|
ADS5277IPFPT Datasheet(PDF) 10 Page - Texas Instruments |
|
|
ADS5277IPFPT Datasheet(HTML) 10 Page - Texas Instruments |
10 / 33 page TEST PATTERNS ADS5277 SBAS333D – FEBRUARY 2005 – REVISED JANUARY 2009............................................................................................................................................ www.ti.com SERIAL INTERFACE REGISTERS ADDRESS DATA DESCRIPTION REMARKS D7 D6 D5 D4 D3 D2 D1 D0 0 0 0 0 LVDS BUFFERS (Register 0) All Data Outputs 0 0 Normal ADC Output (default after reset) 0 1 Deskew Pattern 1 0 Sync Pattern See Test Patterns 1 1 Custom Pattern 0 0 Output Current in LVDS = 3.5mA (default after reset) 0 1 Output Current in LVDS = 2.5mA 1 0 Output Current in LVDS = 4.5mA 1 1 Output Current in LVDS = 6.0mA 0 0 0 1 CLOCK CURRENT (Register 1) 0 X X 0 Default LVDS Clock Output Current IOUT = 3.5mA (default) 0 X X 1 2X LVDS Clock Output Current(1) IOUT = 7.0mA 0 0 0 1 LSB/MSB MODE (Register 1) 0 0 X X LSB First Mode (default after reset) 0 1 X X MSB First Mode 0 0 1 0 POWER-DOWN ADC CHANNELS (Register 2) X X X X Example: 1010 Powers Down Power-Down Channels 1 to 4; D3 is Channels 4 and 2 and for Channel 4 and D0 for Channel 1 Keeps Channels 1 and 3 Active 0 0 1 1 POWER-DOWN ADC CHANNELS (Register 3) X X X X Power-Down Channels 5 to 8; D3 is for Channel 8 and D0 for Channel 5 CUSTOM PATTERN (Registers 4–6) D3 D2 D1 D0 Bits for Custom Pattern See Test Patterns 0 1 0 0 X X X X 0 1 0 1 X X X X 0 1 1 0 X X X X (1) Output current drive for the two clock LVDS buffers (LCLKP and LCLKN and ADCLKP and ADCLKN) is double the output current setting programmed in register 0. The current drive of the data buffers remains the same as the setting in register 0. Serial Output(1) LSB MSB ADC Output(2) 0 0 D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 Deskew Pattern 1 0 1 0 1 0 1 0 1 0 1 0 Sync Pattern 0 0 0 0 0 0 1 1 1 1 1 1 Custom Pattern(3) D0(4) D1(4) D2(4) D3(4) D0(5) D1(5) D2(5) D3(5) D0(6) D1(6) D2(6) D3(6) (1) The serial output stream comes out LSB first by default. (2) D9...D0 represent the ten output bits from the ADC. (3) D0(4) represents the content of bit D0 of register 4, D3(6) represents the content of bit D3 of register 6, etc. 10 Submit Documentation Feedback Copyright © 2005–2009, Texas Instruments Incorporated Product Folder Link(s): ADS5277 |
Similar Part No. - ADS5277IPFPT |
|
Similar Description - ADS5277IPFPT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |