Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS5270IPFPG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # ADS5270IPFPG4
Description  8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5270IPFPG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS5270IPFPG4 Datasheet HTML 7Page - Texas Instruments ADS5270IPFPG4 Datasheet HTML 8Page - Texas Instruments ADS5270IPFPG4 Datasheet HTML 9Page - Texas Instruments ADS5270IPFPG4 Datasheet HTML 10Page - Texas Instruments ADS5270IPFPG4 Datasheet HTML 11Page - Texas Instruments ADS5270IPFPG4 Datasheet HTML 12Page - Texas Instruments ADS5270IPFPG4 Datasheet HTML 13Page - Texas Instruments ADS5270IPFPG4 Datasheet HTML 14Page - Texas Instruments ADS5270IPFPG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
PIN CONFIGURATION
Top View
HTQFP
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
AVDD
IN8
N
IN8
P
AVSS
IN7
N
IN7
P
AVDD
AVSS
IN6
N
IN6
P
AVSS
IN5
N
IN5
P
AVDD
LVSS
RESET
LVSS
LVSS
ADCLK
N
ADCLK
P
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
AVDD
IN1
P
IN1
N
AVSS
IN2
P
IN2
N
AVDD
AVSS
IN3
P
IN3
N
AVSS
IN4
P
IN4
N
AVDD
LVSS
PD
LVSS
LVSS
LCLK
P
LCLK
N
80
79
78
77
76
75
74
73
72
71
70
21
22
23
24
25
26
27
28
29
30
31
69
32
33
34
35
36
37
38
39
40
68
67
66
65
64
63
62
61
ADS5270
ADS5270
www.ti.com............................................................................................................................................... SBAS293F – JANUARY 2004 – REVISED JANUARY 2009
Copyright © 2004–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS5270


Similar Part No. - ADS5270IPFPG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS5270IPFP BURR-BROWN-ADS5270IPFP Datasheet
439Kb / 18P
   8-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
ADS5270IPFPT BURR-BROWN-ADS5270IPFPT Datasheet
439Kb / 18P
   8-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
More results

Similar Description - ADS5270IPFPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC2932 TI1-DAC2932 Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
logo
Burr-Brown (TI)
DAC2932 BURR-BROWN-DAC2932 Datasheet
343Kb / 24P
   DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
ADS5231 BURR-BROWN-ADS5231 Datasheet
571Kb / 26P
   Dual, 12-Bit, 40MSPS, 3.3V Analog-to-Digital Converter
ADS5220 BURR-BROWN-ADS5220 Datasheet
433Kb / 20P
   12-Bit, 40MSPS Sampling, 3.3V ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS5120 TI-ADS5120 Datasheet
325Kb / 18P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5121 TI1-ADS5121_13 Datasheet
494Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5121 TI-ADS5121 Datasheet
404Kb / 17P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5120 TI1-ADS5120_10 Datasheet
458Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5273 TI1-ADS5273_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 70MSPS Analog-to-Digital Converter
ADS7828-Q1 TI1-ADS7828-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   12-Bit 8-Channel Sampling Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com