Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

833A Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # 833A
Description  SILICON 28V HYPERABRUPT VARACTOR DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

833A Datasheet(HTML) 1 Page - Zetex Semiconductors

  833A Datasheet HTML 1Page - Zetex Semiconductors 833A Datasheet HTML 2Page - Zetex Semiconductors 833A Datasheet HTML 3Page - Zetex Semiconductors 833A Datasheet HTML 4Page - Zetex Semiconductors 833A Datasheet HTML 5Page - Zetex Semiconductors 833A Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
SEMICO NDUC TORS
ZC829, ZDC833, ZMV829, ZMDC830, ZV831 Series
Device description
A range of silicon varactor diodes for use in
frequency control and filtering. Featuring closely
controlled CV characteristics and high Q. Low
reverse current ensures very low phase noise
performance. Available in single or dual common
cathode format in a wide rage of miniature surface
mount packages.
Features
· Close tolerance C-V characteristics
· High tuning ratio
· Low IR (typically 200pA)
· Excellent phase noise performance
· High Q
· Range of miniature surface mount packages
Applications
· VCXO and TCXO
· Wireless communications
· Pagers
· Mobile radio
*Where steeper CV slopes are required there is the 12V hyperabrupt range.
ZC930, ZMV930, ZV930, ZV931 Series
830 SERIES
ISSUE 8 - MARCH 2005
SILICON 25V HYPERABRUPT VARACTOR DIODES
SOT323
SOT23
SOD523
SOD323


Similar Part No. - 833A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
833A ZETEX-833A Datasheet
334Kb / 8P
   Silicon 25V hyperabrupt varactor diodes
More results

Similar Description - 833A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZMV829ATA ZETEX-ZMV829ATA Datasheet
151Kb / 6P
   SILICON 28V HYPERABRUPT VARACTOR DIODES
ZC930 ZETEX-ZC930 Datasheet
123Kb / 6P
   SILICON 12V HYPERABRUPT VARACTOR DIODES
ZC829ATA ZETEX-ZC829ATA Datasheet
334Kb / 8P
   Silicon 25V hyperabrupt varactor diodes
ZV831 ZETEX-ZV831 Datasheet
93Kb / 6P
   SILICON 25V HYPERABRUPT VARACTOR DIODES
ZC930 ZETEX-ZC930_07 Datasheet
75Kb / 7P
   SILICON 12V HYPERABRUPT VARACTOR DIODES
ZV950V2 ZETEX-ZV950V2 Datasheet
62Kb / 6P
   SILICON LOW VOLTAGE HYPERABRUPT VARACTOR DIODES
logo
M/A-COM Technology Solu...
MGV100-X MA-COM-MGV100-X Datasheet
506Kb / 5P
   GaAs Hyperabrupt Varactor Diodes
logo
Microsemi Corporation
MV30011 MICROSEMI-MV30011 Datasheet
189Kb / 4P
   GaAs Varactor Diodes Hyperabrupt
logo
M/A-COM Technology Solu...
MGV125-X MA-COM-MGV125-X Datasheet
500Kb / 5P
   GaAs Hyperabrupt Varactor Diodes
logo
Skyworks Solutions Inc.
SMV2026 SKYWORKS-SMV2026 Datasheet
596Kb / 7P
   Surface Mount, Silicon Hyperabrupt Tuning Varactor Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com