Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC16V130 Datasheet(PDF) 7 Page - Texas Instruments

Part # ADC16V130
Description  130 MSPS A/D Converter With LVDS Outputs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC16V130 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADC16V130_15 Datasheet HTML 3Page - Texas Instruments ADC16V130_15 Datasheet HTML 4Page - Texas Instruments ADC16V130_15 Datasheet HTML 5Page - Texas Instruments ADC16V130_15 Datasheet HTML 6Page - Texas Instruments ADC16V130_15 Datasheet HTML 7Page - Texas Instruments ADC16V130_15 Datasheet HTML 8Page - Texas Instruments ADC16V130_15 Datasheet HTML 9Page - Texas Instruments ADC16V130_15 Datasheet HTML 10Page - Texas Instruments ADC16V130_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
ADC16V130
www.ti.com
SNAS458E – NOVEMBER 2008 – REVISED MARCH 2013
Dynamic Converter Electrical Characteristics
Unless otherwise specified, the following specifications apply: VA3.0 = +3.0V, VA1.8 = VAD1.8 = VDR = +1.8V, fCLK = 130 MSPS,
AIN = -1dBFS, LVDS Rterm = 100 Ω, CL = 5 pF. Typical values are for TA = 25°C. Boldface limits apply for TMIN ≤ TA ≤ TMAX.
All other limits apply for TA = 25°C, unless otherwise noted.
(1)
Symbol
Parameter
Conditions
Typ
Limits
Units
Resolution with no missing codes
16
Bits
DR
Dynamic Range
0V analog input is applied
79
dBFS
Fin = 10 MHz
78.5
dBFS
Fin = 40 MHz
78.2
dBFS
SNR
Signal-to-Noise Ratio(2)
Fin = 70 MHz
77.8
dBFS
Fin = 160 MHz
76.7
75.5
dBFS
Fin = 240 MHz
75.6
dBFS
Fin = 10 MHz
95.5
dBFS
Fin = 40 MHz
91
dBFS
Single-tone Spurious Free Dynamic
SFDR
Fin = 70 MHz
92
dBFS
Range(2)
Fin = 160 MHz
90.6
87
dBFS
Fin = 240 MHz
85.3
dBFS
Fin = 10 MHz
-91.5
dBFS
Fin = 40 MHz
-88.4
dBFS
THD
Total Harmonic Distortion(2)
Fin = 70 MHz
-89.4
dBFS
Fin = 160 MHz
-87.1
-81
dBFS
Fin = 240 MHz
-82.8
dBFS
Fin = 10 MHz
-95.5
dBFS
Fin = 40 MHz
-104.1
dBFS
H2
Second-order Harmonic(2)
Fin = 70 MHz
-95.6
dBFS
Fin = 160 MHz
-91.5
-88
dBFS
Fin = 240 MHz
-85.3
dBFS
Fin = 10 MHz
-98.3
dBFS
Fin = 40 MHz
-89.4
dBFS
H3
Third-order Harmonic(2)
Fin = 70 MHz
-92
dBFS
Fin = 160 MHz
-90.6
-87
dBFS
Fin = 240 MHz
-87.8
dBFS
Fin = 10 MHz
106
dBFS
Fin = 40 MHz
103.2
dBFS
Worst Harmonic or Spurious Tone
Spur-H2/3
Fin = 70 MHz
104.1
dBFS
excluding H2 and H3(2)
Fin = 160 MHz
101.5
94
dBFS
Fin = 240 MHz
98.4
dBFS
Fin = 10 MHz
78.3
dBFS
Fin = 40 MHz
77.8
dBFS
SINAD
Signal-to-Noise and Distortion Ratio(2)
Fin = 70 MHz
77.5
dBFS
Fin = 160 MHz
76.3
dBFS
Fin = 240 MHz
74.8
dBFS
Fin = 10 MHz
12.7
Bits
Fin = 40 MHz
12.6
Bits
ENOB
Effective Number of Bits
Fin = 70 MHz
12.6
Bits
Fin = 160 MHz
12.4
Bits
Fin = 240 MHz
12.1
Bits
(1)
The inputs are protected as shown below. Input voltage magnitudes above VA3.0 or below GND will not damage this device, provided
current is limited per Note 4 of the Absolute Maximum Ratings table. However, errors in the A/D conversion can occur if the input goes
above 2.6V or below GND as described in the Operating Ratings section see Figure 1.
(2)
This parameter is specified in units of dBFS – indicating the equivalent value that would be attained with a full-scale input signal.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADC16V130


Similar Part No. - ADC16V130_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC16V130 TI1-ADC16V130_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, 130 MSPS A/D Converter With LVDS Outputs
More results

Similar Description - ADC16V130_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC16V130 TI1-ADC16V130_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, 130 MSPS A/D Converter With LVDS Outputs
logo
National Semiconductor ...
ADC16V130 NSC-ADC16V130 Datasheet
585Kb / 24P
   16-Bit, 130 MSPS A/D Converter with LVDS Outputs
logo
Texas Instruments
ADC14DS080 TI1-ADC14DS080 Datasheet
1Mb / 36P
[Old version datasheet]   80 MSPS A/D Converter with Serial LVDS Outputs
ADC14V155 TI1-ADC14V155_14 Datasheet
1Mb / 29P
[Old version datasheet]   155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC12QS065 TI1-ADC12QS065_14 Datasheet
1Mb / 33P
[Old version datasheet]   Quad 12-Bit 65 MSPS A/D Converter with LVDS Serialized Outputs
logo
National Semiconductor ...
ADC11DS105 NSC-ADC11DS105 Datasheet
494Kb / 24P
   Dual 11-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
ADC12DS105 NSC-ADC12DS105_08 Datasheet
499Kb / 26P
   Dual 12-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
ADC14DS080_0712 NSC-ADC14DS080_0712 Datasheet
592Kb / 28P
   Dual 14-Bit, 80 MSPS A/D Converter with Serial LVDS Outputs
ADC12QS065 NSC-ADC12QS065 Datasheet
694Kb / 18P
   Quad 12-Bit 65 MSPS A/D Converter with LVDS Serialized Outputs
ADC14DS105_0712 NSC-ADC14DS105_0712 Datasheet
597Kb / 28P
   Dual 14-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com