Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC16DX370 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADC16DX370
Description  ADC16DX370 Dual 16-Bit 370 MSPS ADC
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC16DX370 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADC16DX370 Datasheet HTML 6Page - Texas Instruments ADC16DX370 Datasheet HTML 7Page - Texas Instruments ADC16DX370 Datasheet HTML 8Page - Texas Instruments ADC16DX370 Datasheet HTML 9Page - Texas Instruments ADC16DX370 Datasheet HTML 10Page - Texas Instruments ADC16DX370 Datasheet HTML 11Page - Texas Instruments ADC16DX370 Datasheet HTML 12Page - Texas Instruments ADC16DX370 Datasheet HTML 13Page - Texas Instruments ADC16DX370 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 77 page
background image
ADC16DX370
SNVSA18C – APRIL 2014 – REVISED AUGUST 2014
www.ti.com
Converter Performance Characteristics (continued)
Unless otherwise noted, these specifications apply for VA3.0 = 3 V; VA1.8 = 1.8 V; VA1.2 = VD1.2 = 1.2 V; FCLKIN = FS = 370
MSPS; external differential resistive termination at ADC input is 66
Ω. Typical values are at TA = 25°C, unless otherwise
noted.
PARAMETER
DESCRIPTION AND TEST CONDITIONS
MIN
TYP
MAX
UNIT
Third-order intermodulation, dual tone
IMD3
dBFS
Tone 1 = 145 MHz, –10 dBFS
–102
Tone 2 = 155 MHz, –10 dBFS
Effective number of bits
ENOB
11.2
bits
Input = 150 MHz, –3 dBFS
0.9,
DNL
DIfferential nonlinearity
LSB
–0.65
INL
Integral nonlinearity
±4.5
LSB
10
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: ADC16DX370


Similar Part No. - ADC16DX370

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC16DV160 NSC-ADC16DV160 Datasheet
710Kb / 26P
   Dual Channel, 16-Bit, 160 MSPS Analog-to-Digital Converter with DDR LVDS Outputs
logo
Texas Instruments
ADC16DV160 TI1-ADC16DV160 Datasheet
1Mb / 36P
[Old version datasheet]   Dual Channel, 16-Bit, 160 MSPS Analog-to-Digital Converter with DDR LVDS Outputs
ADC16DV160 TI1-ADC16DV160 Datasheet
1Mb / 38P
[Old version datasheet]   160 MSPS Analog-to-Digital Converter
logo
National Semiconductor ...
ADC16DV160CILQ NSC-ADC16DV160CILQ Datasheet
710Kb / 26P
   Dual Channel, 16-Bit, 160 MSPS Analog-to-Digital Converter with DDR LVDS Outputs
logo
Texas Instruments
ADC16DV160CILQ/NOPB TI1-ADC16DV160CILQ/NOPB Datasheet
1Mb / 38P
[Old version datasheet]   160 MSPS Analog-to-Digital Converter
More results

Similar Description - ADC16DX370

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9460 AD-AD9460 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD4630-16 AD-AD4630-16 Datasheet
1Mb / 49P
   16-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
   16-Bit, 80 MSPS/105 MSPS ADC
AD9460 AD-AD9460_15 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD7671 AD-AD7671_15 Datasheet
675Kb / 24P
   16-Bit, 1 MSPS CMOS ADC
REV. C
AD7623 AD-AD7623 Datasheet
444Kb / 29P
   16-Bit, 1.33 MSPS PulSAR ADC
AD9446 AD-AD9446_17 Datasheet
707Kb / 37P
   16-Bit, 80/100 MSPS ADC
AD7671ASTZ AD-AD7671ASTZ Datasheet
675Kb / 24P
   16-Bit, 1 MSPS CMOS ADC
REV. C
AD9446-80LVDS AD-AD9446-80LVDS Datasheet
959Kb / 36P
   16-Bit, 80/100 MSPS ADC
REV. 0
AD7671 AD-AD7671 Datasheet
590Kb / 25P
   16-Bit, 1 MSPS CMOS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com