Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC14L020 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADC14L020
Description  150 mW A/D Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14L020 Datasheet(HTML) 4 Page - Texas Instruments

  ADC14L020 Datasheet HTML 1Page - Texas Instruments ADC14L020 Datasheet HTML 2Page - Texas Instruments ADC14L020 Datasheet HTML 3Page - Texas Instruments ADC14L020 Datasheet HTML 4Page - Texas Instruments ADC14L020 Datasheet HTML 5Page - Texas Instruments ADC14L020 Datasheet HTML 6Page - Texas Instruments ADC14L020 Datasheet HTML 7Page - Texas Instruments ADC14L020 Datasheet HTML 8Page - Texas Instruments ADC14L020 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
VDR
DR GND
AGND
VA
VD
DGND
AGND
VA
ADC14L020
SNAS325D – JUNE 2005 – REVISED APRIL 2013
www.ti.com
Pin No.
Symbol
Equivalent Circuit
Description
Digital clock input. The range of frequencies for this input is as
10
CLK
specified in the electrical tables with specified performance at 20
MHz. The input is sampled on the rising edge.
PD is the Power Down input pin. When high, this input puts the
8
PD
converter into the power down mode. When this pin is low, the
converter is in the active mode.
Digital data output pins that make up the 14-bit conversion result. D0
12-19
(pin 12) is the LSB, while D13 (pin 27) is the MSB of the output
D0–D13
22-27
word. Output levels are TTL/CMOS compatible. Optimum loading is
< 10pF.
ANALOG POWER
Positive analog supply pins. These pins should be connected to a
5, 29
VA
quiet +3.3V source and bypassed to AGND with 0.1 µF capacitors
located close to these power pins, and with a 10 µF capacitor.
4, 7, 28
AGND
The ground return for the analog supply.
DIGITAL POWER
Positive digital supply pin. This pin should be connected to the same
6
VD
quiet +3.3V source as is VA and be bypassed to DGND with a 0.1 µF
capacitor located close to the power pin and with a 10 µF capacitor.
9
DGND
The ground return for the digital supply.
Positive driver supply pin for the ADC14L020's output drivers. This
pin should be connected to a voltage source of +2.4V to VD and be
bypassed to DR GND with a 0.1 µF capacitor. If the supply for this
21
VDR
pin is different from the supply used for VA and VD, it should also be
bypassed with a 10 µF capacitor. VDR should never exceed the
voltage on VD. All 0.1 µF bypass capacitors should be located close
to the supply pin.
The ground return for the digital supply for the ADC's output drivers.
These pins should be connected to the system digital ground, but
20
DR GND
not be connected in close proximity to the ADC's DGND or AGND
pins. See LAYOUT AND GROUNDING for more details.
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: ADC14L020


Similar Part No. - ADC14L020

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020 Datasheet
915Kb / 23P
   14-Bit, 20 MSPS, 150 mW A/D Converter
ADC14L020 NSC-ADC14L020 Datasheet
909Kb / 23P
   14-Bit, 20MSPS, 150 mW A/D Converter
logo
Texas Instruments
ADC14L020 TI1-ADC14L020 Datasheet
803Kb / 33P
[Old version datasheet]   14-Bit, 20 MSPS, 150 mW A/D Converter
logo
National Semiconductor ...
ADC14L020CIVY NSC-ADC14L020CIVY Datasheet
915Kb / 23P
   14-Bit, 20 MSPS, 150 mW A/D Converter
ADC14L020CIVY NSC-ADC14L020CIVY Datasheet
909Kb / 23P
   14-Bit, 20MSPS, 150 mW A/D Converter
More results

Similar Description - ADC14L020

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020_06 Datasheet
909Kb / 23P
   14-Bit, 20MSPS, 150 mW A/D Converter
logo
Texas Instruments
ADC14L020 TI1-ADC14L020_14 Datasheet
803Kb / 33P
[Old version datasheet]   14-Bit, 20 MSPS, 150 mW A/D Converter
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020 Datasheet
915Kb / 23P
   14-Bit, 20 MSPS, 150 mW A/D Converter
ADC10D020 NSC-ADC10D020 Datasheet
767Kb / 32P
   Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
logo
Texas Instruments
ADC10040 TI1-ADC10040_15 Datasheet
1Mb / 27P
[Old version datasheet]   55.5 mW A/D Converter
ADC10080 TI1-ADC10080_15 Datasheet
1Mb / 26P
[Old version datasheet]   78.6 mW A/D Converter
ADC14L040 TI1-ADC14L040 Datasheet
821Kb / 30P
[Old version datasheet]   235 mW A/D Converter
ADC12L063 TI1-ADC12L063 Datasheet
1Mb / 31P
[Old version datasheet]   354 mW A/D Converter
ADC10D020 TI1-ADC10D020_15 Datasheet
1Mb / 39P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
ADC10D020 TI1-ADC10D020_14 Datasheet
1Mb / 40P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com