Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC141S626 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADC141S626
Description  Micro Power A/D Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC141S626 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADC141S626 Datasheet HTML 5Page - Texas Instruments ADC141S626 Datasheet HTML 6Page - Texas Instruments ADC141S626 Datasheet HTML 7Page - Texas Instruments ADC141S626 Datasheet HTML 8Page - Texas Instruments ADC141S626 Datasheet HTML 9Page - Texas Instruments ADC141S626 Datasheet HTML 10Page - Texas Instruments ADC141S626 Datasheet HTML 11Page - Texas Instruments ADC141S626 Datasheet HTML 12Page - Texas Instruments ADC141S626 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
ADC141S626
www.ti.com
SNAS434B – NOVEMBER 2007 – REVISED MARCH 2013
Typical Performance Characteristics
VA = VIO = VREF = +5V, fSCLK = 4.5 MHz, fSAMPLE = 250 kSPS, TA = +25°C, and fIN = 20 kHz unless otherwise stated.
DNL - 250 kSPS
INL - 250 kSPS
Figure 7.
Figure 8.
DNL vs. VA
INL vs. VA
Figure 9.
Figure 10.
DNL vs. VREF
INL vs. VREF
Figure 11.
Figure 12.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ADC141S626


Similar Part No. - ADC141S626

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC141S626 NSC-ADC141S626 Datasheet
519Kb / 20P
   14-Bit, 50 kSPS to 250 kSPS, Differential Input, Micro Power A/D Converter
ADC141S626CIMM NSC-ADC141S626CIMM Datasheet
519Kb / 20P
   14-Bit, 50 kSPS to 250 kSPS, Differential Input, Micro Power A/D Converter
ADC141S626CIMMX NSC-ADC141S626CIMMX Datasheet
519Kb / 20P
   14-Bit, 50 kSPS to 250 kSPS, Differential Input, Micro Power A/D Converter
ADC141S626EB NSC-ADC141S626EB Datasheet
519Kb / 20P
   14-Bit, 50 kSPS to 250 kSPS, Differential Input, Micro Power A/D Converter
More results

Similar Description - ADC141S626

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KDA0316 SAMSUNG-KDA0316 Datasheet
400Kb / 10P
   D/A CONVERTER
logo
Texas Instruments
ADC10061 TI1-ADC10061 Datasheet
1Mb / 22P
[Old version datasheet]   A/D Converter
logo
Analog Devices
AD9054A AD-AD9054A_17 Datasheet
362Kb / 21P
   A/D Converter
AD9057 AD-AD9057_17 Datasheet
358Kb / 13P
   A/D Converter
logo
Nippon Precision Circui...
SM5874AM NPC-SM5874AM Datasheet
175Kb / 18P
   D/A Converter
logo
Analog Devices
AD9203 AD-AD9203_17 Datasheet
1Mb / 29P
   A/D Converter
logo
Nippon Precision Circui...
SM5865AM NPC-SM5865AM Datasheet
130Kb / 17P
   D/A Converter
logo
Analog Devices
AD9051 AD-AD9051_17 Datasheet
686Kb / 12P
   A/D Converter
logo
Asahi Kasei Microsystem...
AKD4620B-B AKM-AKD4620B-B_06 Datasheet
663Kb / 63P
   24Bit A/D & D/A converter
AKD4556-B AKM-AKD4556-B Datasheet
746Kb / 45P
   24Bit A/D & D/A converter.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com