Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC11DV200 Datasheet(PDF) 11 Page - Texas Instruments

Part # ADC11DV200
Description  Dual 11-bit, 200 MSPS Low-Power A/D Converter with Parallel LVDS/CMOS Outputs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC11DV200 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADC11DV200_15 Datasheet HTML 7Page - Texas Instruments ADC11DV200_15 Datasheet HTML 8Page - Texas Instruments ADC11DV200_15 Datasheet HTML 9Page - Texas Instruments ADC11DV200_15 Datasheet HTML 10Page - Texas Instruments ADC11DV200_15 Datasheet HTML 11Page - Texas Instruments ADC11DV200_15 Datasheet HTML 12Page - Texas Instruments ADC11DV200_15 Datasheet HTML 13Page - Texas Instruments ADC11DV200_15 Datasheet HTML 14Page - Texas Instruments ADC11DV200_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
VA
AGND
To Internal Circuitry
I/O
ADC11DV200
www.ti.com
SNAS477A – APRIL 2009 – REVISED APRIL 2013
Timing and AC Characteristics
Unless otherwise specified, the following specifications apply: AGND = DRGND = 0V, VA = VD = VDR = +1.8V, fCLK = 200
MHz, CLK duty cycle = 50%, DCS = ON, Internal 0.75V Reference. Typical values are for TA = 25°C. Timing measurements
are taken at 50% of the signal amplitude. Boldface limits apply for TMIN ≤ TA ≤ TMAX. All other limits apply for TA = 25°C
(1)
(2)
Units
Symbol
Parameter
Conditions
Typical (3)
Limits
(Limits)
LVDS OUTPUT MODE
Maximum Clock Frequency
200
MHz (max)
DCS On
65
Minimum Clock Frequency
MHz (min)
DCS Off
45
DCS On
1.5
tCH
Clock High Time
ns (min)
DCS Off
2.4
DCS On
1.5
tCL
Clock Low Time
ns (min)
DCS Off
2.4
5/5.5
tCONV
Conversion Latency
Clock Cycles
(A/B)
tODA
Output Delay of CLK to A-Channel Data
Relative to rising edge of CLK
2.7
1.46
ns (min)
tODB
Output Delay of CLK to B-Channel Data
Relative to falling edge of CLK
2.7
1.46
ns (min)
tSU
Data Output Setup Time
Relative to DRDY
1.2
0.7
ns (min)
tH
Data Output Hold Time
Relative to DRDY
1.2
0.7
ns (min)
tAD
Aperture Delay
0.7
ns
tAJ
Aperture Jitter
0.3
ps rms
tSKEW
Data-Data Skew
20
470
ps
CMOS OUTPUT MODE (4)
Maximum Clock Frequency
170
MHz
DCS On
65
Minimum Clock Frequency
MHz
DCS Off
25
DCS On
1.76
tCH
Clock High Time
ns
DCS Off
2.82
DCS On
1.76
tCL
ns
DCS Off
2.82
tCONV
Conversion Latency
5.5
Clock Cycles
3.15
ns (min)
tOD
Output Delay of CLK to DATA
Relative to falling edge of CLK
4.5
5.81
ns (max)
tSU
Data Output Setup Time
Relative to DRDY
2.5
1.79
ns (min)
tH
Data Output Hold Time
Relative to DRDY
3.4
2.69
ns (min)
tAD
Aperture Delay
0.7
ns
tAJ
Aperture Jitter
0.3
ps rms
(1)
The inputs are protected as shown below. Input voltage magnitudes above VA or below GND will not damage this device, provided
current is limited per Absolute Maximum Ratings, Note 4. However, errors in the A/D conversion can occur if the input goes above VA or
below AGND.
(2)
With a full scale differential input of 1.5VP-P , the 11-bit LSB is 732.8µV.
(3)
Typical figures are at TA = 25°C and represent most likely parametric norms at the time of product characterization. The typical
specifications are not ensured.
(4)
CMOS Specifications are for FCLK = 170 MHz.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADC11DV200


Similar Part No. - ADC11DV200_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC11DV200 TI1-ADC11DV200_14 Datasheet
1Mb / 29P
[Old version datasheet]   Dual 11-bit, 200 MSPS Low-Power A/D Converter with Parallel LVDS/CMOS Outputs
More results

Similar Description - ADC11DV200_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC11DV200 NSC-ADC11DV200 Datasheet
521Kb / 24P
   Dual 11-bit, 200 MSPS Low-Power A/D Converter with Parallel LVDS/CMOS Outputs
logo
Texas Instruments
ADC11DV200 TI1-ADC11DV200_14 Datasheet
1Mb / 29P
[Old version datasheet]   Dual 11-bit, 200 MSPS Low-Power A/D Converter with Parallel LVDS/CMOS Outputs
logo
National Semiconductor ...
ADC10DV200 NSC-ADC10DV200 Datasheet
542Kb / 24P
   Dual 10-bit, 200 MSPS Low-Power A/D Converter with Parallel LVDS/CMOS Outputs
logo
Texas Instruments
ADC10DV200 TI1-ADC10DV200 Datasheet
502Kb / 26P
[Old version datasheet]   Dual 10-bit, 200 MSPS Low-Power A/D Converter with Parallel LVDS/CMOS Outputs
ADC11DS105 TI1-ADC11DS105 Datasheet
969Kb / 33P
[Old version datasheet]   Dual 11-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
logo
National Semiconductor ...
ADC11DS105 NSC-ADC11DS105 Datasheet
494Kb / 24P
   Dual 11-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
logo
Texas Instruments
ADS62P19 TI-ADS62P19 Datasheet
1Mb / 65P
[Old version datasheet]   Dual-Channel, 11-Bit, 250-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
logo
National Semiconductor ...
ADC12DS105 NSC-ADC12DS105_08 Datasheet
499Kb / 26P
   Dual 12-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
ADC14DS080_0712 NSC-ADC14DS080_0712 Datasheet
592Kb / 28P
   Dual 14-Bit, 80 MSPS A/D Converter with Serial LVDS Outputs
logo
Texas Instruments
ADS62C15 TI-ADS62C15_10 Datasheet
1Mb / 64P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com