Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC11C125CISQ Datasheet(PDF) 1 Page - Texas Instruments

Part # ADC11C125CISQ
Description  125 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC11C125CISQ Datasheet(HTML) 1 Page - Texas Instruments

  ADC11C125CISQ Datasheet HTML 1Page - Texas Instruments ADC11C125CISQ Datasheet HTML 2Page - Texas Instruments ADC11C125CISQ Datasheet HTML 3Page - Texas Instruments ADC11C125CISQ Datasheet HTML 4Page - Texas Instruments ADC11C125CISQ Datasheet HTML 5Page - Texas Instruments ADC11C125CISQ Datasheet HTML 6Page - Texas Instruments ADC11C125CISQ Datasheet HTML 7Page - Texas Instruments ADC11C125CISQ Datasheet HTML 8Page - Texas Instruments ADC11C125CISQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
ADC11C125
www.ti.com
SNAS387C – MAY 2007 – REVISED APRIL 2013
ADC11C125 11-Bit, 125 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
Check for Samples: ADC11C125
1
FEATURES
DESCRIPTION
The ADC11C125 is a high-performance CMOS
2
1.1 GHz Full Power Bandwidth
analog-to-digital
converter
capable
of
converting
Internal Sample-and-Hold Circuit
analog input signals into 11-Bit digital words at rates
Low Power Consumption
up to 125 Mega Samples Per Second (MSPS). This
converter uses a differential, pipelined architecture
Internal Precision 1.0V Reference
with digital error correction and an on-chip sample-
Single-Ended or Differential Clock Modes
and-hold circuit to minimize power consumption and
Clock Duty Cycle Stabilizer
the
external
component
count,
while
providing
excellent dynamic performance. A unique sample-
Dual +3.3V and +1.8V Supply Operation
and-hold stage yields a full-power bandwidth of 1.1
Power-Down and Sleep Modes
GHz. The ADC11C125 operates from dual +3.3V and
Offset Binary or 2's Complement Output Data
+1.8V power supplies and consumes 608 mW of
Format
power at 125 MSPS.
Pin-Compatible: ADC14155, ADC12C170,
The separate +1.8V supply for the digital output
ADC11C170
interface allows lower power operation with reduced
48-pin WQFN Package, (7x7x0.8mm, 0.5mm
noise. A power-down feature reduces the power
consumption to 5 mW while still allowing fast wake-up
Pin-Pitch)
time to full operation. In addition there is a sleep
feature which consumes 50 mW of power and has a
APPLICATIONS
faster wake-up time.
High IF Sampling Receivers
The differential inputs provide a full scale differential
Wireless Base Station Receivers
input swing equal to 2 times the reference voltage. A
Power Amplifier Linearization
stable 1.0V internal voltage reference is provided, or
the ADC11C125 can be operated with an external
Multi-Carrier, Multi-Mode Receivers
reference.
Test and Measurement Equipment
Clock mode (differential versus single-ended) and
Communications Instrumentation
output
data
format
(offset
binary
versus
2's
Radar Systems
complement)
are
pin-selectable.
A
duty
cycle
stabilizer maintains performance over a wide range of
KEY SPECIFICATIONS
input clock duty cycles.
Resolution 11 Bits
The
ADC11C125
is
pin
compatible
with
the
Conversion Rate 125 MSPS
ADC12C170 and the ADC14155.
SNR (fIN = 70 MHz) 65.5 dBFS (typ)
It is available in a 48-lead WQFN package and
SFDR (fIN = 70 MHz) 88.2 dBFS (typ)
operates over the industrial temperature range of
−40°C to +85°C.
ENOB (fIN = 70 MHz) 10.5 bits (typ)
Full Power Bandwidth 1.1 GHz (typ)
Power Consumption 608 mW (typ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADC11C125CISQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC11C125CISQ NSC-ADC11C125CISQ Datasheet
489Kb / 24P
   11-Bit, 125 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
More results

Similar Description - ADC11C125CISQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC11C125 NSC-ADC11C125 Datasheet
489Kb / 24P
   11-Bit, 125 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
ADC12C170_0708 NSC-ADC12C170_0708 Datasheet
426Kb / 22P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
ADC12C170 NSC-ADC12C170 Datasheet
488Kb / 24P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
ADC11C170 NSC-ADC11C170 Datasheet
420Kb / 22P
   11-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS outputs
logo
Texas Instruments
ADC12C170 TI1-ADC12C170_14 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
ADC14V155 TI1-ADC14V155_14 Datasheet
1Mb / 29P
[Old version datasheet]   155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC14155 TI1-ADC14155 Datasheet
1Mb / 28P
[Old version datasheet]   155 MSPS, 1.1 GHz Bandwidth A/D Converter
ADC14V155 TI1-ADC14V155 Datasheet
1Mb / 30P
[Old version datasheet]   1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC12V170 TI1-ADC12V170 Datasheet
1Mb / 32P
[Old version datasheet]   1.1 GHz Bandwidth A/D Converter with LVDS Outputs
logo
National Semiconductor ...
ADC14V155 NSC-ADC14V155_08 Datasheet
430Kb / 22P
   14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com