Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC10065 Datasheet(PDF) 10 Page - Texas Instruments

Part # ADC10065
Description  10-Bit 65 MSPS 3V A/D Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10065 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADC10065_15 Datasheet HTML 6Page - Texas Instruments ADC10065_15 Datasheet HTML 7Page - Texas Instruments ADC10065_15 Datasheet HTML 8Page - Texas Instruments ADC10065_15 Datasheet HTML 9Page - Texas Instruments ADC10065_15 Datasheet HTML 10Page - Texas Instruments ADC10065_15 Datasheet HTML 11Page - Texas Instruments ADC10065_15 Datasheet HTML 12Page - Texas Instruments ADC10065_15 Datasheet HTML 13Page - Texas Instruments ADC10065_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
ADC10065
SNAS225H – JULY 2003 – REVISED APRIL 2013
www.ti.com
Timing Diagram
Figure 3. Clock and Data Timing Diagram
Transfer Characteristics
Figure 4. Input vs. Output Transfer Characteristic
10
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: ADC10065


Similar Part No. - ADC10065_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC10065 TI1-ADC10065_14 Datasheet
1Mb / 27P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
More results

Similar Description - ADC10065_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC10065 TI1-ADC10065_14 Datasheet
1Mb / 27P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
logo
National Semiconductor ...
ADC10065 NSC-ADC10065 Datasheet
945Kb / 19P
   ADC10065 10-Bit 65 MSPS 3V A/D Converter
logo
Analog Devices
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
logo
Hittite Microwave Corpo...
HMCAD1040-80 HITTITE-HMCAD1040-80 Datasheet
923Kb / 14P
   Dual 10-Bit 65/80 MSPS A/D Converter
HMCAD1041-80 HITTITE-HMCAD1041-80 Datasheet
705Kb / 12P
   Single 10-Bit 65/80 MSPS A/D Converter
logo
Analog Devices
AD9289 AD-AD9289 Datasheet
1Mb / 16P
   Quad 8-Bit, 65 MSPS Serial LVDS 3V A/D Converter
Rev. PrJ 6/25/2004
logo
Intersil Corporation
HI5865 INTERSIL-HI5865 Datasheet
29Kb / 2P
   12-Bit, 65 MSPS A/D Converter
logo
Analog Devices
AD10677 AD-AD10677_15 Datasheet
625Kb / 20P
   16-Bit, 65 MSPS A/D Converter
Rev. D
AD10677 AD-AD10677 Datasheet
643Kb / 10P
   16-Bit, 65 MSPS A/D Converter
REV. B
AD9216 AD-AD9216 Datasheet
287Kb / 20P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. PrD_6/15/2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com