Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC10D020CIVS Datasheet(PDF) 9 Page - Texas Instruments

Part # ADC10D020CIVS
Description  ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10D020CIVS Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADC10D020CIVS Datasheet HTML 5Page - Texas Instruments ADC10D020CIVS Datasheet HTML 6Page - Texas Instruments ADC10D020CIVS Datasheet HTML 7Page - Texas Instruments ADC10D020CIVS Datasheet HTML 8Page - Texas Instruments ADC10D020CIVS Datasheet HTML 9Page - Texas Instruments ADC10D020CIVS Datasheet HTML 10Page - Texas Instruments ADC10D020CIVS Datasheet HTML 11Page - Texas Instruments ADC10D020CIVS Datasheet HTML 12Page - Texas Instruments ADC10D020CIVS Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
ADC10D020
www.ti.com
SNAS143D – SEPTEMBER 2001 – REVISED MARCH 2013
AC Electrical Characteristics
OS = High (Parallel Mode)
The following specifications apply for VA = +3.0 VDC, VD = +3.0 VDC, VDR = +3.0VDC, VREF = 1.0 VDC, GAIN = OF = 0V, OS =
3.0V, VIN (a.c. coupled) = FSR = 1.0 VP-P, CL = 15 pF, fCLK = 20 MHz, 50% Duty Cycle, RS = 50Ω, trc = tfc < 4 ns, NOT offset
corrected. Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25°C
(1)
Units
Symbol
Parameter
Conditions
Typical (2)
Limits (3)
(Limits)
fCLK1
Maximum Clock Frequency
30
20
MHz (min)
fCLK2
Minimum Clock Frequency
1
MHz
30
% (min)
Duty Cycle
50
70
% (max)
Pipeline Delay (Latency)
2.5
Conv Cycles
tr, tf
Output Rise and Fall Times
7
ns
toc
OC Pulse Width
10
ns
Output Delay from CLK Edge to Data
tOD
15
21
ns (max)
Valid
tDIQ
I/Q Output Delay
13
ns
tAD
Sampling (Aperture) Delay
2.4
ns
tAJ
Aperture Jitter
<10
ps (rms)
tVALID
Data Valid Time
43
ns
Overrange Recovery Time
Differential VIN step from 1.5V to 0V
50
ns
PD Low to 1/2 LSB Accurate Conversion
tWUPD
<1
ms
(Wake-Up Time)
STBY Low to 1/2 LSB Accurate
tWUSB
800
ns
Conversion (Wake-Up Time)
(1)
The inputs are protected as shown below. Input voltage magnitude up to 300 mV beyond the supply rails will not damage this device.
However, errors in the A/D conversion can occur if the input goes beyond the limits given in these tables. See Figure 2
(2)
Typical figures are at TJ = 25°C, and represent most likely parametric norms.
(3)
Test limits are specified to TI's AOQL (Average Outgoing Quality Level). Performance is ensured only at VREF = 1.0V and a clock duty
cycle of 50%. The limits for VREF and clock duty cycle specify the range over which reasonable performance is expected. Tests are
performed and limits specified with clock low and high levels of 0.3V and VD − 0.3V, respectively.
Figure 2.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ADC10D020


Similar Part No. - ADC10D020CIVS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10D020CIVS NSC-ADC10D020CIVS Datasheet
767Kb / 32P
   Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
logo
Texas Instruments
ADC10D020CIVS TI1-ADC10D020CIVS Datasheet
1Mb / 40P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
ADC10D020CIVSX TI1-ADC10D020CIVSX Datasheet
1Mb / 40P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
More results

Similar Description - ADC10D020CIVS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC10D020 TI1-ADC10D020_14 Datasheet
1Mb / 40P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
logo
National Semiconductor ...
ADC10D020 NSC-ADC10D020 Datasheet
767Kb / 32P
   Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
logo
Texas Instruments
ADC14L020 TI1-ADC14L020_14 Datasheet
803Kb / 33P
[Old version datasheet]   14-Bit, 20 MSPS, 150 mW A/D Converter
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020 Datasheet
915Kb / 23P
   14-Bit, 20 MSPS, 150 mW A/D Converter
logo
Fairchild Semiconductor
SPT7852 FAIRCHILD-SPT7852 Datasheet
67Kb / 11P
   DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7852 CADEKA-SPT7852 Datasheet
175Kb / 11P
   DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
   10-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7850 CADEKA-SPT7850 Datasheet
190Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7850 FAIRCHILD-SPT7850 Datasheet
97Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
logo
Analog Devices
AD876JST AD-AD876JST Datasheet
338Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com