Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM54LS85 Datasheet(PDF) 4 Page - Texas Instruments

Part # DM54LS85
Description  4-Bit Magnitude Comparators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM54LS85 Datasheet(HTML) 4 Page - Texas Instruments

  DM54LS85 Datasheet HTML 1Page - Texas Instruments DM54LS85 Datasheet HTML 2Page - Texas Instruments DM54LS85 Datasheet HTML 3Page - Texas Instruments DM54LS85 Datasheet HTML 4Page - Texas Instruments DM54LS85 Datasheet HTML 5Page - Texas Instruments DM54LS85 Datasheet HTML 6Page - Texas Instruments DM54LS85 Datasheet HTML 7Page - Texas Instruments DM54LS85 Datasheet HTML 8Page - Texas Instruments DM54LS85 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Switching Characteristics at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
From
To
Number of
RL e 2kX
Symbol
Parameter
Input
Output
Gate Levels
CL e 15 pF
CL e 50 pF
Units
Min
Max
Min
Max
tPLH
Propagation Delay Time
Any A or B
A k B
336
42
Low-to-High Level Output
Data Input
A l Bns
A e B
4
40
40
tPHL
Propagation Delay Time
Any A or B
A k B
330
40
High-to-Low Level Output
Data Input
A l Bns
A e B
4
30
40
tPLH
Propagation Delay Time
A k B
A l B
1
22
26
ns
Low-to-High Level Output
or A e B
tPHL
Propagation Delay Time
A k B
A l B
1
17
26
ns
High-to-Low Level Output
or A e B
tPLH
Propagation Delay Time
A eBA e B
2
20
25
ns
Low-to-High Level Output
tPHL
Propagation Delay Time
A e BA e B
2
17
26
ns
High-to-Low Level Output
tPLH
Propagation Delay Time
A l B
A k B
1
22
26
ns
Low-to-High Level Output
or A e B
tPHL
Propagation Delay Time
A l B
A k B
1
17
26
ns
High-to-Low Level Output
or A e B
3


Similar Part No. - DM54LS85

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM54LS85J NSC-DM54LS85J Datasheet
155Kb / 8P
   4-Bit Magnitude Comparators
DM54LS85W NSC-DM54LS85W Datasheet
155Kb / 8P
   4-Bit Magnitude Comparators
More results

Similar Description - DM54LS85

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5485 TI-SN5485 Datasheet
322Kb / 8P
[Old version datasheet]   4-BIT MAGNITUDE COMPARATORS
SN74LS85NSR TI1-SN74LS85NSR Datasheet
658Kb / 10P
[Old version datasheet]   4-BIT MAGNITUDE COMPARATORS
logo
National Semiconductor ...
DM7485 NSC-DM7485 Datasheet
143Kb / 6P
   4-Bit Magnitude Comparators
logo
Hitachi Semiconductor
HD74LS85 HITACHI-HD74LS85 Datasheet
92Kb / 7P
   4-bit Magnitude Comparators
logo
National Semiconductor ...
54LS85 NSC-54LS85 Datasheet
155Kb / 8P
   4-Bit Magnitude Comparators
logo
Texas Instruments
SN5485 TI1-SN5485_12 Datasheet
658Kb / 10P
[Old version datasheet]   4-BIT MAGNITUDE COMPARATORS
SN54AS885 TI1-SN54AS885_15 Datasheet
367Kb / 15P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54HC684 TI-SN54HC684_07 Datasheet
416Kb / 11P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54AS885 TI-SN54AS885 Datasheet
153Kb / 9P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54HC682 TI-SN54HC682 Datasheet
273Kb / 9P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com