Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5667 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N5667
Description  NPN POWER SILICON SWITCHING TRANSISTOR Qualified per MIL-PRF-19500/455
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N5667 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N5667 Datasheet HTML 1Page - Microsemi Corporation 2N5667 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N5664, 2N5665, 2N5666, 2N5666S, 2N5667, 2N5667S JAN SERIES
ELECTRICAL CHARACTERISTICS (con’t)
Characteristics
Symbol
Min.
Max.
Unit
Collector-Base Cutoff Current
VCB = 200 Vdc
2N5664, 2N5666, S
VCB = 250 Vdc
VCB = 300 Vdc
2N5665, 2N5667, S
VCB = 400 Vdc
ICBO
0.1
1.0
0.1
1.0
µAdc
mAdc
µAdc
mAdc
ON CHARACTERISTICS
(5)
Forward-Current Transfer Ratio
IC = 0.5 Adc, VCE = 2.0 Vdc
2N5664, 2N5666, S
2N5665, 2N5667, S
IC = 1.0 Adc, VCE = 5.0 Vdc
2N5664, 2N5666, S
2N5665, 2N5667, S
IC = 3.0 Adc, VCE = 5.0 Vdc
2N5664, 2N5666, S
2N5665, 2N5667, S
IC = 5.0 Adc, VCE = 5.0 Vdc
All Types
hFE
40
25
40
25
15
10
5.0
120
75
Collector-Emitter Saturation Voltage
IC = 3.0 Adc, IB = 0.3 Adc
2N5664, 2N5666, S
IC = 3.0 Adc, IB = 0.6 Adc
2N5665, 2N5667, S
IC = 5.0 Adc, IB = 1.0 Adc
All Types
VCE(sat)
0.4
0.4
1.0
Vdc
Base-Emitter Saturation Voltage
IC = 3.0 Adc, IB = 0.3 Adc
2N5664, 2N5666, S
IC = 3.0 Adc, IB = 0.6 Adc
2N5665, 2N5667, S
IC = 5.0 Adc, IB = 1.0 Adc
All Types
VBE(sat)
1.2
1.2
1.5
Vdc
DYNAMIC CHARACTERISTICS
Forward Current Transfer Ratio
IC = 0.5 Adc, VCE = 5.0 Vdc, f = 10 MHz
h
fe
2.0
7.0
Output Capacitance
VCB = 10 Vdc, IE = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cobo
120
pF
SWITCHING CHARACTERISTICS
Turn-On Time
VCC = 100 Vdc; IC = 1.0 Adc; IB1 = 30 mAdc
ton
0.25
µs
Turn-Off Time
VCC = 30 Vdc; IC = 1.0 Adc; IB1 = -IB2 = 50 mAdc
2N5664, 2N5666, S
2N5665, 2N5667, S
toff
1.5
2.0
µs
SAFE OPERATING AREA
DC Tests (2N5664 and 2N5665 only)
TC = 100
0C, 1 Cycle, t
≥ 1.0 s, t
r + tf = 10 µs
Test 1
VCE = 6.0 Vdc, IC = 5.0 Adc
2N5664 and 2N5665
VCE = 3.0 Vdc, IC = 5.0 Adc
2N5666 and 2N5667
Test 2
VCE = 40 Vdc, IC = 0.75 Adc
2N5664 and 2N5665
VCE = 37.5 Vdc, IC = 0.4 Adc
2N5666 and 2N5667
Test 3
VCE = 200 Vdc, IC = 43 mAdc
2N5664
VCE = 200 Vdc, IC = 27 mAdc
2N5666
Test 4
VCE = 300 Vdc, IC = 21 mAdc
2N5665
VCE = 300 Vdc, IC = 14 mAdc
2N5667
(5) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 2 of 2


Similar Part No. - 2N5667

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N5667 SEME-LAB-2N5667 Datasheet
26Kb / 3P
   NPN BIPOLAR POWER SWITCHING
logo
Microsemi Corporation
2N5667 MICROSEMI-2N5667 Datasheet
118Kb / 3P
   NPN POWER SILICON SWITCHING TRANSISTOR
logo
New Jersey Semi-Conduct...
2N5667 NJSEMI-2N5667 Datasheet
73Kb / 1P
   SILICON PLANAR NPN POWER TRANSISTORS
2N5667 NJSEMI-2N5667 Datasheet
94Kb / 2P
   Devices
logo
Seme LAB
2N5667N1 SEME-LAB-2N5667N1 Datasheet
347Kb / 3P
   NPN POWER SILICON SWITCHING TRANSISTOR
More results

Similar Description - 2N5667

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANS2N2222A MICROSEMI-JANS2N2222A Datasheet
142Kb / 6P
   NPN SILICON SWITCHING TRANSISTOR Qualified per MIL-PRF-19500/255
JANTX2N3902 MICROSEMI-JANTX2N3902 Datasheet
60Kb / 2P
   NPN HIGH POWER SILICON TRANSISTOR Qualified per MIL-PRF-19500/371
2N3418JAN MICROSEMI-2N3418JAN Datasheet
55Kb / 2P
   NPN MEDUIM POWER SILICON TRANSISTOR Qualified per MIL-PRF-19500/393
JANTXV2N6193 MICROSEMI-JANTXV2N6193 Datasheet
60Kb / 2P
   PNP MEDIUM POWER SILICON TRANSISTOR Qualified per MIL-PRF-19500/561
JANTX2N4399 MICROSEMI-JANTX2N4399 Datasheet
58Kb / 2P
   PNP HIGH POWER SILICON TRANSISTOR Qualified per MIL-PRF-19500/433
JANTX2N5680 MICROSEMI-JANTX2N5680 Datasheet
57Kb / 2P
   PNP POWER TRANSISTOR SILICON AMPLIFIER Qualified per MIL-PRF-19500/582
JANTX2N3743 MICROSEMI-JANTX2N3743 Datasheet
60Kb / 2P
   PNP HIGH VOLTAGE SILICON TRANSISTOR Qualified per MIL-PRF-19500/397
JAN2N6766 MICROSEMI-JAN2N6766 Datasheet
1,006Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/543
JAN2N6802 MICROSEMI-JAN2N6802 Datasheet
1Mb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/557
JAN2N6788 MICROSEMI-JAN2N6788 Datasheet
677Kb / 7P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/555
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com