Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54ACT257 Datasheet(PDF) 5 Page - Texas Instruments

Part # 54ACT257
Description  Quad 2-Input Multiplexer with TRI-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

54ACT257 Datasheet(HTML) 5 Page - Texas Instruments

  54ACT257 Datasheet HTML 1Page - Texas Instruments 54ACT257 Datasheet HTML 2Page - Texas Instruments 54ACT257 Datasheet HTML 3Page - Texas Instruments 54ACT257 Datasheet HTML 4Page - Texas Instruments 54ACT257 Datasheet HTML 5Page - Texas Instruments 54ACT257 Datasheet HTML 6Page - Texas Instruments 54ACT257 Datasheet HTML 7Page - Texas Instruments 54ACT257 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
OBSOLETE
54AC257, 54ACT257
www.ti.com
SNOS102B – JULY 1998 – REVISED APRIL 2013
DC CHARACTERISTICS FOR 'AC FAMILY DEVICES (continued)
54AC
VCC
TA =
Symbol
Parameter
Units
Conditions
(V)
−55°C to +125°C
Ensured Limits
VOL
Maximum Low Level Output Voltage
3.0
0.1
IOUT = 50 μA
4.5
0.1
V
5.5
0.1
(1)
VIN = VIL or VIH
3.0
0.50
12 mA
4.5
0.50
V
IOL
24 mA
5.5
0.50
24 mA
IIN
Maximum Input Leakage Current
5.5
±1.0
μA
VI = VCC, GND
IOZ
Maximum TRI-STATE Leakage
VI (OE) = VIL, VIH
Current
5.5
±10.0
μA
VI = VCC, GND
VO = VCC, GND
IOLD
(2)Minimum
5.5
50
mA
VOLD = 1.65V Max
Dynamic Output
IOHD
5.5
−50
mA
VOHD = 3.85V Min
Current
ICC
Maximum Quiescent Supply Current
5.5
80.0
μA
VIN = VCC or GND
(2)
Maximum test duration 2.0 ms, one output loaded at a time.
DC CHARACTERISTICS FOR 'ACT FAMILY DEVICES
54ACT
VCC
Symbol
Parameter
TA = −55°C to +125°C
Units
Conditions
(V)
Ensured Limits
VIH
Minimum High Level Input Voltage
4.5
2.0
VOUT = 0.1V
V
5.5
2.0
or VCC − 0.1V
VIL
Maximum Low Level Input Voltage
4.5
0.8
VOUT = 0.1V
V
5.5
0.8
or VCC − 0.1V
VOH
Minimum High Level Output Voltage
4.5
4.4
IOUT = −50 μA
V
5.5
5.4
VIN = VIL or VIH
(1)
4.5
3.70
V
IOH
−24 mA
5.5
4.70
−24 mA
VOL
Maximum Low Level Output Voltage
4.5
0.1
IOUT = 50 μA
V
5.5
0.1
VIN = VIL or VIH
(1)
4.5
0.50
V
IOL
24 mA
5.5
0.50
24 mA
IIN
Maximum Input Leakage Current
5.5
±1.0
μA
VI = VCC, GND
IOZ
Maximum TRI-STATE Leakage Current
5.5
±10.0
μA
VI = VIL, VIH VO = VCC, GND
ICCT
Maximum ICC/Input
5.5
1.6
mA
VI = VCC − 2.1V
IOLD
Minimum
5.5
50
mA
VOLD = 1.65V Max
Dynamic Output
IOHD
5.5
−50
mA
VOHD = 3.85V Min
Current(2)
ICC
Maximum Quiescent Supply Current
VIN = VCC
5.5
80.0
μA
or GND
(1)
All outputs loaded; thresholds on input associated with output under test.
(2)
Maximum test duration 2.0 ms, one output loaded at a time.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: 54AC257 54ACT257


Similar Part No. - 54ACT257

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACT257F NSC-54ACT257F Datasheet
120Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
54ACT257L NSC-54ACT257L Datasheet
120Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
More results

Similar Description - 54ACT257

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MN54AC258-X NSC-MN54AC258-X Datasheet
17Kb / 7P
   Quad 2 Input Multiplexer With TRI - STATE Outputs
54AC258 NSC-54AC258 Datasheet
143Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
54F257ADM NSC-54F257ADM Datasheet
157Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
54AC257 NSC-54AC257 Datasheet
120Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
54F258ADM NSC-54F258ADM Datasheet
159Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
logo
Texas Instruments
54AC258 TI1-54AC258 Datasheet
188Kb / 10P
[Old version datasheet]   Quad 2-Input Multiplexer with TRI-STATE Outputs
54F258A TI1-54F258A Datasheet
409Kb / 10P
[Old version datasheet]   54F258A 74F258A Quad 2-Input Multiplexer with TRI-STATE(RM) Outputs
logo
National Semiconductor ...
MN54AC251-X NSC-MN54AC251-X Datasheet
33Kb / 7P
   8-Input Multiplexer With TRI-STATE Outputs
logo
Fairchild Semiconductor
74F258A FAIRCHILD-74F258A Datasheet
56Kb / 6P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
Texas Instruments
CD74AC257 TI-CD74AC257 Datasheet
39Kb / 8P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com