Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5433 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 2N5433
Description  N-Channel JFETs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2N5433 Datasheet(HTML) 3 Page - Vishay Siliconix

  2N5433 Datasheet HTML 1Page - Vishay Siliconix 2N5433 Datasheet HTML 2Page - Vishay Siliconix 2N5433 Datasheet HTML 3Page - Vishay Siliconix 2N5433 Datasheet HTML 4Page - Vishay Siliconix 2N5433 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2N5432/5433/5434
Vishay Siliconix
Document Number: 70245
S-04028—Rev. F, 04-Jun-01
www.vishay.com
7-3
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
20
0
–8
–10
–4
8
4
0
1000
800
400
200
0
16
12
600
–2
–6
On-Resistance and Drain Current
vs. Gate-Source Cutoff Voltage
VGS(off) – Gate-Source Cutoff Voltage (V)
rDS @ ID = 10 mA, VGS = 0 V
IDSS @ VDS = 15 V, VGS = 0 V
IDSS
rDS
200
0
160
80
40
0
–8
–10
–4
50
40
20
10
0
120
30
–2
–6
Forward Transconductance and Output Conductance
vs. Gate-Source Cutoff Voltage
VGS(off) – Gate-Source Cutoff Voltage (V)
gfs and gos @ VDS = 5 V
VGS = 0 V, f = 1 kHz
gfs
gos
100
06
8
10
40
20
0
80
60
24
Output Characteristics
VDS – Drain-Source Voltage (V)
–0.4 V
–0.6 V
–0.8 V
–0.2 V
VGS(off) = –2 V
VGS = 0 V
100
0
0.3
0.4
0.5
40
20
0
80
60
0.1
0.2
Output Characteristics
VDS – Drain-Source Voltage (V)
–0.5 V
–1.0 V
–1.5 V
–0.2 V
VGS(off) = –4 V
VGS = 0 V
5
0
–6
–8
–10
4
3
2
1
0
30
015
20
10
525
24
18
12
6
0
–2
–4
Turn-On Switching
Turn-Off Switching
VGS(off) – Gate-Source Cutoff Voltage (V)
ID – Drain Current (mA)
tr approximately independent of ID
VDD = 1.5 V, RG = 50 W
VGS(L) = –10 V
ID = 25 mA
ID = 10 mA
tr
td(off)
VGS(off) = –2 V
td(off) independent
of device VGS(off)
VDD = 1.5 V, VGS(L) = –10 V
VGS(off) = –8 V
td(on)
tf


Similar Part No. - 2N5433

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N5433 ETC1-2N5433 Datasheet
43Kb / 1P
   N-Channel JFETs
logo
Vishay Siliconix
2N5433 VISHAY-2N5433 Datasheet
74Kb / 6P
   N-Channel JFETs
Rev. F, 04-Jun-01
logo
Intersil Corporation
2N5433 INTERSIL-2N5433 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
New Jersey Semi-Conduct...
2N5433 NJSEMI-2N5433 Datasheet
139Kb / 1P
   N-CHANNEL JFETS
2N5433 NJSEMI-2N5433 Datasheet
78Kb / 1P
   N-CHANNEL JFET
More results

Similar Description - 2N5433

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N4338 VISHAY-2N4338 Datasheet
56Kb / 6P
   N-Channel JFETs
Rev. E, 04-Jun-01
2N4416 VISHAY-2N4416 Datasheet
103Kb / 7P
   N-Channel JFETs
Rev. H, 24-Jan-05
J107-E3 VISHAY-J107-E3 Datasheet
64Kb / 6P
   N-Channel JFETs
Rev. D, 04-Jun-01
SST4416-E3 VISHAY-SST4416-E3 Datasheet
57Kb / 7P
   N-Channel JFETs
Rev. F, 04-Jun-01
2N5484 VISHAY-2N5484_07 Datasheet
108Kb / 8P
   N-Channel JFETs
Rev. G, 24-Jan-05
SST4117A VISHAY-SST4117A Datasheet
74Kb / 6P
   N-Channel JFETs
18-Jul-08
logo
New Jersey Semi-Conduct...
2N3819 NJSEMI-2N3819 Datasheet
145Kb / 1P
   N-CHANNEL JFETS
2N4338 NJSEMI-2N4338 Datasheet
366Kb / 3P
   N-CHANNEL JFETS
logo
Vishay Siliconix
SST310-T1-E3 VISHAY-SST310-T1-E3 Datasheet
102Kb / 8P
   N-Channel JFETs
Rev. H, 24-Jan-05
SST201-T1-E3 VISHAY-SST201-T1-E3 Datasheet
83Kb / 6P
   N-Channel JFETs
Rev. G, 15-Mar-04
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com