Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC3222 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3222
Description  Dual Channel
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3222 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADC3222 Datasheet HTML 6Page - Texas Instruments ADC3222 Datasheet HTML 7Page - Texas Instruments ADC3222 Datasheet HTML 8Page - Texas Instruments ADC3222 Datasheet HTML 9Page - Texas Instruments ADC3222 Datasheet HTML 10Page - Texas Instruments ADC3222 Datasheet HTML 11Page - Texas Instruments ADC3222 Datasheet HTML 12Page - Texas Instruments ADC3222 Datasheet HTML 13Page - Texas Instruments ADC3222 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 77 page
background image
10
ADC3221, ADC3222, ADC3223, ADC3224
SBAS672B – JULY 2014 – REVISED MARCH 2016
www.ti.com
Product Folder Links: ADC3221 ADC3222 ADC3223 ADC3224
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
AC Performance: ADC3221 (continued)
typical values are over the operating free-air temperature range, at TA = 25°C, full temperature range is TMIN = –40°C to TMAX
= 85°C, ADC sampling rate = 25 MSPS, 50% clock duty cycle, AVDD = DVDD = 1.8 V, and –1-dBFS differential input (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
ADC3221 (fS = 25 MSPS)
UNIT
DITHER ON
DITHER OFF
MIN
TYP
MAX
MIN
TYP
MAX
HD2
Second-order harmonic distortion
fIN = 10 MHz
106
97
dBc
fIN = 20 MHz
82
102
95
fIN = 70 MHz
101
95
fIN = 100 MHz
95
93
fIN = 170 MHz
88
87
fIN = 230 MHz
81
81
HD3
Third-order harmonic distortion
fIN = 10 MHz
96
88
dBc
fIN = 20 MHz
82
93
92
fIN = 70 MHz
93
87
fIN = 100 MHz
85
82
fIN = 170 MHz
87
83
fIN = 230 MHz
82
80
Non
HD2, HD3
Spurious-free dynamic range
(excluding HD2, HD3)
fIN = 10 MHz
99
92
dBc
fIN = 20 MHz
87
101
91
fIN = 70 MHz
99
93
fIN = 100 MHz
98
92
fIN = 170 MHz
99
92
fIN = 230 MHz
97
93
THD
Total harmonic distortion
fIN = 10 MHz
94
85
dBc
fIN = 20 MHz
80
92
85
fIN = 70 MHz
91
85
fIN = 100 MHz
86
82
fIN = 170 MHz
84
81
fIN = 230 MHz
78
77
IMD3
Two-tone, third-order
intermodulation distortion
fIN1 = 45 MHz,
fIN2 = 50 MHz
–95
–94
dBFS
fIN1 = 185 MHz,
fIN2 = 190 MHz
–90
–89


Similar Part No. - ADC3222

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
ADC322 MPSIND-ADC322 Datasheet
172Kb / 2P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
Texas Instruments
ADC3221 TI1-ADC3221 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Channel, Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
More results

Similar Description - ADC3222

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-1930 HP-HCPL-1930 Datasheet
229Kb / 12P
   Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
logo
PerkinElmer Optoelectro...
LHI814 PERKINELMER-LHI814 Datasheet
237Kb / 1P
   Dual Channel Detector
TPS2534 PERKINELMER-TPS2534 Datasheet
294Kb / 1P
   Dual Channel Thermopile
logo
Fairchild Semiconductor
MOCD207R2M FAIRCHILD-MOCD207R2M Datasheet
2Mb / 9P
   Dual Channel Optocoupler
logo
TT Electronics.
OPB822S TTELEC-OPB822S Datasheet
1Mb / 4P
   Dual Channel Encoder
logo
Texas Instruments
ADC32RF80 TI1-ADC32RF80 Datasheet
434Kb / 8P
[Old version datasheet]   ADC32RF80 Dual-Channel
logo
Solid State Optronic
SDT800-F8 SSOUSA-SDT800-F8 Datasheet
223Kb / 8P
   Dual Channel Optocoupler
logo
Fairchild Semiconductor
MOCD217M FAIRCHILD-MOCD217M Datasheet
2Mb / 10P
   Dual Channel Phototransistor
logo
Infineon Technologies A...
2N7002DW INFINEON-2N7002DW_14 Datasheet
448Kb / 9P
   Dual N-channel
Rev.2.3 2014-09-19
logo
TT Electronics.
OPB950Z TTELEC-OPB950Z Datasheet
976Kb / 6P
   Dual Channel Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com