Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5198 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 2N5198
Description  Monolithic N-Channel JFET Duals
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2N5198 Datasheet(HTML) 2 Page - Vishay Siliconix

  2N5198 Datasheet HTML 1Page - Vishay Siliconix 2N5198 Datasheet HTML 2Page - Vishay Siliconix 2N5198 Datasheet HTML 3Page - Vishay Siliconix 2N5198 Datasheet HTML 4Page - Vishay Siliconix 2N5198 Datasheet HTML 5Page - Vishay Siliconix 2N5198 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2N5196/5197/5198/5199
Vishay Siliconix
www.vishay.com
8-2
Document Number: 70252
S-04031—Rev. D, 04-Jun-01
SPECIFICATIONS FOR 2N5196 AND 2N5197 (TA = 25_C UNLESS OTHERWISE NOTED)
Limits
2N5196
2N5197
Parameter
Symbol
Test Conditions
Typa
Min
Max
Min
Max
Unit
Static
Gate-Source Breakdown Voltage
V(BR)GSS
IG = –1 mA, VDS = 0 V
–57
–50
–50
Gate-Source Cutoff Voltage
VGS(off)
VDS = 20 V, ID = 1 nA
–2
–0.7
–4
–0.7
–4
V
Saturation Drain Currentb
IDSS
VDS = 20 V, VGS = 0 V
3
0.7
7
0.7
7
mA
VGS = –30 V, VDS = 0 V
–10
–25
–25
pA
Gate Reverse Current
IGSS
TA = 150_C
–20
–50
–50
nA
VDG = 20 V, ID = 200 mA
–5
–15
–15
pA
Gate Operating Current
IG
TA = 125_C
–0.8
–15
–15
nA
Gate-Source Voltage
VGS
VDG = 20 V, ID = 200 mA
–1.5
–0.2
–3.8
–0.2
–3.8
V
Dynamic
Common-Source
Forward Transconductance
gfs
VDS = 20 V, VGS = 0 V
2.5
1
4
1
4
mS
Common-Source
Output Conductance
gos
VDS = 20 V, VGS = 0 V
f = 1 kHz
2
50
50
mS
Common-Source
Forward Transconductance
gfs
VDS = 20 V, ID = 200 mA
0.8
0.7
1.6
0.7
1.6
mS
Common-Source
Output Conductance
gos
VDS = 20 V, ID = 200 mA
f = 1 kHz
1
4
4
mS
Common-Source
Input Capacitance
Ciss
VDS = 20 V, VGS = 0 V
3
6
6
Common-Source
Reverse Transfer Capacitance
Crss
VDS = 20 V, VGS = 0 V
f = 1 MHz
1
2
2
pF
Equivalent Input Noise Voltage
en
VDS = 20 V, VGS = 0 V, f = 1 kHz
9
20
20
nV
√Hz
Noise Figure
NF
VDS = 20 V, VGS = 0 V
f = 100 Hz, RG = 10 MW
0.5
0.5
dB
Matching
Differential Gate-Source Voltage
|V
GS1–VGS2
|
VDG = 20 V, ID = 200 mA
5
5
mV
Gate-Source Voltage Differential
Change with Temperature
D|V
GS1–VGS2
|
DT
VDG = 20 V, ID = 200 mA
TA = –55 to 125_C
5
10
mV/_C
Saturation Drain Current Ratio
I
DSS1
I
DSS2
VDS = 20 V, VGS = 0 V
0.98
0.95
1
0.95
1
Transconductance Ratio
g
fs1
g
fs2
VDS = 20 V, ID = 200 mA
0.99
0.97
1
0.97
1
Differential Output Conductance
|g
os1–gos2
|
VDS = 20 V, ID = 200 mA
f = 1 kHz
0.1
1
1
mS
Differential Gate Current
|I
G1–IG2
|
VDG = 20 V, ID = 200 mA , TA = 125_C
0.1
5
5
nA
Common Mode Rejection Ratioc
CMRR
VDG = 10 to 20 V, ID = 200 mA
100
dB


Similar Part No. - 2N5198

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
2N5198 INTERSIL-2N5198 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
New Jersey Semi-Conduct...
2N5198 NJSEMI-2N5198 Datasheet
169Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFETS
logo
InterFET Corporation
2N5198 INTERFET-2N5198 Datasheet
418Kb / 1P
   N-Channel Dual Silicon Junction Field-Effect Transistor
More results

Similar Description - 2N5198

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SST5198NL VISHAY-SST5198NL Datasheet
73Kb / 6P
   Monolithic N-Channel JFET Duals
Rev. B, 11-Mar-03
2N5545JANTX VISHAY-2N5545JANTX Datasheet
51Kb / 5P
   Monolithic N-Channel JFET Duals
Rev. C, 04-Jun-01
logo
Micross Components
LS840_PDIP MICROSS-LS840_PDIP Datasheet
283Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS841_PDIP MICROSS-LS841_PDIP Datasheet
283Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS842_TO-78 MICROSS-LS842_TO-78 Datasheet
285Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS833_PDIP MICROSS-LS833_PDIP Datasheet
283Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS833_TO-71 MICROSS-LS833_TO-71 Datasheet
285Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS840_SOIC MICROSS-LS840_SOIC Datasheet
283Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS840_TO-71 MICROSS-LS840_TO-71 Datasheet
285Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS844_TO-71 MICROSS-LS844_TO-71 Datasheet
285Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com